Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B37956J5474K060 Datasheet(PDF) 2 Page - EPCOS

Part # B37956J5474K060
Description  Multilayer ceramic capacitor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37956J5474K060 Datasheet(HTML) 2 Page - EPCOS

  B37956J5474K060 Datasheet HTML 1Page - EPCOS B37956J5474K060 Datasheet HTML 2Page - EPCOS B37956J5474K060 Datasheet HTML 3Page - EPCOS B37956J5474K060 Datasheet HTML 4Page - EPCOS B37956J5474K060 Datasheet HTML 5Page - EPCOS B37956J5474K060 Datasheet HTML 6Page - EPCOS B37956J5474K060 Datasheet HTML 7Page - EPCOS B37956J5474K060 Datasheet HTML 8Page - EPCOS B37956J5474K060 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
2
2
12/0505
Features
High volumetric efficiency
Non-linear capacitance change
High insulation resistance
High pulse strength
Applications
Blocking and coupling
Decoupling
Interference suppression
Termination
For soldering: Nickel-barrier termination (Ni) for case sizes 0402 to 1210
Silver-palladium termination (AgPd) for case sizes 1812 and 2220
(capacitance values
≤1 μF)
For conductive adhesion: Silver-palladium termination (AgPd) for all case sizes on request
Options
Alternative capacitance tolerances available on request
Delivery mode
Cardboard and blister tape (blister tape for chip thickness
≥1.2 ±0.1 mm and case sizes ≥1210),
180-mm and 330-mm reel available
Bulk case for case sizes 0603 (16 V, 25 V, 50 V) and 0805 (50 V)
Electrical data
Temperature characteristic
X7R
Climatic category (IEC 60068-1)
55/125/56
Standard
EIA
Dielectric
Class 2
Rated voltage1)
VR
10, 16, 25, 50,100, 200, 500 VDC
Test voltage
Vtest
2.5 · VR/5 s
VDC
Capacitance range2) / E series
CR
100 pF … 1 µF (E3/E6)
Max. relative capacitance change
ΔC/C
±15
%
Dissipation factor (limit value)
tan
δ
<25 · 10–3
<35 · 10–3 for 16 V
Insulation resistance3) at + 25
°CR
ins
>105
M
Ω
Insulation resistance3) at +125
°CR
ins
>104
M
Ω
Time constant3) at + 25
°C
τ
>1000
s
Time constant3) at +125
°C
τ
>100
s
Operating temperature range
Top
–55 … +125
°C
Ageing4)
yes
1) Note: No operation on AC line.
3) For CR >10 nF the time constant τ = C · Rins is given.
2) See also HighCap series in data book or Internet
4) Refer to data book 2003 “General Techn. Inform.”, page 197.
Chip
X7R
Multilayer ceramic capacitors
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B37956J5474K060

ManufacturerPart #DatasheetDescription
logo
EPCOS
B37956K5105K062 EPCOS-B37956K5105K062 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
B37956K5105K072 EPCOS-B37956K5105K072 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
B37956K5474K062 EPCOS-B37956K5474K062 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
B37956K5474K072 EPCOS-B37956K5474K072 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
More results

Similar Description - B37956J5474K060

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL21C220 SAMSUNG-CL21C220 Datasheet
552Kb / 35P
   Multilayer Ceramic Capacitor
CL31B104KCFNNNF SAMSUNG-CL31B104KCFNNNF Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
logo
EPCOS
B37931K5104K0 EPCOS-B37931K5104K0 Datasheet
64Kb / 5P
   Multilayer ceramic capacitor
B37941X EPCOS-B37941X Datasheet
413Kb / 14P
   Multilayer ceramic capacitor
logo
Samsung semiconductor
CL03C101JA3ANNC SAMSUNG-CL03C101JA3ANNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL05B104KONC SAMSUNG-CL05B104KONC Datasheet
549Kb / 35P
   Multilayer Ceramic Capacitor
CL10C180JB8NNNC SAMSUNG-CL10C180JB8NNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL21C100CBANNNC SAMSUNG-CL21C100CBANNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL10B101KB8NNNC SAMSUNG-CL10B101KB8NNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
logo
Murata Manufacturing Co...
GRM31CF11H475ZA01L MURATA1-GRM31CF11H475ZA01L Datasheet
47Kb / 1P
   Capacitor Ceramic Multilayer
2015/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com