Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIP1030 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HIP1030
Description  1A High Side Driver with Overload Protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP1030 Datasheet(HTML) 5 Page - Intersil Corporation

  HIP1030_00 Datasheet HTML 1Page - Intersil Corporation HIP1030_00 Datasheet HTML 2Page - Intersil Corporation HIP1030_00 Datasheet HTML 3Page - Intersil Corporation HIP1030_00 Datasheet HTML 4Page - Intersil Corporation HIP1030_00 Datasheet HTML 5Page - Intersil Corporation HIP1030_00 Datasheet HTML 6Page - Intersil Corporation HIP1030_00 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
FIGURE 3. TYPICAL RISE TIME AND FALL TIME CHARACTERISTICS OF THE HIP1030 WITH A RESISTIVE AND CAPACITIVE
LOAD. THE TURN-ON TIME OF APPROXIMATELY 1.1
µs IS PRIMARILY DETERMINED BY THE VCC SUPPLY. THE
OUTPUT FALL TIME IS LIMITED BY RC TIME CONSTANT OF THE LOAD.
FIGURE 4. TYPICAL SWITCHING CHARACTERISTIC OF THE
HIP1030 WITH AN OUTPUT RESISTIVE LOAD
FIGURE 5. TYPICAL OUTPUT INDUCTIVE LOAD SWITCHING
PULSE. THE NEGATIVE CLAMP VOLTAGE
(VCC -31V) FOR THE INDUCTIVE KICK PULSE IS
REFERENCED TO THE VCC SUPPLY INPUT
FIGURE 6A. TURN-ON TIME (
µs)
FIGURE 6B. TURN-OFF TIME (
µs)
FIGURE 6. TYPICAL LOW SUPPLY VOLTAGE SWITCHING CHARACTERISTICS OF THE HIP1030. THE TURN-ON AND TURN-OFF
CHARACTERISTICS ARE SHOWN FOR VCC = 4.5V.
Typical Performance Curves (Continued)
SWITCHING TIME (ms)
VCC = 12V, LOAD = 16Ω; TA = 25
oC
INPUT: VIN = 0V to 2V STEP, 50% DUTY CYCLE PULSE
15
10
5
0
0
0.4
0.8
1.2
1.6
2.0
INDUCTIVE PULSE SWITCHING TIME (ms)
VCC = 15V, LOAD = 70mH + 22.3Ω IN SERIES; TA = 25
oC
INPUT: VIN = 0V to 2V STEP, 50% DUTY CYCLE PULSE
15
10
5
0
-15
-10
-5
NEGATIVE INDUCTIVE
SWITCHING PULSE
012345
6
4
2
0
012345
tON
VCC = 4.5V, LOAD = 8Ω, TA = 25
oC
INPUT: VIN = 0V to 2V STEP, 1ms PERIOD, 500µs PULSE
6
4
2
0
0
4
812
1620
tOFF
VCC = 4.5V, LOAD = 8Ω, TA = 25
oC
INPUT: VIN = 0V to 2V STEP, 1ms PERIOD, 500µs PULSE
HIP1030


Similar Part No. - HIP1030_00

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP1030AS INTERSIL-HIP1030AS Datasheet
36Kb / 5P
   1A High Side Driver with Overload Protection
More results

Similar Description - HIP1030_00

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP1030 INTERSIL-HIP1030 Datasheet
36Kb / 5P
   1A High Side Driver with Overload Protection
HIP1031 INTERSIL-HIP1031 Datasheet
29Kb / 4P
   Half Amp High Side Driver with Overload Protection
logo
ON Semiconductor
AMIS-39101 ONSEMI-AMIS-39101 Datasheet
164Kb / 12P
   Octal High Side Driver with Protection
December, 2008 ??Rev. 2
logo
AMI SEMICONDUCTOR
AMIS-39100 AMI-AMIS-39100 Datasheet
491Kb / 16P
   Octal High Side Driver with Protection
logo
ON Semiconductor
AMIS39100PNPB3RG ONSEMI-AMIS39100PNPB3RG Datasheet
173Kb / 12P
   Octal High Side Driver with Protection
January, 2009 ??Rev. 2
AMIS-39100 ONSEMI-AMIS-39100 Datasheet
173Kb / 12P
   Octal High Side Driver with Protection
January, 2009 ??Rev. 2
logo
AMI SEMICONDUCTOR
AMIS-39101 AMI-AMIS-39101 Datasheet
526Kb / 15P
   Octal High-Side Driver with Protection
logo
Bourns Electronic Solut...
2038-110-SM-RPLF BOURNS-2038-110-SM-RPLF_12 Datasheet
205Kb / 1P
   Driver Side Protection
2038-110-SM-RPLF BOURNS-2038-110-SM-RPLF Datasheet
758Kb / 1P
   Driver Side Protection
logo
National Semiconductor ...
LM3551 NSC-LM3551_06 Datasheet
752Kb / 15P
   1A White LED Driver with Flash Timeout Protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com