Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS82C59AZ96 Datasheet(PDF) 9 Page - Intersil Corporation

Part # CS82C59AZ96
Description  CMOS Priority Interrupt Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS82C59AZ96 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button CS82C59AZ96 Datasheet HTML 5Page - Intersil Corporation CS82C59AZ96 Datasheet HTML 6Page - Intersil Corporation CS82C59AZ96 Datasheet HTML 7Page - Intersil Corporation CS82C59AZ96 Datasheet HTML 8Page - Intersil Corporation CS82C59AZ96 Datasheet HTML 9Page - Intersil Corporation CS82C59AZ96 Datasheet HTML 10Page - Intersil Corporation CS82C59AZ96 Datasheet HTML 11Page - Intersil Corporation CS82C59AZ96 Datasheet HTML 12Page - Intersil Corporation CS82C59AZ96 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9
FN2784.5
March 17, 2006
e. If lC4 = 0, then all functions selected in lCW4 are set to
zero. (Non-Buffered mode (see note), no Auto-EOI,
8080/85 system).
NOTE: Master/Slave in ICW4 is only used in the buffered mode.
Initialization Command Words 1 and 2 (ICW1, lCW2)
A5 - A15: Page starting address of service routines. In an
8080/85 system the 8 request levels will generate CALLS to
8 locations equally spaced in memory. These can be
programmed to be spaced at intervals of 4 or 8 memory
locations, thus, the 8 routines will occupy a page of 32 or 64
bytes, respectively.
The address format is 2 bytes long (A0 - A15). When the
routine interval is 4, A0 - A4 are automatically inserted by the
82C59A, while A5 - A15 are programmed externally. When
the routine interval is 8, A0 - A5 are automatically inserted by
the 82C59A while A6 - A15 are programmed externally.
The 8-byte interval will maintain compatibility with current
software, while the 4-byte interval is best for a compact jump
table.
In an 80C86/88/286 system, A15 - A11 are inserted in the
five most significant bits of the vectoring byte and the
82C59A sets the three least significant bits according to the
interrupt level. A10 - A5 are ignored and ADI (Address
interval) has no effect.
LTlM:
If LTlM = 1, then the 82C59A will operate in the level
interrupt mode. Edge detect logic on the interrupt
inputs will be disabled.
ADI:
ALL address interval. ADI = 1 then interval = 4; ADI
= 0 then interval = 8.
SNGL: Single. Means that this is the only 82C59A in the
system. If SNGL = 1, no ICW3 will be issued.
IC4:
If this bit is set - lCW4 has to be issued. If lCW4 is
not needed, set lC4 = 0.
Initialization Command Word 3 (ICW3)
This word is read only when there is more than one 82C59A
in the system and cascading is used, in which case
SNGL = 0. It will load the 8-bit slave register. The functions of
this register are:
a. In the master mode (either when SP = 1, or in buffered
mode when M/S = 1 in lCW4) a “1” is set for each slave in
the bit corresponding to the appropriate IR line for the
slave. The master then will release byte 1 of the call
sequence (for 8080/85 system) and will enable the corre-
sponding slave to release bytes 2 and 3 (for 80C86/88/
286, only byte 2) through the cascade lines.
b. In the slave mode (either when SP = 0, or if BUF = 1 and
M/S = 0 in lCW4), bits 2 - 0 identify the slave. The slave
compares its cascade input with these bits and if they are
equal, bytes 2 and 3 of the call sequence (or just byte 2 for
80C86/88/286) are released by it on the Data Bus.
NOTE: (The slave address must correspond to the IR line it is
connected to in the master ID).
Initialization Command Word 4 (ICW4)
SFNM: If SFNM = 1, the special fully nested mode is pro-
grammed.
BUF:
If BUF = 1, the buffered mode is programmed. In
buffered mode, SP/EN becomes an enable output
and the master/slave determination is by M/S.
M/S:
If buffered mode is selected: M/S = 1 means the
82C59A is programmed to be a master, M/S = 0
means the 82C59A is programmed to be a slave. If
BUF = 0, M/S has no function.
AEOI:
If AEOI = 1, the automatic end of interrupt mode is
programmed.
µPM:
Microprocessor mode:
µPM = 0 sets the 82C59A for
8080/85 system operation,
µPM = 1 sets the
82C59A for 80C86/88/286 system operation.
ICW1
ICW2
IN
CASCADE
MODE
ICW3
IS ICW4
NEEDED
ICW4
READY TO ACCEPT
INTERRUPT REQUESTS
NO (SNGL = 1)
YES (SNGL = 0))
YES (IC4 = 1)
NO (IC4 = 0)
FIGURE 6. 82C59A INITIALIZATION SEQUENCE
82C59A
82C59A


Similar Part No. - CS82C59AZ96

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CS82C59A INTERSIL-CS82C59A Datasheet
152Kb / 20P
   CMOS Priority Interrupt Controller
March 1997
CS82C59A-12 INTERSIL-CS82C59A-12 Datasheet
152Kb / 20P
   CMOS Priority Interrupt Controller
March 1997
CS82C59A-5 INTERSIL-CS82C59A-5 Datasheet
152Kb / 20P
   CMOS Priority Interrupt Controller
March 1997
More results

Similar Description - CS82C59AZ96

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
82C59A INTERSIL-82C59A Datasheet
152Kb / 20P
   CMOS Priority Interrupt Controller
March 1997
logo
Renesas Technology Corp
82C59A RENESAS-82C59A Datasheet
604Kb / 23P
   CMOS Priority Interrupt Controller
Sep 8, 2015
logo
Motorola, Inc
MC6828 MOTOROLA-MC6828 Datasheet
755Kb / 8P
   PRIORITY INTERRUPT CONTROLLER
logo
Intel Corporation
M8214 INTEL-M8214 Datasheet
212Kb / 2P
   PRIORITY INTERRUPT CONTROL UNIT
logo
List of Unclassifed Man...
USC68HC908 ETC1-USC68HC908 Datasheet
2Mb / 3P
   PROGRAMMABLE INTERRUPT CONTROLLER CMOS
logo
SyncMOS Technologies,In...
SM5953 SYNCMOS-SM5953 Datasheet
629Kb / 43P
   Six interrupt sources with two priority levels
logo
Megawin Technology Co.,...
MPC82E52 MEGAWIN-MPC82E52 Datasheet
2Mb / 144P
   Interrupt controller
MG86FE104 MEGAWIN-MG86FE104 Datasheet
3Mb / 134P
   Interrupt controller
MG74PG1A08 MEGAWIN-MG74PG1A08 Datasheet
1Mb / 127P
   Interrupt controller
logo
Fujitsu Component Limit...
MB89259A FUJITSU-MB89259A Datasheet
52Kb / 1P
   INTERRUPT CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com