Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC271BCDRG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # TLC271BCDRG4
Description  LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC271BCDRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLC271BCDRG4 Datasheet HTML 5Page - Texas Instruments TLC271BCDRG4 Datasheet HTML 6Page - Texas Instruments TLC271BCDRG4 Datasheet HTML 7Page - Texas Instruments TLC271BCDRG4 Datasheet HTML 8Page - Texas Instruments TLC271BCDRG4 Datasheet HTML 9Page - Texas Instruments TLC271BCDRG4 Datasheet HTML 10Page - Texas Instruments TLC271BCDRG4 Datasheet HTML 11Page - Texas Instruments TLC271BCDRG4 Datasheet HTML 12Page - Texas Instruments TLC271BCDRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 82 page
background image
TLC271, TLC271A, TLC271B
LinCMOS
 PROGRAMMABLE LOW-POWER
OPERATIONAL AMPLIFIERS
SLOS090D – NOVEMBER 1987 – REVISED MARCH 2001
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
HIGH-BIAS MODE
operating characteristics at specified free-air temperature, VDD = 5 V
PARAMETER
TEST CONDITIONS
TA
TLC271C, TLC271AC,
TLC271BC
UNIT
A
MIN
TYP
MAX
25
°C
3.6
VI(PP) = 1 V
0
°C
4
SR
Slew rate at unity gain
RL = 10 kΩ,
CL 20 pF
()
70
°C
3
V/
µs
SR
Slew rate at unity gain
CL = 20 pF,
See Figure 98
25
°C
2.9
V/
µs
See Figure 98
VI(PP) = 2.5 V
0
°C
3.1
()
70
°C
2.5
V
Equivalent input noise voltage
f = 1 kHz,
RS = 20 Ω,
25
°C
25
nV/
√Hz
Vn
Equivalent input noise voltage
,
See Figure 99
S
,
25
°C
25
nV/
√Hz
VV
C20 F
25
°C
320
BOM
Maximum output-swing bandwidth
VO = VOH ,
RL =10kΩ
CL = 20 pF,
See Figure 98
0
°C
340
kHz
RL = 10 kΩ,
See Figure 98
70
°C
260
V10
V
C20 F
25
°C
1.7
B1
Unity-gain bandwidth
VI = 10 mV,
See Figure 100
CL = 20 pF,
0
°C
2
MHz
See Figure 100
70
°C
1.3
V10 mV
fB
25
°C
46
°
φm
Phase margin
VI = 10 mV,
CL = 20 pF,
f = B1,
See Figure 100
0
°C
47
°
CL = 20 F,
See Figure 100
70
°C
44
°
operating characteristics at specified free-air temperature, VDD = 10 V
PARAMETER
TEST CONDITIONS
TA
TLC271C, TLC271AC,
TLC271BC
UNIT
A
MIN
TYP
MAX
25
°C
5.3
VI(PP) = 1 V
0
°C
5.9
SR
Slew rate at unity gain
RL = 10 kΩ,
CL 20 pF
()
70
°C
4.3
V/
µs
SR
Slew rate at unity gain
CL = 20 pF,
See Figure 98
25
°C
4.6
V/
µs
See Figure 98
VI(PP) = 5.5 V
0
°C
5.1
()
70
°C
3.8
V
Equivalent input noise voltage
f = 1 kHz,
RS = 20 Ω,
25
°C
25
nV/
√Hz
Vn
Equivalent input noise voltage
,
See Figure 99
S
,
25
°C
25
nV/
√Hz
VV
C20 F
25
°C
200
BOM
Maximum output-swing bandwidth
VO = VOH,
RL =10kΩ
CL = 20 pF,
See Figure 98
0
°C
220
kHz
RL = 10 kΩ,
See Figure 98
70
°C
140
V10
V
C20 F
25
°C
2.2
B1
Unity-gain bandwidth
VI = 10 mV,
See Figure 100
CL = 20 pF,
0
°C
2.5
MHz
See Figure 100
70
°C
1.8
fB
V10 mV
25
°C
49
°
φm
Phase margin
f = B1,
CL = 20 pF,
VI = 10 mV,
See Figure 100
0
°C
50
°
CL = 20 F,
See Figure 100
70
°C
46
°


Similar Part No. - TLC271BCDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC271BCDRG4 TI-TLC271BCDRG4 Datasheet
1Mb / 83P
[Old version datasheet]   LinCMOS PROGRAMMABLE LOW-POWER TIONAL AMPLIFIERS
More results

Similar Description - TLC271BCDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC251 TI-TLC251 Datasheet
273Kb / 18P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC271 TI-TLC271 Datasheet
1Mb / 74P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLV2341 TI-TLV2341 Datasheet
748Kb / 51P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2341 TI1-TLV2341_16 Datasheet
745Kb / 53P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
TLC27L1 TI-TLC27L1 Datasheet
520Kb / 32P
[Old version datasheet]   LinCMOSE LOW-POWER OPERATIONAL AMPLIFIERS
TLC27L1 TI1-TLC27L1_08 Datasheet
519Kb / 32P
[Old version datasheet]   LinCMOSE LOW-POWER OPERATIONAL AMPLIFIERS
TLV2322 TI-TLV2322 Datasheet
502Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
TLV2322 TI1-TLV2322_12 Datasheet
769Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
TLV2332 TI-TLV2332 Datasheet
500Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE MEDIUM-POWER OPERATIONAL AMPLIFIERS
TLV2332 TI1-TLV2332_16 Datasheet
988Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE MEDIUM-POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com