Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC271BCDRG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # TLC271BCDRG4
Description  LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC271BCDRG4 Datasheet(HTML) 5 Page - Texas Instruments

  TLC271BCDRG4 Datasheet HTML 1Page - Texas Instruments TLC271BCDRG4 Datasheet HTML 2Page - Texas Instruments TLC271BCDRG4 Datasheet HTML 3Page - Texas Instruments TLC271BCDRG4 Datasheet HTML 4Page - Texas Instruments TLC271BCDRG4 Datasheet HTML 5Page - Texas Instruments TLC271BCDRG4 Datasheet HTML 6Page - Texas Instruments TLC271BCDRG4 Datasheet HTML 7Page - Texas Instruments TLC271BCDRG4 Datasheet HTML 8Page - Texas Instruments TLC271BCDRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 82 page
background image
TLC271, TLC271A, TLC271B
LinCMOS
 PROGRAMMABLE LOW-POWER
OPERATIONAL AMPLIFIERS
SLOS090D – NOVEMBER 1987 – REVISED MARCH 2001
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage, VDD (see Note 1)
18 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential input voltage, VID (see Note 2)
±VDD
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (any input)
– 0.3 V to VDD
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input current, II
±5 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current, IO
±30 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Duration of short-circuit current at (or below) 25
°C (see Note 3)
Unlimited
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature, TA: C suffix
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
I suffix
– 40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
M suffix
– 55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Case temperature for 60 seconds: FK package
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds: D or P package
260
°C
. . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 60 seconds: JG package
300
°C
. . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values, except differential voltages, are with respect to network ground.
2. Differential voltages are at IN+ with respect to IN –.
3. The output may be shorted to either supply. Temperature and/or supply voltages must be limited to ensure that the maximum
dissipation rating is not exceeded (see application section).
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
TA = 125°C
POWER RATING
D
725 mW
5.8 mW/
°C
464 mW
377 mW
145 mW
FK
1375 mW
11.0 mW/
°C
880 mW
715 mW
275 mW
JG
1050 mW
8.4 mW/
°C
672 mW
546 mW
210 mW
P
1000 mW
8.0 mW/
°C
640 mW
520 mW
200 mW
recommended operating conditions
C SUFFIX
I SUFFIX
M SUFFIX
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
Supply voltage, VDD
3
16
4
16
5
16
V
Common mode input voltage VIC
VDD = 5 V
– 0.2
3.5
– 0.2
3.5
0
3.5
V
Common-mode input voltage, VIC
VDD = 10 V
– 0.2
8.5
– 0.2
8.5
0
8.5
V
Operating free-air temperature, TA
0
70
– 40
85
– 55
125
°C


Similar Part No. - TLC271BCDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC271BCDRG4 TI-TLC271BCDRG4 Datasheet
1Mb / 83P
[Old version datasheet]   LinCMOS PROGRAMMABLE LOW-POWER TIONAL AMPLIFIERS
More results

Similar Description - TLC271BCDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC251 TI-TLC251 Datasheet
273Kb / 18P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC271 TI-TLC271 Datasheet
1Mb / 74P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLV2341 TI-TLV2341 Datasheet
748Kb / 51P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2341 TI1-TLV2341_16 Datasheet
745Kb / 53P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
TLC27L1 TI-TLC27L1 Datasheet
520Kb / 32P
[Old version datasheet]   LinCMOSE LOW-POWER OPERATIONAL AMPLIFIERS
TLC27L1 TI1-TLC27L1_08 Datasheet
519Kb / 32P
[Old version datasheet]   LinCMOSE LOW-POWER OPERATIONAL AMPLIFIERS
TLV2322 TI-TLV2322 Datasheet
502Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
TLV2322 TI1-TLV2322_12 Datasheet
769Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
TLV2332 TI-TLV2332 Datasheet
500Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE MEDIUM-POWER OPERATIONAL AMPLIFIERS
TLV2332 TI1-TLV2332_16 Datasheet
988Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE MEDIUM-POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com