Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSP45240JC-50 Datasheet(PDF) 11 Page - Intersil Corporation

Part # HSP45240JC-50
Description  Address Sequencer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP45240JC-50 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HSP45240JC-50 Datasheet HTML 5Page - Intersil Corporation HSP45240JC-50 Datasheet HTML 6Page - Intersil Corporation HSP45240JC-50 Datasheet HTML 7Page - Intersil Corporation HSP45240JC-50 Datasheet HTML 8Page - Intersil Corporation HSP45240JC-50 Datasheet HTML 9Page - Intersil Corporation HSP45240JC-50 Datasheet HTML 10Page - Intersil Corporation HSP45240JC-50 Datasheet HTML 11Page - Intersil Corporation HSP45240JC-50 Datasheet HTML 12Page - Intersil Corporation HSP45240JC-50 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
Absolute Maximum Ratings TA = 25°C
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +6.0V
Input, Output or I/O Voltage Applied. . . . . GND -0.5V to VCC +0.5V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+5.0V
±5%
Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to 70°C
Thermal Resistance (Typical, Note 3)
θJA (°C/W) θJC (°C/W)
PLCC Package . . . . . . . . . . . . . . . . . .
43.1
15.1
Maximum Package Power Dissipation at 70°C
PLCC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.86W
Maximum Junction Temperature
PLCC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s). . . . . . . . . . . . . 300°C
Die Characteristics
Number of Transistors or Gates . . . . . . . . . . . . . . . . . . . 8388 Gates
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
3.
θ
JA is measured with the component mounted on an evaluation PC board in free air.
DC Electrical Specifications
VCC = 5.0V + 5%, TA = 0°C to 70°C
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
Logical One Input Voltage
VIH
VCC = 5.25V
2.0
-
V
Logical Zero Input Voltage
VIL
VCC = 4.75V
-
0.8
V
High Level Clock Input
VIHC
VCC = 5.25V
3.0
-
V
Low Level Clock Input
VILC
VCC = 4.75V
-
0.8
V
Output HIGH Voltage
VOH
IOH = 400µA, VCC = 4.75V
2.6
-
V
Output LOW Voltage
VOL
IOL = +2.0mA, VCC = 4.75V
-
0.4
V
Input Leakage Current
II
VIN = VCC or GND, VCC = 5.25V
-10
10
µA
I/O Leakage Current
IO
VOUT = VCC or GND, VCC = 5.25V
-10
10
µA
Standby Power Supply Current
ICCSB
VIN = VCC or GND, VCC = 5.25V,
Outputs Open
-
500
µA
Operating Power Supply Current
ICCOP
f = 33MHz, VIN = VCC or GND, VCC =
5.25V, Outputs Open, (Note 4)
-99
mA
Input Capacitance
CIN
f = 1MHz, VCC = Open, All Measurements
are referenced to device GND. (Note 5).
-10
pF
Output Capacitance
CO
-10
pF
NOTES:
4. Power supply current is proportional to operating frequency. Typical rating for ICCOP is 3mA/MHz.
5. Not tested, but characterized at initial design and at major process/design changes.
HSP45240


Similar Part No. - HSP45240JC-50

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HSP45240JC-50 RENESAS-HSP45240JC-50 Datasheet
289Kb / 13P
   Address Sequencer
July 2004
More results

Similar Description - HSP45240JC-50

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HSP45240 RENESAS-HSP45240 Datasheet
289Kb / 13P
   Address Sequencer
July 2004
logo
Intersil Corporation
HSP45240 INTERSIL-HSP45240_99 Datasheet
227Kb / 6P
   Address Sequencer
HSP45240 INTERSIL-HSP45240 Datasheet
141Kb / 6P
   Address Sequencer
logo
Renesas Technology Corp
SLG7NT4503V RENESAS-SLG7NT4503V Datasheet
1Mb / 13P
   SEQUENCER
February 25, 2022
logo
Texas Instruments
LM3881 TI1-LM3881_14 Datasheet
790Kb / 17P
[Old version datasheet]   Power Sequencer
logo
National Semiconductor ...
LM3880 NSC-LM3880_08 Datasheet
283Kb / 12P
   Power Sequencer
logo
Seiko Instruments Inc
S-77100 SII-S-77100 Datasheet
4Mb / 40P
   POWER SEQUENCER
logo
National Semiconductor ...
LM3881 NSC-LM3881 Datasheet
243Kb / 14P
   Power Sequencer
LM3880 NSC-LM3880 Datasheet
611Kb / 20P
   Power Sequencer
logo
Texas Instruments
LM3880 TI1-LM3880_14 Datasheet
844Kb / 20P
[Old version datasheet]   Power Sequencer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com