Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA-2842 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HA-2842
Description  80MHz, High Slew Rate, High Output Current, Video Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-2842 Datasheet(HTML) 5 Page - Intersil Corporation

  HA-2842_04 Datasheet HTML 1Page - Intersil Corporation HA-2842_04 Datasheet HTML 2Page - Intersil Corporation HA-2842_04 Datasheet HTML 3Page - Intersil Corporation HA-2842_04 Datasheet HTML 4Page - Intersil Corporation HA-2842_04 Datasheet HTML 5Page - Intersil Corporation HA-2842_04 Datasheet HTML 6Page - Intersil Corporation HA-2842_04 Datasheet HTML 7Page - Intersil Corporation HA-2842_04 Datasheet HTML 8Page - Intersil Corporation HA-2842_04 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Application Information
The Intersil HA-2842 is a state of the art monolithic device
which also approaches the “ALL-IN-ONE” amplifier concept.
This device features an outstanding set of AC parameters
augmented by excellent output drive capability providing for
suitable application in both high speed and high output drive
circuits.
Primarily intended to be used in balanced 50
Ω and 75Ω
coaxial cable systems as a driver, the HA-2842 could also be
used as a power booster in audio systems as well as a
power amp in power supply circuits. This device would also
be suitable as a small DC motor driver.
Prototyping Guidelines
For best overall performance in any application, it is
recommended that high frequency layout techniques be
used. This should include:
1. Mounting the device through a ground plane.
2. Connecting unused pins (NC) to the ground plane.
3. Mounting feedback components on Teflon standoffs
and/or locating these components as close to the device
as possible.
4. Placing power supply decoupling capacitors from device
supply pins to ground.
Power Dissipation Considerations
At high output currents, especially with the 8 lead SOIC
package, care must be taken to ensure that the Maximum
Junction Temperature (TJ, see “Absolute Maximum Ratings”
table) isn’t exceeded. As an example consider the HA-2842 in
the SOIC package, with a required output current of 50mA at
VOUT = 10V with ±15V supplies. The power dissipation is the
quiescent power (450mW = 30V x 15mA) plus the power
dissipated in the output stage
(POUT = 250mW = 50mA x (15V - 10V)), or a total of 700mW.
The thermal resistance (
θJA) of the SOIC package is 157oC/W,
which increases the junction temperature by 110oC over the
ambient temperature (TA). Remaining below TJMAX requires
that TA be restricted to ≤ 40
oC (150oC - 110oC). Heatsinking
would be required for operation at ambient temperatures
greater than 40oC.
Allowable output power can be increased by decreasing the
quiescent dissipation via lower supply voltages.
For more information please refer to Application Note AN556,
Thermal Safe Operating Areas for High Current Op Amps.
MAX POUT WITHOUT HEATSINK (VS = ±15V)
TA
8 LEAD SOIC
(
θJA = 157oC/W)
85oC
Heatsink Required
70oC
60mW
25oC
350mW
Typical Performance Curves TA = 25oC, VSUPPLY = ±15V, RL = 1kΩ, CL < 10pF, Unless Otherwise Specified
FIGURE 1. FREQUENCY RESPONSE FOR VARIOUS GAINS
FIGURE 2. GAIN BANDWIDTH PRODUCT vs SUPPLY VOLTAGE
10
100
1K
10K
100K
1M
10M
100M
FREQUENCY (Hz)
120
100
80
60
40
20
0
0
90
180
OPEN LOOP
AVCL = 1000
AVCL = 100
AVCL = 10
AVCL = 2
OPEN LOOP
AVCL
= 1000
AVCL
= 100
AVCL
= 10
AVCL
= 2
56
78
9
10
11
12
13
14
15
SUPPLY VOLTAGE (
±V)
90
80
70
60
50
40
30
100
HA-2842


Similar Part No. - HA-2842_04

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2842/883 INTERSIL-HA-2842/883 Datasheet
275Kb / 13P
   Wideband, High Slew Rate, High Output Current, Video Operational Amplifier
July 1994
HA-2842883 INTERSIL-HA-2842883 Datasheet
275Kb / 13P
   Wideband, High Slew Rate, High Output Current, Video Operational Amplifier
July 1994
More results

Similar Description - HA-2842_04

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2842 INTERSIL-HA-2842 Datasheet
275Kb / 13P
   Wideband, High Slew Rate, High Output Current, Video Operational Amplifier
July 1994
HA-2529883 INTERSIL-HA-2529883 Datasheet
88Kb / 9P
   Uncompensated, High Slew Rate High Output Current, Operational Amplifier
HA-2542 INTERSIL-HA-2542 Datasheet
824Kb / 13P
   70MHz, High Slew Rate, High Output Current Operational Amplifier
October 1999
HA-2542 INTERSIL-HA-2542_02 Datasheet
903Kb / 12P
   70MHz, High Slew Rate, High Output Current Operational Amplifier
logo
Renesas Technology Corp
HA-2542 RENESAS-HA-2542 Datasheet
1Mb / 12P
   70MHz, High Slew Rate, High Output Current Operational Amplifier
August 2002
logo
Zarlink Semiconductor I...
SL541 ZARLINK-SL541 Datasheet
525Kb / 13P
   HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2510883 INTERSIL-HA-2510883 Datasheet
141Kb / 7P
   High Slew Rate Operational Amplifier
logo
National Semiconductor ...
LH4124C NSC-LH4124C Datasheet
117Kb / 4P
   HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
NXP Semiconductors
NE531 PHILIPS-NE531 Datasheet
159Kb / 8P
   High slew rate operational amplifier
August 31, 1994
logo
Intersil Corporation
HFA-0005 INTERSIL-HFA-0005 Datasheet
759Kb / 10P
   High Slew Rate Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com