Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA5260MZ96 Datasheet(PDF) 1 Page - Intersil Corporation

Part # CA5260MZ96
Description  3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA5260MZ96 Datasheet(HTML) 1 Page - Intersil Corporation

  CA5260MZ96 Datasheet HTML 1Page - Intersil Corporation CA5260MZ96 Datasheet HTML 2Page - Intersil Corporation CA5260MZ96 Datasheet HTML 3Page - Intersil Corporation CA5260MZ96 Datasheet HTML 4Page - Intersil Corporation CA5260MZ96 Datasheet HTML 5Page - Intersil Corporation CA5260MZ96 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
®
3MHz, BiMOS Microprocessor Operational
Amplifiers with MOSFET Input/CMOS
Output
The CA5260A and CA5260 are integrated-circuit operational
amplifiers that combine the advantage of both CMOS and
bipolar transistors on a monolithic chip. The CA5260 series
circuits are dual versions of the popular CA5160 series. They
are designed and guaranteed to operate in microprocessor or
logic systems that use +5V supplies.
Gate-protected P-Channel MOSFET (PMOS) transistors are
used in the input circuit to provide very-high-input impedance,
very-low-input current, and exceptional speed performance.
The use of PMOS field-effect transistors in the input stage
results in common-mode input-voltage capability down to 0.5V
below the negative-supply terminal, an important attribute in
single-supply applications.
A complementary-symmetry MOS (CMOS) transistor-pair,
capable of swinging the output voltage to within 10mV of
either supply-voltage terminal (at very high values of load
impedance), is employed as the output circuit.
The CA5260 Series circuits operate at supply voltages
ranging from 4.5V to 16V, or ±2.25V to ±8V when using split
supplies.
The CA5260, CA5260A have guaranteed specifications for 5V
operation over the full military temperature range of -55°C to
125°C.
Pinout
CA5260 (SOIC)
TOP VIEW
Features
• MOSFET Input Stage provides
- Very High ZI . . . . . . . . . . . . . 1.5TΩ (1.5 x 1012Ω) (Typ)
- Very Low II . . . . . . . . . . . . . 5pA (Typ) at 15V Operation
2pA (Typ) at 5V Operation
• Ideal for Single Supply Applications
• Common Mode Input Voltage Range Includes Negative
Supply Rail; Input Terminals Can be Swung 0.5V Below
Negative Supply Rail
• CMOS Output Stage Permits Signal Swing to Either (or
Both) Supply Rails
• CA5260A, CA5260 Have Full Military Temperature Range
Guaranteed Specifications for V+ = 5V
• CA5260A, CA5260 are Guaranteed to Operate Down to
4.5V for AOL
• Fully Guaranteed to Operate from -55°C to 125°C at
V+ = 5V, V- = GND
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• Ground Referenced Single Supply Amplifiers
• Fast Sample-Hold Amplifiers
• Long Duration Timers/Monostables
• Ideal Interface with Digital CMOS
• High Input Impedance Wideband Amplifiers
• Voltage Followers (e.g., Follower for Single Supply D/A
Converter)
• Voltage Regulators (Permits Control of Output Voltage
Down to 0V)
• Wien Bridge Oscillators
• Voltage Controlled Oscillators
• Photo Diode Sensor Amplifiers
• 5V Logic Systems
• Microprocessor Interface
NON INV. INPUT (A)
V-
1
2
3
8
7
6
5
V+
OUTPUT (B)
INV. INPUT (B)
NON INV. INPUT (B)
OUTPUT (A)
A
4
B
+ -
+
-
INV. INPUT (A)
Ordering Information
PART NUMBER
PART MARKING
TEMP. RANGE (°C)
PACKAGE
PKG. DWG. #
CA5260AM96
5260A
-55 to 125
8 Ld SOIC Tape and Reel
M8.15
CA5260M
5260
-55 to 125
8 Ld SOIC
M8.15
CA5260MZ (Note)
CA5260MZ
-55 to 125
8 Ld SOIC (Pb-free)
M8.15
CA5260MZ96 (Note)
CA5260MZ
-55 to 125
8 Ld SOIC (Pb-free)
M8.15
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
FN1929.6
CA5260, CA5260A
Data Sheet
December 23, 2005
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or1-888-468-37743
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003-2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - CA5260MZ96

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA5260MZ96 INTERSIL-CA5260MZ96 Datasheet
471Kb / 7P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA5260MZ96 RENESAS-CA5260MZ96 Datasheet
615Kb / 7P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
More results

Similar Description - CA5260MZ96

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA5260 INTERSIL-CA5260 Datasheet
471Kb / 7P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA5260 RENESAS-CA5260 Datasheet
615Kb / 7P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA5160 INTERSIL-CA5160 Datasheet
910Kb / 18P
   4MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
September 1998
CA5130 INTERSIL-CA5130 Datasheet
638Kb / 19P
   15MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
CA5160 INTERSIL-CA5160_03 Datasheet
653Kb / 19P
   4MHz, BiMOS Microprocessor Operational Amplifier with MOSFET Input/CMOS Output
logo
Harris Corporation
CA3410 HARRIS-CA3410 Datasheet
337Kb / 10P
   Quad BiMOS Operational Amplifiers With MOSFET Input, Bipolar Output
logo
Intersil Corporation
CA3130 INTERSIL-CA3130 Datasheet
654Kb / 15P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
CA3160 INTERSIL-CA3160_04 Datasheet
661Kb / 18P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA3160 INTERSIL-CA3160 Datasheet
926Kb / 17P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
logo
Renesas Technology Corp
CA3260 RENESAS-CA3260 Datasheet
289Kb / 4P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com