Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA5470M Datasheet(PDF) 1 Page - Intersil Corporation

Part # CA5470M
Description  Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA5470M Datasheet(HTML) 1 Page - Intersil Corporation

  CA5470M Datasheet HTML 1Page - Intersil Corporation CA5470M Datasheet HTML 2Page - Intersil Corporation CA5470M Datasheet HTML 3Page - Intersil Corporation CA5470M Datasheet HTML 4Page - Intersil Corporation CA5470M Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
®
May 2001
CA5470
Quad, 14MHz, Microprocessor BiMOS-E
Operational Amplifier with MOSFET Input/Bipolar Output
Features
• High Speed CMOS Input Stage Provides
- Very High ZI . . . . . . . . . . . . . . . 5TΩ (5 x 10
12Ω) (Typ)
- Very Low lI . . . . . . . . . . 0.5pA (Typ) at 5V Operation
- Very Low IIO . . . . . . . . . 0.5pA (Typ) at 5V Operation
• ESD Protection to 2000V
• 3V to 16V Power Supply Operation
• Fully Guaranteed Specifications Over Full Military
Range
• Wide BW (14MHz); High SR (5V/
µs) at 5V Supply
•Wide VlCR Range From -0.5V to 3.7V (Typ) at 5V Supply
• Ideally Suited for CMOS and HCMOS Applications
Applications
• Bar Code Readers
• Photodiode Amplifiers (IR)
• Microprocessor Buffering
• Ground Reference Single Supply Amplifiers
• Fast Sample and Hold
•Timers
• Voltage Controlled Oscillators
• Voltage Followers
• V to l Converters
• Peak Detectors
• Precision Rectifiers
• 5V Logic Systems
• 3V Logic Systems
Description
The CA5470 is an operational amplifier that combines the
advantages of both high speed CMOS and bipolar transistors
on a single monolithic chip. It is constructed in the BiMOS-E
process which adds drain-extension implants to 3
µm polygate
CMOS, enhancing both the voltage capability and providing
vertical bipolar transistors for broadband analog/digital func-
tions. This process lends itself easily to high speed operational
amplifiers, comparators, analog switches and interface periph-
erals, resulting in twice the speed of the conventional CMOS
transistors having similar feature size.
BiMOS-E are broadbased bipolar transistors that have high
transconductance, gains more constant with current level, sta-
ble “precision” base-emitter offset voltages and superior drive
capability. Excellent interface with environmental potentials
enable use in 5V logic systems and future 3.3V logic systems.
Refer to Application Note AN8811.
ESD capability exceeds the standard 2000V level. The
CA5470 series can operate with single supply voltages from
3V to 16V or
±1.5V to ±8V. They have guaranteed specifica-
tions at both 5V and
±7.5V at room temperature as well as
over the full -55oC to 125oC military range
.
Pinout
CA5470 (PDIP, SOIC)
TOP VIEW
Part Number Information
PART NUMBER
(BRAND)
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
CA5470E
-55 to 125
14 Ld PDIP
E14.3
CA5470M
(5470)
-55 to 125
14 Ld SOIC
M14.15
CA5470M96
(5470)
-55 to 125
14 Ld SOIC Tape
and Reel
M14.15
OUTPUT 1
NEG. INPUT 1
POS. INPUT 1
V+
POS. INPUT 2
NEG. INPUT 2
OUTPUT 2
OUTPUT 4
NEG. INPUT 4
POS. INPUT 4
V-
POS. INPUT 3
NEG. INPUT 3
OUTPUT 3
1
2
3
4
5
6
7
14
13
12
11
10
9
8
14
-
++
-
23
-
++
-
File Number
1946.4
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002. All Rights Reserved
OBSO
LETE
PROD
UCT
POSS
IBLE
SUBS
TITUT
E PRO
DUCT
HA-51
04
conta
ct our
Techn
ical S
uppor
t Cent
er at
1-888-
INTER
SIL or
www.
inters
il.com
/tsc


Similar Part No. - CA5470M

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA5470M INTERSIL-CA5470M Datasheet
57Kb / 5P
   Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
November 1996
CA5470M96 INTERSIL-CA5470M96 Datasheet
57Kb / 5P
   Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
November 1996
More results

Similar Description - CA5470M

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA5470 INTERSIL-CA5470 Datasheet
57Kb / 5P
   Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
November 1996
logo
Harris Corporation
CA3410 HARRIS-CA3410 Datasheet
337Kb / 10P
   Quad BiMOS Operational Amplifiers With MOSFET Input, Bipolar Output
logo
Renesas Technology Corp
CA3140 RENESAS-CA3140 Datasheet
1Mb / 24P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3140 INTERSIL-CA3140 Datasheet
1Mb / 19P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
September 1998
CA3140 INTERSIL-CA3140_05 Datasheet
1Mb / 23P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
CA5160 INTERSIL-CA5160_03 Datasheet
653Kb / 19P
   4MHz, BiMOS Microprocessor Operational Amplifier with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA3240 RENESAS-CA3240 Datasheet
868Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3240 INTERSIL-CA3240_05 Datasheet
669Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
CA3240 INTERSIL-CA3240 Datasheet
609Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
August 2001
logo
NTE Electronics
NTE7144 NTE-NTE7144 Datasheet
31Kb / 4P
   Integrated Circuit BIMOS Operational Amplifier w/MOSFET Input, Bipolar Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com