Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP601 Datasheet(PDF) 5 Page - Intersil Corporation

Part # SP601
Description  Half Bridge 500VDC Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

SP601 Datasheet(HTML) 5 Page - Intersil Corporation

  SP601 Datasheet HTML 1Page - Intersil Corporation SP601 Datasheet HTML 2Page - Intersil Corporation SP601 Datasheet HTML 3Page - Intersil Corporation SP601 Datasheet HTML 4Page - Intersil Corporation SP601 Datasheet HTML 5Page - Intersil Corporation SP601 Datasheet HTML 6Page - Intersil Corporation SP601 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Timing Diagram
THREE-STATE MODE SLOWER THAN REFRESH ONE SHOT TIMER
NOTE: BOT switching not relevant.
BISTATE MODE SLOWER THAN REFRESH ONE SHOT TIMER
Typical Circuit Configuration
TRUTH TABLE
Applicable to Typical Circuit Configuration (Figure 1)
INPUTS
OUTPUTS
UP/DN
ENABLE
TRIPL
TRIPU
PHASE
VBIAS
UPPER
LOWER
FAULT BAR
000
X
X
100
1
11001110
1
11011100
0
110
X
0100
0
X
X
1
X
X
100
0
010
X
X
101
1
100
X
X
100
1
XXXXX
0
0
0
0
NOTE: 0 = False, 1 = True, X = Don’t Care
ENABLE
UP/DOWN
REFRESH
ONE SHOT
IONB
VALID BOTON
IOFFT
IONT
IOFFB
UPPER
LOWER
VOUT
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
VDC
COM
ENABLE
UP/DOWN
REFRESH
ONE SHOT
IONB
VALID BOTON
IOFFT
IONT
IOFFB
UPPER
LOWER
VOUT
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
VDC
COM
SP601


Similar Part No. - SP601

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SP6012 SYNC-POWER-SP6012 Datasheet
222Kb / 7P
   Synchronous Rectifier Driver
SP6012S10RG SYNC-POWER-SP6012S10RG Datasheet
222Kb / 7P
   Synchronous Rectifier Driver
SP6012S10RGB SYNC-POWER-SP6012S10RGB Datasheet
222Kb / 7P
   Synchronous Rectifier Driver
SP6013 SYNC-POWER-SP6013 Datasheet
204Kb / 7P
   Synchronous Rectifier Driver
SP6013A SYNC-POWER-SP6013A Datasheet
237Kb / 7P
   Synchronous Rectifier Driver
More results

Similar Description - SP601

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HIP2500 HARRIS-HIP2500 Datasheet
100Kb / 9P
   Half Bridge 500VDC Driver
logo
Intersil Corporation
SP600 INTERSIL-SP600 Datasheet
74Kb / 7P
   Half Bridge 500VDC Driver
logo
Renesas Technology Corp
HIP2500 RENESAS-HIP2500 Datasheet
603Kb / 9P
   Half Bridge 500VDC Driver
File Number 2801.9
logo
International Rectifier
IRS2308 IRF-IRS2308 Datasheet
387Kb / 21P
   HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
   HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
   HALF-BRIDGE DRIVER
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
   HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
   Half-Bridge Driver
IR25602SPBF IRF-IR25602SPBF Datasheet
1Mb / 18P
   Half-Bridge Driver
IRS2104PBF IRF-IRS2104PBF Datasheet
665Kb / 15P
   HALF-BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com