Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA5470 Datasheet(PDF) 2 Page - Intersil Corporation

Part # CA5470
Description  Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA5470 Datasheet(HTML) 2 Page - Intersil Corporation

  CA5470_01 Datasheet HTML 1Page - Intersil Corporation CA5470_01 Datasheet HTML 2Page - Intersil Corporation CA5470_01 Datasheet HTML 3Page - Intersil Corporation CA5470_01 Datasheet HTML 4Page - Intersil Corporation CA5470_01 Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Absolute Maximum Ratings
Thermal Information
DC Supply Voltage (Between V+ And V- Terminals) . . . . . . . . . 16V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . (V+ +8V) to (V- -0.5V)
Input Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1mA
Output Short Circuit Duration (Note 1) . . . . . . . . . . . . . . . . Indefinite
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC
Thermal Resistance (Typical, Note 1)
θJA (oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
80
SOIC Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
175
Maximum Junction Temperature (Die) . . . . . . . . . . . . . . . . . . . 175oC
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s). . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Short circuit may be applied to ground or to either supply.
2.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications Typical Values Intended Only for Design Guidance at V+ = 5V, V- = 0V, TA = 25oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
TYPICAL VALUES
UNITS
Input Resistance
RI
5T
Input Capacitance
CI
f = 1MHz
3.1
pF
Unity Gain Crossover Frequency
fT
14
MHz
Slew Rate
SR
VOUT = 3.65VP-P
5V/
µs
Transient Response:
CL = 25pF, RL= 2kΩ
(Voltage Follower)
Rise Time/Fall Time
tr
27/25
ns
Overshoot
OS
20
%
Settling Time (To <0.1%, VIN = 4VP-P)tS
CL = 25pF, RL= 2kΩ
(Voltage Follower)
1
µs
Full Power BW, SR = 5V/
µsFPBW
AV = 1, VOUT = 3.65VP-P
436
kHz
Electrical Specifications TA = 25oC, V+ = 5V, V- = GND
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input Offset Voltage
|VIO|-
6
22
mV
Input Offset Current
|IIO|
-
0.5
50 (Note 3)
pA
Input Current
II
-
0.5
50 (Note 3)
pA
Common Mode Input Range
VICR
3.5
-0.5 to 3.7
0
V
Common Mode Rejection Ratio
CMRR
VICR = 0V to 3.5V
55
70
-
dB
Power Supply Rejection Ratio
PSRR
∆V = 2V
60
75
-
dB
Positive Output Voltage Swing
VOM+RL = 2kΩ to GND
4
4.4
-
V
Negative Output Voltage Swing
VOM-RL = 2kΩ to GND
-
0.06
0.10
V
Total Supply Current
ISUPPLY
VOUT = 2.5V, RL =
-6
7
mA
Unity Gain Bandwidth Product
fT
10
14
-
MHz
Slew Rate
SR
4
5
-
V/
µs
Output Current
Source to opposite supply
ISOURCE
45.5
-
mA
Sink to opposite supply
ISlNK
1.0
1.2
-
mA
Open Loop Gain
AOL
0.5V to 3.5V, RL = 10kΩ
80
90
-
dB
NOTE:
3. This is the lowest value that can be tested reliably. Almost all devices will be <10pA.
CA5470


Similar Part No. - CA5470_01

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA5470E INTERSIL-CA5470E Datasheet
57Kb / 5P
   Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
November 1996
CA5470M INTERSIL-CA5470M Datasheet
57Kb / 5P
   Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
November 1996
CA5470M96 INTERSIL-CA5470M96 Datasheet
57Kb / 5P
   Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
November 1996
More results

Similar Description - CA5470_01

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA5470 INTERSIL-CA5470 Datasheet
57Kb / 5P
   Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
November 1996
logo
Harris Corporation
CA3410 HARRIS-CA3410 Datasheet
337Kb / 10P
   Quad BiMOS Operational Amplifiers With MOSFET Input, Bipolar Output
logo
Renesas Technology Corp
CA3140 RENESAS-CA3140 Datasheet
1Mb / 24P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3140 INTERSIL-CA3140 Datasheet
1Mb / 19P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
September 1998
CA3140 INTERSIL-CA3140_05 Datasheet
1Mb / 23P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
CA5160 INTERSIL-CA5160_03 Datasheet
653Kb / 19P
   4MHz, BiMOS Microprocessor Operational Amplifier with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA3240 RENESAS-CA3240 Datasheet
868Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3240 INTERSIL-CA3240_05 Datasheet
669Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
CA3240 INTERSIL-CA3240 Datasheet
609Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
August 2001
logo
NTE Electronics
NTE7144 NTE-NTE7144 Datasheet
31Kb / 4P
   Integrated Circuit BIMOS Operational Amplifier w/MOSFET Input, Bipolar Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com