Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA5160 Datasheet(PDF) 5 Page - Intersil Corporation

Part # CA5160
Description  4MHz, BiMOS Microprocessor Operational Amplifier with MOSFET Input/CMOS Output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA5160 Datasheet(HTML) 5 Page - Intersil Corporation

  CA5160 Datasheet HTML 1Page - Intersil Corporation CA5160 Datasheet HTML 2Page - Intersil Corporation CA5160 Datasheet HTML 3Page - Intersil Corporation CA5160 Datasheet HTML 4Page - Intersil Corporation CA5160 Datasheet HTML 5Page - Intersil Corporation CA5160 Datasheet HTML 6Page - Intersil Corporation CA5160 Datasheet HTML 7Page - Intersil Corporation CA5160 Datasheet HTML 8Page - Intersil Corporation CA5160 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
Schematic Diagram
Application Information
Circuit Description
Refer to the block diagram of the CA5160 CMOS
Operational Amplifier. The input terminals may be operated
down to 0.5V below the negative supply rail, and the output
can be swung very close to either supply rail in many
applications. Consequently, the CA5160 circuit is ideal for
single supply operation. Three class A amplifier stages,
having the individual gain capability and current
consumption shown in the block diagram, provide the total
gain of the CA5160. A biasing circuit provides two potentials
for common use in the first and second stages. Terminals 8
and 1 can be used to supplement the internal phase
compensation network if additional phase compensation or
frequency roll-off is desired. Terminals 8 and 4 can also be
used to strobe the output stage into a low quiescent current
state. When Terminal 8 is tied to the negative supply rail
(Terminal 4) by mechanical or electrical means, the output
potential at Terminal 6 essentially rises to the positive supply
rail potential at Terminal 7. This condition of essentially zero
current drain in the output stage under the strobed “OFF”
condition can only be achieved when the ohmic load
resistance presented to the amplifier is very high (e.g., when
the amplifier output is used to drive CMOS digital circuits in
comparator applications).
Input Stages
The circuit of the CA5160 is shown in the schematic diagram.
It consists of a differential input stage using PMOS field effect
transistors (Q6, Q7) working into a mirror pair of bipolar
transistors (Q9, Q10) functioning as load resistors together
with resistors R3 through R6. The mirror pair transistors also
function as a differential-to-single-ended converter to provide
base drive to the second-stage bipolar transistor (Q11). Offset
nulling, when desired, can be effected by connecting a
100,000
Ω potentiometer across Terminals 1 and 5 and the
potentiometer slider arm to Terminal 4.
Cascode-connected PMOS transistors Q2, Q4, are the
constant current source for the input stage. The biasing
circuit for the constant current source is subsequently
described. The small diodes D5 through D7 provide gate-
oxide protection against high voltage transients, including
static electricity during handling for Q6 and Q7.
7
4
8
1
5
2
3
BIAS CIRCUIT
“CURRENT SOURCE
LOAD” FOR Q11
Q2
D1
D2
D3
D4
Z1
8.3V
Q1
R1
40k
Q4
R2
5k
INPUT STAGE
D5
NON-INV.
INPUT
INV. INPUT
+
-
Q6
R3
1k
Q9
Q10
R5
1k
R6
1k
R4
1k
Q7
D6
D7
Q3
OFFSET NULL
Q11
SUPPLEMENTARY
COMP IF DESIRED
STROBING
SECOND
OUTPUT
Q8
Q12
STAGE
STAGE
Q5
V+
2k
30
pF
6
OUTPUT
CURRENT SOURCE
FOR Q6 AND Q7
NOTE: Diodes D5 through D7 provide gate oxide protection for MOSFET Input Stage.
CA5160


Similar Part No. - CA5160

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA5160 INTERSIL-CA5160 Datasheet
910Kb / 18P
   4MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
September 1998
CA5160E INTERSIL-CA5160E Datasheet
910Kb / 18P
   4MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
September 1998
CA5160M96 INTERSIL-CA5160M96 Datasheet
910Kb / 18P
   4MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
September 1998
More results

Similar Description - CA5160

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA5160 INTERSIL-CA5160 Datasheet
910Kb / 18P
   4MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
September 1998
CA3160 INTERSIL-CA3160_04 Datasheet
661Kb / 18P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA3160 INTERSIL-CA3160 Datasheet
926Kb / 17P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
logo
Renesas Technology Corp
CA3260 RENESAS-CA3260 Datasheet
289Kb / 4P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA3260 INTERSIL-CA3260 Datasheet
148Kb / 4P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA3260 INTERSIL-CA3260_06 Datasheet
140Kb / 3P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA5260 INTERSIL-CA5260 Datasheet
471Kb / 7P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA5260 RENESAS-CA5260 Datasheet
615Kb / 7P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA5130 INTERSIL-CA5130 Datasheet
638Kb / 19P
   15MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
CA5260 INTERSIL-CA5260_05 Datasheet
218Kb / 6P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com