Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA1523 Datasheet(PDF) 2 Page - Intersil Corporation

Part # CA1523
Description  Voltage Regulator Control Circuit for Variable Switching Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA1523 Datasheet(HTML) 2 Page - Intersil Corporation

  CA1523_00 Datasheet HTML 1Page - Intersil Corporation CA1523_00 Datasheet HTML 2Page - Intersil Corporation CA1523_00 Datasheet HTML 3Page - Intersil Corporation CA1523_00 Datasheet HTML 4Page - Intersil Corporation CA1523_00 Datasheet HTML 5Page - Intersil Corporation CA1523_00 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Specifications CA1523
Absolute Maximum Ratings
Thermal Information
DC Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15V
Supply Current
|6(MAX). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±50mA
|6(MAX), 1µs,1800pF Load . . . . . . . . . . . . . . . . . . . . +300, -200mA
Device Dissipation
Up to TA = 70
oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 530mW
Above TA = 70
oC . . . . . . . . . . . . . . Derate Linearly at 6.7mW/oC
Thermal Resistance
θ
JA
Plastic DIP Package . . . . . . . . . . . . . . . . . . . . . . . .
120oC/W
Device Dissipation
Up to TA = 70
oC. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 665mW
Ambient Temperature Range
Operating. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to +70oC
Storage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55
oC to +150oC
Lead Temperature (During Soldering)
At distance 1/16
± in. (1.59mm ±0.79mm)
from case for 10s Max . . . . . . . . . . . . . . . . . . . . . . . . . . . . +265
oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications TA = +25oC, Refer to condition shown in test circuit; V7 = 13V, V1 = 5.9V Unless Otherwise Specified
PARAMETERS
PIN
TEST CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY, VCC (PIN 7)
Supply Voltage
7
9.5
13
-
V
Supply Current
7
VCC = +13V
20
27
34
mA
Zener Voltage
13
7.8
8.4
8.9
V
OUTPUT PULSE (PIN 6)
Maximum Pulse Width
6
Measured at 6V Threshold Level
5.5
6.5
7.5
µs
Minimum Pulse Width
6
Measured at 6V Threshold Level
2
3
4
µs
Output High Voltage
6
|6 = 0mA, V4 = 0V
11.1
12
12.6
V
Output Low Voltage
6
|6 = 50mA, V12 = 0V
0.6
1
1.3
V
Rise Time
6
Measured at 1.8V and 10V Threshold Levels
250
600
1250
ns
Fall Time
6
Measured at 1.8V and 10V Threshold Levels
50
200
350
ns
ERROR VOLTAGE RANGE (PIN 1)
Error Voltage Reference
1
Adjust RT; Observe Pin 6 Min/Max
Frequency Range
5.9
6.8
7.5
V
CHARGE CURRENT (PIN 14)
Charge Current
14
Adjust RT, V1 = 7.5V; Set V14 = 0V, Then V14 = 2.5V
190
220
250
µA
Discharge Current
14
Adjust RT = 5.9V; Set V14 = 5.5V, Then 5V
95
110
125
µA
Slow Start Discharge Current
14
Maintain V14 = 5V, V10 = 5.5V
Set V10 = 5.5V, Measure I14 (Hi)
Set V10 = 4V, Measure I14 (Lo)
Limits = I14 (Hi) - I14 (Lo)
1.5
20
30
40
µA/V
LOGIC TESTS
Discharge Voltage
10
Pin 12 = 1k
Ω to GND
1.7
2.4
3.2
V
Output Inhibit Voltage
7
Increase V7 Until V9 ≥ 2V
7.9
8.4
9.1
V
Overcurrent Trip Voltage
11
V12 = 5V; V10 = 0V; Increase V11 Until V9 ≤ 0.5V
1.1
1.25
1.4
V


Similar Part No. - CA1523_00

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA15230 LEDIL-CA15230 Datasheet
4Mb / 5P
   ~35째 medium beam
CA15231 LEDIL-CA15231 Datasheet
4Mb / 5P
   ~55째 wide beam
logo
Intersil Corporation
CA1523E INTERSIL-CA1523E Datasheet
59Kb / 6P
   Voltage Regulator Control Circuit for Variable Switching Regulator
April 1994
More results

Similar Description - CA1523_00

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA1523 INTERSIL-CA1523 Datasheet
59Kb / 6P
   Voltage Regulator Control Circuit for Variable Switching Regulator
April 1994
logo
NEC
UPC1042 NEC-UPC1042 Datasheet
249Kb / 6P
   SWITCHING REGULATOR CONTROL CIRCUIT
logo
New Japan Radio
NJM3524 NJRC-NJM3524 Datasheet
224Kb / 6P
   SWITCHING REGULATOR CONTROL CIRCUIT
logo
NTE Electronics
NTE7109 NTE-NTE7109 Datasheet
40Kb / 5P
   Integrated Circuit Switching Regulator Control
NTE7044 NTE-NTE7044 Datasheet
37Kb / 2P
   Integrated Circuit Switching Regulator Control Circuit
logo
NEC
UPC1100 NEC-UPC1100 Datasheet
345Kb / 10P
   DUAL SWITCHING REGULATOR CONTROL CIRCUIT
logo
Rohm
BA3960 ROHM-BA3960 Datasheet
82Kb / 5P
   Dual circuit, variable output voltage regulator
logo
NEC
UPC1099 NEC-UPC1099 Datasheet
356Kb / 12P
   SWITCHING REGULATOR CONTROL CIRCUIT FOR 500 kHz OPERATION?
UPC1094 NEC-UPC1094 Datasheet
569Kb / 8P
   SWITCHING REGULATOR CONTROL CIRCUIT FOR 500 kHz OPERATION
UPC1905 NEC-UPC1905 Datasheet
850Kb / 12P
   SWITCHING REGULATOR CONTROL CIRCUIT FOR 500 kHz OPERATION?
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com