Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA1113 Datasheet(PDF) 6 Page - Intersil Corporation

Part # HFA1113
Description  850MHz, Low Distortion, Output Limiting, Programmable Gain, Buffer Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA1113 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HFA1113 Datasheet HTML 2Page - Intersil Corporation HFA1113 Datasheet HTML 3Page - Intersil Corporation HFA1113 Datasheet HTML 4Page - Intersil Corporation HFA1113 Datasheet HTML 5Page - Intersil Corporation HFA1113 Datasheet HTML 6Page - Intersil Corporation HFA1113 Datasheet HTML 7Page - Intersil Corporation HFA1113 Datasheet HTML 8Page - Intersil Corporation HFA1113 Datasheet HTML 9Page - Intersil Corporation HFA1113 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
FN1342.6
July 11, 2005
.
Limiting Operation
General
The HFA1113 features user programmable output clamps to
limit output voltage excursions. Clamping action is obtained
by applying voltages to the VH and VL terminals (pins 8 and
5) of the amplifier. VH sets the upper output limit, while VL
sets the lower clamp level. If the amplifier tries to drive the
output above VH, or below VL, the clamp circuitry limits the
output voltage at VH or VL (± the clamp accuracy),
respectively. The low input bias currents of the clamp pins
allow them to be driven by simple resistive divider circuits, or
active elements such as amplifiers or DACs.
Clamp Circuitry
Figure 4 shows a simplified schematic of the HFA1113 input
stage, and the high clamp (VH) circuitry. As with all current
feedback amplifiers, there is a unity gain buffer (QX1 - QX2)
between the positive and negative inputs. This buffer forces
-IN to track +IN, and sets up a slewing current of:
(V-IN - VOUT)/RF + V-IN/RG
This current is mirrored onto the high impedance node (Z) by
QX3-QX4, where it is converted to a voltage and fed to the
output via another unity gain buffer. If no clamping is utilized,
the high impedance node may swing within the limits defined
by QP4 and QN4. Note that when the output reaches its
quiescent value, the current flowing through -IN is reduced to
only that small current (-IBIAS) required to keep the output at
the final voltage.
Tracing the path from VH to Z illustrates the effect of the
clamp voltage on the high impedance node. VH decreases
by 2VBE (QN6 and QP6) to set up the base voltage on QP5.
QP5 begins to conduct whenever the high impedance node
reaches a voltage equal to QP5’s base voltage + 2VBE (QP5
and QN5). Thus, QP5 clamps node Z whenever Z reaches
VH. R1 provides a pull-up network to ensure functionality
with the clamp inputs floating. A similar description applies to
the symmetrical low clamp circuitry controlled by VL.
When the output is clamped, the negative input continues to
source a slewing current (ICLAMP) in an attempt to force the
output to the quiescent voltage defined by the input. QP5
must sink this current while clamping, because the -IN
current is always mirrored onto the high impedance node.
The clamping current is calculated as:
ICLAMP = (V-IN - VOUT CLAMPED)/300Ω + V-IN/RG.
As an example, a unity gain circuit with VIN = 2V, and VH =1V,
would have ICLAMP = (2V - 1V)/300Ω +2V/∞ = 3.33mA
(RG = ∞ because -IN is floated for unity gain applications).
Note that ICC will increase by ICLAMP when the output is
clamp limited.
1
2
3
4
8
7
6
5
+5V
10
µF
0.1
µF
VH
50
GND
GND
R1
-5V
0.1
µF
10
µF
50
IN
OUT
VL
(A
V = +1)
OR 0
Ω (AV = +2)
FIGURE 2. MODIFIED EVALUATION BOARD SCHEMATIC
VH
+IN
VL
V+
GND
1
V-
OUT
TOP LAYOUT
BOTTOM LAYOUT
FIGURE 3. EVALUATION BOARD LAYOUT
+1
+IN
V-
V+
QP1
QN1
V-
QN3
QP3
QP4
QN2
QP2
QN4
QP5
QN5
Z
V+
-IN
VOUT
ICLAMP
RF = 300Ω
(INTERNAL)
QP6
QN6
VH
R1
50K
(30K
FOR VL)
300
RG
(INTERNAL)
V-IN
200
FIGURE 4. HFA1113 SIMPLIFIED VH CLAMP CIRCUITRY
HFA1113


Similar Part No. - HFA1113

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1113 INTERSIL-HFA1113 Datasheet
252Kb / 17P
   850MHz, Low Distortion, Output Limiting, Programmable Gain, Buffer Amplifier
February 1999
logo
Renesas Technology Corp
HFA1113 RENESAS-HFA1113 Datasheet
955Kb / 16P
   850MHz, Low Distortion, Output Limiting, Programmable Gain, Buffer Amplifier
July 11, 2005
logo
Intersil Corporation
HFA1113/883 INTERSIL-HFA1113/883 Datasheet
568Kb / 22P
   Output Limiting, Ultra High Speed Programmable Gain, Buffer Amplifier
HFA1113883 INTERSIL-HFA1113883 Datasheet
568Kb / 22P
   Output Limiting, Ultra High Speed Programmable Gain, Buffer Amplifier
HFA1113EVAL INTERSIL-HFA1113EVAL Datasheet
252Kb / 17P
   850MHz, Low Distortion, Output Limiting, Programmable Gain, Buffer Amplifier
February 1999
More results

Similar Description - HFA1113

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1113 INTERSIL-HFA1113 Datasheet
252Kb / 17P
   850MHz, Low Distortion, Output Limiting, Programmable Gain, Buffer Amplifier
February 1999
logo
Renesas Technology Corp
HFA1113 RENESAS-HFA1113 Datasheet
955Kb / 16P
   850MHz, Low Distortion, Output Limiting, Programmable Gain, Buffer Amplifier
July 11, 2005
logo
Intersil Corporation
HFA1112IPZ INTERSIL-HFA1112IPZ Datasheet
488Kb / 14P
   850MHz, Low Distortion Programmable Gain Buffer Amplifiers
HFA1112 INTERSIL-HFA1112_05 Datasheet
481Kb / 14P
   850MHz, Low Distortion Programmable Gain Buffer Amplifiers
HFA1112IP INTERSIL-HFA1112IP Datasheet
484Kb / 14P
   850MHz, Low Distortion Programmable Gain Buffer Amplifiers
July 27, 2005
logo
Renesas Technology Corp
HFA1112 RENESAS-HFA1112 Datasheet
814Kb / 14P
   850MHz, Low Distortion Programmable Gain Buffer Amplifiers
logo
Intersil Corporation
HFA-1112IP INTERSIL-HFA-1112IP Datasheet
488Kb / 14P
   850MHz, Low Distortion Programmable Gain Buffer Amplifiers
HFA1112 INTERSIL-HFA1112 Datasheet
243Kb / 14P
   850MHz, Low Distortion Programmable Gain Buffer Amplifiers
logo
Renesas Technology Corp
HFA1130 RENESAS-HFA1130 Datasheet
710Kb / 13P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
logo
Intersil Corporation
HFA1130 INTERSIL-HFA1130 Datasheet
162Kb / 12P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
September 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com