Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDP1802AC Datasheet(PDF) 5 Page - Intersil Corporation

Part # CDP1802AC
Description  CMOS 8-Bit Microprocessors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1802AC Datasheet(HTML) 5 Page - Intersil Corporation

  CDP1802AC Datasheet HTML 1Page - Intersil Corporation CDP1802AC Datasheet HTML 2Page - Intersil Corporation CDP1802AC Datasheet HTML 3Page - Intersil Corporation CDP1802AC Datasheet HTML 4Page - Intersil Corporation CDP1802AC Datasheet HTML 5Page - Intersil Corporation CDP1802AC Datasheet HTML 6Page - Intersil Corporation CDP1802AC Datasheet HTML 7Page - Intersil Corporation CDP1802AC Datasheet HTML 8Page - Intersil Corporation CDP1802AC Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
3-7
Static Electrical Specifications at T
A = -40
oC to +85oC, Except as Noted
PARAMETER
SYMBOL
TEST CONDITIONS
CDP1802A
CDP1802AC,
CDP1802BC
UNITS
VOUT
(V)
VIN
(V)
VCC,
VDD
(V)
MIN
(NOTE 1)
TYP
MAX
MIN
(NOTE 1)
TYP
MAX
Quiescent Device Current
IDD
-
-
5
-
0.1
50
-
1
200
µA
-
-
10
-
1
200
-
-
-
µA
Output Low Drive (Sink)
Current
IOL
0.4
0, 5
5
1.1
2.2
-
1.1
2.2
-
mA
(Except XTAL)
0.5
0, 10
10
2.2
4.4
-
-
-
-
mA
XTAL
0.4
5
5
170
350
-
170
350
-
µA
Output High Drive (Source)
Current
IOH
4.6
0, 5
5
-0.27
-0.55
-
-0.27
-0.55
-
mA
(Except XTAL)
9.5
0, 10
10
-0.55
-1.1
-
-
-
-
mA
XTAL
4.6
0
5
-125
-250
-
-125
-250
-
µA
Output Voltage
-
0, 5
5
-
0
0.1
-
0
0.1
V
Low Level
VOL
-
0, 10
10
-
0
0.1
-
-
-
V
Output Voltage
-
0, 5
5
4.9
5
-
4.9
5
-
V
High Level
VOH
-
0, 10
10
9.9
10
-
-
-
-
V
Input Low Voltage
VIL
0.5, 4.5
-
5
-
-
1.5
-
-
1.5
V
0.5, 4.5
-
5, 10
-
-
1
-
-
-
V
1, 9
-
10
-
-
3
---
V
Input High Voltage
VIH
0.5, 4.5
-
5
3.5
-
-
3.5
-
-
V
0.5, 4.5
-
5, 10
4
-
-
-
-
-
V
1, 9
-
10
7
-
-
---
V
CLEAR Input Voltage
VH
-
-
5
0.4
0.5
-
0.4
0.5
-
V
Schmitt Hysteresis
-
-
5, 10
0.3
0.4
-
-
-
-
V
-
-
10
1.5
2
-
-
-
-
V
Input Leakage Current
IIN
Any
Input
0, 5
5
-
±10-4
±1-
±10-4
±1
µA
0, 10
10
-
±10-4
±1
---
µA
Three-State Output Leakage
IOUT
0, 5
0, 5
5
-
±10-4
±1-
±10-4
±1
µA
Current
0, 10
0, 10
10
-
±10-4
±1
---
µA
Operating Current
CDP1802A, AC
at f = 3.2MHz
IDDI
(Note 2)
--
5
-
2
4
-
2
4
mA
CDP1802BC
at f = 5.0MHz
--
5
-
-
-
-
3
6
mA
Minimum Data Retention
Voltage
VDR
VDD = VDR
-2
2.4
-
2
2.4
V
Data Retention Current
IDR
VDD = 2.4V
-
0.05
-
-
0.5
-
µA
CDP1802A, CDP1802AC, CDP1802BC


Similar Part No. - CDP1802AC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1802AC INTERSIL-CDP1802AC Datasheet
115Kb / 27P
   CMOS 8-Bit Microprocessors
March 1997
logo
Renesas Technology Corp
CDP1802AC RENESAS-CDP1802AC Datasheet
683Kb / 27P
   High-Reliability CMOS 8-Bit Microprocessor
October 17, 2008
logo
Intersil Corporation
CDP1802AC3 INTERSIL-CDP1802AC3 Datasheet
383Kb / 27P
   High-Reliability CMOS 8-Bit Microprocessor
CDP1802ACD INTERSIL-CDP1802ACD Datasheet
115Kb / 27P
   CMOS 8-Bit Microprocessors
March 1997
CDP1802ACD3 INTERSIL-CDP1802ACD3 Datasheet
383Kb / 27P
   High-Reliability CMOS 8-Bit Microprocessor
More results

Similar Description - CDP1802AC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1802A INTERSIL-CDP1802A Datasheet
115Kb / 27P
   CMOS 8-Bit Microprocessors
March 1997
logo
NEC
UPD70008 NEC-UPD70008 Datasheet
1Mb / 27P
   8-BIT CMOS MICROPROCESSORS
logo
Intel Corporation
8085AH INTEL-8085AH Datasheet
664Kb / 20P
   8 BIT HMOS MICROPROCESSORS
logo
3M Electronics
8085AH 3M-8085AH Datasheet
1Mb / 21P
   8-BIT HMOS MICROPROCESSORS
logo
Intel Corporation
D8085AH INTEL-D8085AH Datasheet
1Mb / 20P
   8-BIT HMOS MICROPROCESSORS
logo
Advanced Micro Devices
80C188 AMD-80C188 Datasheet
3Mb / 103P
   CMOS High-Integration 16-Bit Microprocessors
logo
Freescale Semiconductor...
MC68HC000RC10 FREESCALE-MC68HC000RC10 Datasheet
1Mb / 189P
   8-/16-/32-Bit Microprocessors User Manual
logo
Motorola, Inc
MC68HC000EI8 MOTOROLA-MC68HC000EI8 Datasheet
1Mb / 189P
   8-/16-/32-Bit Microprocessors User?셲 Manual
logo
Renesas Technology Corp
SH7011 RENESAS-SH7011 Datasheet
1Mb / 292P
   CMOS single-chip microprocessors
logo
Freescale Semiconductor...
MC68000UM FREESCALE-MC68000UM Datasheet
1Mb / 189P
   8-/16-/32-Bit Microprocessors User?셲 Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com