Electronic Components Datasheet Search |
|
CA3280E Datasheet(PDF) 2 Page - Intersil Corporation |
|
CA3280E Datasheet(HTML) 2 Page - Intersil Corporation |
2 / 10 page 2 . Absolute Maximum Ratings Thermal Information Supply Voltage (Between V+ and V-) . . . . . . . . . . . . . . . . . . . .+36V Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V Input Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . V+ to V- Input Current at ID = 0 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100µA Amplifier Bias Current (IABC). . . . . . . . . . . . . . . . . . . . . . . . . . 10mA Output Short Circuit Duration (Note 2). . . . . . . . . . . . . . . . Indefinite Linearizing Diode Bias Current, ID. . . . . . . . . . . . . . . . . . . . . . . 5mA Peak Input Current with Linearizing Diode. . . . . . . . . . . . . . . . . . ±I D Operating Conditions Temperature Range CA3280 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 70oC CA3280A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC Supply Voltage Range (Typ) . . . . . . . . . . . . . . . . . . . . . ±2V to ±15V Thermal Resistance (Typical, Note 1) θJA (oC/W) θJC (oC/W) PDIP Package . . . . . . . . . . . . . . . . . . . 90 N/A Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC Maximum Storage Temperature Range . . . . . . . . . -65oC to 150oC Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. NOTE: 1. θ JA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details. 2. Short circuit may be applied to ground or to either supply. Electrical Specifications For Equipment Design, at TA = 25 oC, V SUPPLY = ±15V, Unless Otherwise Specified PARAMETER SYMBOL TEST CONDITIONS CA3280 CA3280A UNITS MIN TYP MAX MIN TYP MAX Input Offset Voltage VIO IABC = 1mA - - 3 - - 0.5 mV IABC = 100µA - 0.7 3 - 0.25 0.5 mV IABC = 10µA- - 3 - - 0.5 mV IABC = 1mA to 10µA, TA = Full Temp. Range - 0.8 4 - 0.8 1.5 mV Input Offset Voltage Drift | ∆VIO|IABC = 1µA to 1mA - 0.5 1 - 0.5 1 mV IABC = 100µA, TA = Full Temperature Range -5 - - 3 5 µV/oC Amplifier Bias Voltage VABC IABC = 100µA- 1.2 - - 1.2 - V Peak Output Voltage VOM+IABC = 500µA 12 13.7 - 12.5 13.7 - V VOM- 12 -14.3 - -13.3 -14.3 - V VOM+IABC = 5µA 12 13.9 - 12.5 13.9 - V VOM- 12 -14.5 - -13.5 -14.5 - V Common Mode Input Voltage Range VICR IABC = 100µA-13 - 13 -13 - 13 V Noise Voltage eN IABC = 500µA 10Hz - 20 - - 20 - nV/ √Hz 1kHz - 8 - - 8 - nV/ √Hz 10kHz - 7 - - 7 - nV/ √Hz Input Offset Current IIO IABC = 500µA -Z 0.3 0.7 - 0.3 0.7 µA Input Bias Current IIB IABC = 500µA- 1.8 5 - 1.8 5 µA IABC = 500µA, TA = Full Temperature Range -3 8 - 3 8 µA CA3280, CA3280A |
Similar Part No. - CA3280E |
|
Similar Description - CA3280E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |