Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B25355L1316K001 Datasheet(PDF) 9 Page - EPCOS

Part # B25355L1316K001
Description  MP DC Capacitors Smoothing, Supporting, Discharge
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25355L1316K001 Datasheet(HTML) 9 Page - EPCOS

Back Button B25355L1316K001 Datasheet HTML 5Page - EPCOS B25355L1316K001 Datasheet HTML 6Page - EPCOS B25355L1316K001 Datasheet HTML 7Page - EPCOS B25355L1316K001 Datasheet HTML 8Page - EPCOS B25355L1316K001 Datasheet HTML 9Page - EPCOS B25355L1316K001 Datasheet HTML 10Page - EPCOS B25355L1316K001 Datasheet HTML 11Page - EPCOS B25355L1316K001 Datasheet HTML 12Page - EPCOS B25355L1316K001 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
72
Siemens Matsushita Components
Characteristics and ordering codes
CN
1)
µF
Imax
A
î
A
Is
A
RS
20
°C
m
Lself
nH
Dimensions
d
× l
mm
Fig. Appr.
weight
g
Ordering code
Pg.
UN(co) = DC 450 V
UN(sto)= DC 560 V
Ui
= AC 400 V
û = 560 V
us = 680 V
UTT = DC 680 V, 10 s
UTC = AC 2000 V, 10 s
470
40
26000 31000 2,8
240
99,3
× 248 3
2300
B25355-C4477-K005
720
40
32000 36000 2,6
240 121,6
× 248 3
3500
B25355-C4727-K005
880
100
40000 48000 1,4
200 121,6
× 325 2a 4500
B25355-L4887-K004
UN(co) = DC 600 V
UN(sto)= DC 750 V
Ui
= AC 530 V
û = 750 V
us = 900 V
UTT = DC 900 V, 10 s
UTC = AC 2100 V, 10 s
330
40
23000 33000 2,9
240
99,3
× 248 3
2300
B25355-C6337-K005 78
520
40
36000 42000 2,6
240 121,6
× 248 3
3500
B25355-C6527-K005
620
100
43000 50000 1,5
200 121,6
× 325 2a 4500
B25355-L6627-K004
UN(co) = DC 750 V
UN(sto)= DC 940 V
Ui
= AC 670 V
û = 940 V
us = 1100 V
UTT = DC 1150 V, 10 s
UTC = AC 2400 V, 10 s
245
40
19000 34000 3,0
240
99,3
× 248 3
2300
B25355-C7247-K005
380
40
30000 42000 2,7
240 121,6
× 248 3
3500
B25355-C7387-K005
470
100
38000 52000 1,6
200 121,6
× 325 2a 4500
B25355-L7477-K004 80
UN(co) = DC 850 V
UN(sto)= DC 1100 V
Ui
= AC 780 V
û = 1100 V
us = 1300 V
UTT = DC 1300 V, 10 s
UTC = AC 2600 V, 10 s
190
40
17000 36000 3,1
240
99,3
× 248 3
2300
B25355-C8197-K005
290
40
26000 44000 2,8
240 121,6
× 248 3
3500
B25355-C8297-K005
360
100
32000 54000 1,7
200 121,6
× 325 2a 4500
B25355-L8367-K004
UN(co) = DC 1200 V
UN(sto)= DC 1500 V
Ui
= AC 1100 V
û = 1500 V
us = 1800 V
UTT = DC 1800 V, 10 s
UTC = AC 3200 V, 10 s
160
80
16000 40000 3,0
180 121,6
× 176 1a 2500
B25355-L0167-K004
300
100
40000 75000 1,9
200 121,6
× 325 2a 4500
B25355-L0307-K004 82
UN(co) = DC 1400 V
UN(sto)= DC 1800 V
Ui
= AC 1300 V
û = 1800 V
us = 2100 V
UTT = DC 2100 V, 10 s
UTC = AC 3600 V, 10 s
140
80
14000 35000 3,0
180 121,6
× 176 1a 2500
B25355-L1147-K004
270
100
27000 67000 1,9
210 121,6
× 325 2a 4500
B25355-L1277-K004
1) Capacitance tolerance
± 10 %
B 25 355
Smoothing, Supporting, Discharge


Similar Part No. - B25355L1316K001

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
B2535L ONSEMI-B2535L Datasheet
111Kb / 4P
   SWITCHMODE Power Rectifier
May, 2008 ??Rev. 5
B2535LG ONSEMI-B2535LG Datasheet
111Kb / 4P
   SWITCHMODE Power Rectifier
May, 2008 ??Rev. 5
More results

Similar Description - B25355L1316K001

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C5750X7R1H685K TDK-C5750X7R1H685K Datasheet
117Kb / 4P
   Ceramic Capacitors For Smoothing
logo
Motorola, Inc
MC145076 MOTOROLA-MC145076 Datasheet
124Kb / 8P
   MC 145076 Stereo Audio FIR Smoothing Filter
logo
Johanson Technology Inc...
6R3R15X476MV4E JOHANSON-6R3R15X476MV4E Datasheet
129Kb / 2P
   Switching Power Supply Smoothing (Input/Output)
logo
HuaXinAn Electronics CO...
AP2200B HUAXINAN-AP2200B Datasheet
1Mb / 16P
   Step-Up DC-DC Converter IC Supporting Dye-sensitized Solar Cell
logo
Asahi Kasei Microsystem...
AP2200B AKM-AP2200B Datasheet
1Mb / 16P
   Step-Up DC-DC Converter IC Supporting Dye-sensitized Solar Cell
AP2200 AKM-AP2200 Datasheet
1Mb / 16P
   Step-up DC/DC converter IC supporting 1 or 2 solar cells
logo
Emerson Network Power
IMP EMERSON-NETWORKPOWER-IMP_09 Datasheet
2Mb / 8P
   Intelligent MP
IMP EMERSON-NETWORKPOWER-IMP Datasheet
3Mb / 8P
   Intelligent MP
logo
PHOENIX CONTACT
1884416 PHOENIX-1884416 Datasheet
98Kb / 4P
   VC-MP-A2
logo
Emerson Network Power
UMP EMERSON-NETWORKPOWER-UMP Datasheet
1Mb / 6P
   關MP Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com