Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B37940J1100C570 Datasheet(PDF) 6 Page - EPCOS

Part # B37940J1100C570
Description  Multilayer Ceramic Capacitors
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37940J1100C570 Datasheet(HTML) 6 Page - EPCOS

Back Button B37940J1100C570 Datasheet HTML 2Page - EPCOS B37940J1100C570 Datasheet HTML 3Page - EPCOS B37940J1100C570 Datasheet HTML 4Page - EPCOS B37940J1100C570 Datasheet HTML 5Page - EPCOS B37940J1100C570 Datasheet HTML 6Page - EPCOS B37940J1100C570 Datasheet HTML 7Page - EPCOS B37940J1100C570 Datasheet HTML 8Page - EPCOS B37940J1100C570 Datasheet HTML 9Page - EPCOS B37940J1100C570 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Multilayer Ceramic Capacitors
19
10/02
C0G
Product range chip capacitors
C0G
Size1)
inch
mm
0402
1005
0603
1608
0805
2012
1206
3216
1210
3225
Type
B37920
B37930
B37940
B37871
B37949
50
50
50
100
200
50
100
50
100
100
pF
120
pF
150
pF
180
pF
220
pF
270
pF
330
pF
390
pF
470
pF
560
pF
680
pF
820
pF
1,0 nF
1,2 nF
1,5 nF
1,8 nF
2,2 nF
2,7 nF
3,3 nF
3,9 nF
4,7 nF
5,6 nF
6,8 nF
8,2 nF
10
nF
1) l
× b (inch) / l × b (mm)
VR (VDC)
CR
C0G


Similar Part No. - B37940J1100C570

ManufacturerPart #DatasheetDescription
logo
EPCOS
B37940K1100J060 EPCOS-B37940K1100J060 Datasheet
765Kb / 33P
   Multilayer ceramic capacitors
B37940K1100J070 EPCOS-B37940K1100J070 Datasheet
765Kb / 33P
   Multilayer ceramic capacitors
B37940K1101J060 EPCOS-B37940K1101J060 Datasheet
765Kb / 33P
   Multilayer ceramic capacitors
B37940K1101J070 EPCOS-B37940K1101J070 Datasheet
765Kb / 33P
   Multilayer ceramic capacitors
B37940K1102J062 EPCOS-B37940K1102J062 Datasheet
765Kb / 33P
   Multilayer ceramic capacitors
More results

Similar Description - B37940J1100C570

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com