Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA3140EZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # CA3140EZ
Description  4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3140EZ Datasheet(HTML) 1 Page - Intersil Corporation

  CA3140EZ Datasheet HTML 1Page - Intersil Corporation CA3140EZ Datasheet HTML 2Page - Intersil Corporation CA3140EZ Datasheet HTML 3Page - Intersil Corporation CA3140EZ Datasheet HTML 4Page - Intersil Corporation CA3140EZ Datasheet HTML 5Page - Intersil Corporation CA3140EZ Datasheet HTML 6Page - Intersil Corporation CA3140EZ Datasheet HTML 7Page - Intersil Corporation CA3140EZ Datasheet HTML 8Page - Intersil Corporation CA3140EZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1
®
CA3140, CA3140A
4.5MHz, BiMOS Operational Amplifier with
MOSFET Input/Bipolar Output
The CA3140A and CA3140 are integrated circuit operational
amplifiers that combine the advantages of high voltage
PMOS transistors with high voltage bipolar transistors on a
single monolithic chip.
The CA3140A and CA3140 BiMOS operational amplifiers
feature gate protected MOSFET (PMOS) transistors in the
input circuit to provide very high input impedance, very low
input current, and high speed performance. The CA3140A
and CA3140 operate at supply voltage from 4V to 36V
(either single or dual supply). These operational amplifiers
are internally phase compensated to achieve stable
operation in unity gain follower operation, and additionally,
have access terminal for a supplementary external capacitor
if additional frequency roll-off is desired. Terminals are also
provided for use in applications requiring input offset voltage
nulling. The use of PMOS field effect transistors in the input
stage results in common mode input voltage capability down
to 0.5V below the negative supply terminal, an important
attribute for single supply applications. The output stage
uses bipolar transistors and includes built-in protection
against damage from load terminal short circuiting to either
supply rail or to ground.
The CA3140A and CA3140 are intended for operation at supply
voltages up to 36V (
±18V).
Features
• MOSFET Input Stage
- Very High Input Impedance (ZIN) -1.5TΩ (Typ)
- Very Low Input Current (Il) -10pA (Typ) at ±15V
- Wide Common Mode Input Voltage Range (VlCR) - Can be
Swung 0.5V Below Negative Supply Voltage Rail
- Output Swing Complements Input Common Mode
Range
• Directly Replaces Industry Type 741 in Most Applications
Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• Ground-Referenced Single Supply Amplifiers in
Automobile and Portable Instrumentation
• Sample and Hold Amplifiers
• Long Duration Timers/Multivibrators
(
µseconds-Minutes-Hours)
• Photocurrent Instrumentation
• Peak Detectors
• Active Filters
• Comparators
• Interface in 5V TTL Systems and Other Low
Supply Voltage Systems
• All Standard Operational Amplifier Applications
• Function Generators
• Tone Controls
• Power Supplies
• Portable Instruments
• Intrusion Alarm Systems
Pinout
CA3140 (PDIP, SOIC)
TOP VIEW
INV. INPUT
NON-INV.
V-
1
2
3
4
8
7
6
5
STROBE
V+
OUTPUT
OFFSET
NULL
OFFSET
NULL
INPUT
-
+
Data Sheet
July 11, 2005
FN957.10
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Harris Corporation 1998, Copyright Intersil Americas Inc. 2002, 2004, 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - CA3140EZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CA3140EZ RENESAS-CA3140EZ Datasheet
1Mb / 24P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
More results

Similar Description - CA3140EZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CA3140 RENESAS-CA3140 Datasheet
1Mb / 24P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3140 INTERSIL-CA3140 Datasheet
1Mb / 19P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
September 1998
logo
Renesas Technology Corp
CA3240 RENESAS-CA3240 Datasheet
868Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3240 INTERSIL-CA3240_05 Datasheet
669Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
CA3240 INTERSIL-CA3240 Datasheet
609Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
August 2001
logo
Harris Corporation
CA3410 HARRIS-CA3410 Datasheet
337Kb / 10P
   Quad BiMOS Operational Amplifiers With MOSFET Input, Bipolar Output
logo
NTE Electronics
NTE7144 NTE-NTE7144 Datasheet
31Kb / 4P
   Integrated Circuit BIMOS Operational Amplifier w/MOSFET Input, Bipolar Output
logo
Intersil Corporation
CA5470 INTERSIL-CA5470 Datasheet
57Kb / 5P
   Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
November 1996
CA5470 INTERSIL-CA5470_01 Datasheet
133Kb / 5P
   Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
CA3130 INTERSIL-CA3130 Datasheet
654Kb / 15P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com