Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82496-C3689 Datasheet(PDF) 4 Page - EPCOS

Part # B82496-C3689
Description  SMT Inductors, SIMID Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82496-C3689 Datasheet(HTML) 4 Page - EPCOS

  B82496-C3689 Datasheet HTML 1Page - EPCOS B82496-C3689 Datasheet HTML 2Page - EPCOS B82496-C3689 Datasheet HTML 3Page - EPCOS B82496-C3689 Datasheet HTML 4Page - EPCOS B82496-C3689 Datasheet HTML 5Page - EPCOS B82496-C3689 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
11/01
SMT Inductors, SIMID Series
B82496-C
SIMID 0603-C
Characteristics and ordering codes
1) Replace the + by the code letter for the required inductance tolerance (see table).
2) Ordering code for cardboard tape/reel packing. For bulk case append code number »1«.
Example: B82496-C3109-A1
LR
nH
Toler-
ance
Qmin
Qtyp
(at
800 MHz)
fL; fQ
MHz
IR
A
Rmax
fres, min
GHz
Ordering code1)2)
1,0
± 0,3 nH
A
± 0,2 nH
Z
7
60
100
1,8
0,02
16
B82496-C3109-+
1,2
8
60
100
1,8
0,02
15
B82496-C3129-+
1,5
8
50
100
1,5
0,03
13
B82496-C3159-+
1,8
12
50
100
1,5
0,03
12
B82496-C3189-+
2,2
14
50
100
1,5
0,03
10
B82496-C3229-+
2,7
14
40
100
1,5
0,03
10
B82496-C3279-+
3,3
14
40
100
1,2
0,05
9
B82496-C3339-+
3,9
± 5 %
J
± 0,2 nH
Z
14
40
100
1,2
0,05
8
B82496-C3399-+
4,7
14
40
100
0,8
0,10
7
B82496-C3479-+
5,6
14
40
100
0,7
0,15
6
B82496-C3569-+
6,8
14
40
100
0,7
0,15
6
B82496-C3689-+
8,2
14
40
100
0,7
0,15
6
B82496-C3829-+
10
± 5 %
J
± 2 %
G
14
40
100
0,6
0,20
5
B82496-C3100-+
12
14
40
100
0,45
0,35
5
B82496-C3120-+
15
14
40
100
0,42
0,40
4,5
B82496-C3150-+
18
14
40
100
0,40
0,45
4,0
B82496-C3180-+
22
14
40
100
0,38
0,50
4,0
B82496-C3220-+
27
14
35
100
0,36
0,55
3,0
B82496-C3270-+
33
14
35
100
0,35
0,60
3,0
B82496-C3330-+
39
14
35
100
0,30
0,80
2,5
B82496-C3390-+
47
14
35
100
0,27
0,95
2,5
B82496-C3470-+
56
14
35
100
0,25
1,2
2,5
B82496-C3560-+
68
14
35
100
0,23
1,3
2,0
B82496-C3680-+
82
14
35
100
0,22
1,5
2,0
B82496-C3820-+
100
14
30
100
0,20
1,8
1,8
B82496-C3101-+
120
5
30
25,2
0,16
3,0
1,8
B82496-C3121-+
150
5
30
25,2
0,13
5,0
1,6
B82496-C3151-+
180
4
25
25,2
0,12
6,0
1,4
B82496-C3181-+
220
4
25
25,2
0,11
7,0
1,3
B82496-C3221-+
^
^
^
^
^
^


Similar Part No. - B82496-C3689

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82496-A EPCOS-B82496-A Datasheet
57Kb / 4P
   SMT Inductors, SIMID Series
B82496-A3100 EPCOS-B82496-A3100 Datasheet
57Kb / 4P
   SMT Inductors, SIMID Series
B82496-A3101 EPCOS-B82496-A3101 Datasheet
57Kb / 4P
   SMT Inductors, SIMID Series
B82496-A3109 EPCOS-B82496-A3109 Datasheet
57Kb / 4P
   SMT Inductors, SIMID Series
B82496-A3120 EPCOS-B82496-A3120 Datasheet
57Kb / 4P
   SMT Inductors, SIMID Series
More results

Similar Description - B82496-C3689

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82496C3159A EPCOS-B82496C3159A Datasheet
81Kb / 6P
   SMT Inductors, SIMID Series
B82499A EPCOS-B82499A Datasheet
58Kb / 4P
   SMT Inductors, SIMID Series
B82496C3109 EPCOS-B82496C3109 Datasheet
125Kb / 8P
   SMT inductors, SIMID series
B32496-C EPCOS-B32496-C Datasheet
74Kb / 6P
   SMT Inductors, SIMID Series SIMID 0603-C
B82496-A EPCOS-B82496-A Datasheet
57Kb / 4P
   SMT Inductors, SIMID Series
B82494-A1100-K EPCOS-B82494-A1100-K Datasheet
62Kb / 5P
   SMT Inductors, SIMID Series
B82422H1473K EPCOS-B82422H1473K Datasheet
276Kb / 5P
   SMT Inductors, SIMID Series
B82498-A3100-K EPCOS-B82498-A3100-K Datasheet
58Kb / 4P
   SMT Inductors, SIMID Series
B82442T EPCOS-B82442T Datasheet
675Kb / 9P
   SMT inductors ??SIMID series
B82494A EPCOS-B82494A Datasheet
116Kb / 7P
   SMT inductors, SIMID series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com