Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B45198H1226J406 Datasheet(PDF) 11 Page - EPCOS

Part # B45198H1226J406
Description  Tantalum Chip Capacitors HighCap
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B45198H1226J406 Datasheet(HTML) 11 Page - EPCOS

Back Button B45198H1226J406 Datasheet HTML 4Page - EPCOS B45198H1226J406 Datasheet HTML 5Page - EPCOS B45198H1226J406 Datasheet HTML 6Page - EPCOS B45198H1226J406 Datasheet HTML 7Page - EPCOS B45198H1226J406 Datasheet HTML 8Page - EPCOS B45198H1226J406 Datasheet HTML 9Page - EPCOS B45198H1226J406 Datasheet HTML 10Page - EPCOS B45198H1226J406 Datasheet HTML 11Page - EPCOS B45198H1226J406 Datasheet HTML 12Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
54
10/02
Tantalum Chip Capacitors
HighCap
35
(23)
0,47
A
0,04
0,5
11
B45196H6474+10*
0,68
A
0,04
0,5
8,0
B45196H6684+10*
1,0
A
0,04
0,5
7,0
B45196H6105+10*
1,5
B
0,06
0,5
6,0
B45196H6155+20*
2,2
B
0,06
0,8
4,0
B45196H6225+20*
3,3
B
0,06
1,2
3,5
B45196H6335+20*
4,7
C
0,06
1,6
2,0
B45196H6475+30*
6,8
C
0,06
2,4
1,8
B45196H6685+30*
10
C
0,06
3,5
1,6
B45196H6106+30*
15
D
0,06
5,3
0,8
B45196H6156+40*
22
D
0,06
7,7
0,8
B45196H6226+40*
22
E
0,06
7,7
0,8
B45196H6226+50*
33
E
0,06
12
0,8
B45196H6336+50*
47
E
0,06
16
0,9
B45196H6476+50*
50
(33)
0,15
A
0,04
0,5
22
B45196H7154+10*
0,22
A
0,04
0,5
18
B45196H7224+10*
0,47
B
0,04
0,5
9,0
B45196H7474+20*
1,5
C
0,06
0,8
4,4
B45196H7155+30*
2,2
C
0,06
1,1
3,2
B45196H7225+30*
6,8
D
0,06
3,4
0,8
B45196H7685+40*
6,8
E
0,06
3,4
0,8
B45196H7685+50*
10
E
0,06
5,0
0,8
B45196H7106+50*
15
E
0,06
7,5
0,9
B45196H7156+50*
Upon request
VR
up to 85 °C
(up to 125°C)
Vdc
CR
µF
Case
size
tan
δ
max
(20 °C,
120 Hz)
Ilk, max
(20 °C,VR,
5 min)
µA
Zmax
(20 °C,
100 kHz)
Ordering code 1)
Tinned terminals
1) Replace 196H by 198H for gold-plated terminals
+ Code letter for capacitance tolerance: M =
± 20 %, K = ± 10 % (J = ± 5 % upon request)
* Code number for reel diameter: 9 = 180 mm, 6 = 330 mm
B45196H, B45198H


Similar Part No. - B45198H1226J406

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
B45198H KEMET-B45198H Datasheet
723Kb / 20P
   Tantalum Chip Capacitors Standard / HighCap
B45198H KEMET-B45198H Datasheet
723Kb / 20P
   Tantalum Chip Capacitors Standard / HighCap
More results

Similar Description - B45198H1226J406

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491C226K016ZT KEMET-T491C226K016ZT Datasheet
723Kb / 20P
   Tantalum Chip Capacitors Standard / HighCap
T491B106M020ZT KEMET-T491B106M020ZT Datasheet
723Kb / 20P
   Tantalum Chip Capacitors Standard / HighCap
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
logo
Rohm
TCO_B ROHM-TCO_B Datasheet
136Kb / 6P
   Chip tantalum capacitors
TC_A ROHM-TC_A Datasheet
105Kb / 12P
   Chip tantalum capacitors
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
   Chip tantalum capacitors
2022.6.3 - Rev.005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com