Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B45198H1226K306 Datasheet(PDF) 5 Page - EPCOS

Part # B45198H1226K306
Description  Tantalum Chip Capacitors HighCap
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B45198H1226K306 Datasheet(HTML) 5 Page - EPCOS

  B45198H1226K306 Datasheet HTML 1Page - EPCOS B45198H1226K306 Datasheet HTML 2Page - EPCOS B45198H1226K306 Datasheet HTML 3Page - EPCOS B45198H1226K306 Datasheet HTML 4Page - EPCOS B45198H1226K306 Datasheet HTML 5Page - EPCOS B45198H1226K306 Datasheet HTML 6Page - EPCOS B45198H1226K306 Datasheet HTML 7Page - EPCOS B45198H1226K306 Datasheet HTML 8Page - EPCOS B45198H1226K306 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
48
10/02
Tantalum Chip Capacitors
HighCap
Overview of available types
Upon request
Series
B45196H, tinned terminals
B45198H, gold-plated terminals
VR (Vdc)
up to 85
°C
4
6,3
10
16
20
25
35
50
CR (µF)1)
0,15
A
0,22
A
0,33
0,47
AB
0,68
A
1,0
A
A
1,5
A
A
B
C
2,2
A
A
A
B
C
3,3
A
AA
BB
4,7
A
A
A
A
B
B
C
6,8
A
A
A
A
B
B
B
C
C
D
E
10
A
A
ABABB
C
C
C
E
15
A
A
BABB
C
C
C
D
E
22
ABA
B
A B C
B
C
C
C
D
D
E
33
A
B
A B C
B
C
C
CDD
E
E
47
A B C
B
CB
C
C
D
DE
DE
E
68
B
C
B
CCDCD
D
E
E
100
B
C
B C D
CDD
E
E
150
C
D
C
D
CDE
D
E
220
C
D
C D E
D
E
E
330
C D E
DE
DE
470
D
E
D
E
E
680
DE
E
E
1000
E
E
1500
E
1) Additional ratings upon request
B45196H, B45198H


Similar Part No. - B45198H1226K306

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
B45198H KEMET-B45198H Datasheet
723Kb / 20P
   Tantalum Chip Capacitors Standard / HighCap
B45198H KEMET-B45198H Datasheet
723Kb / 20P
   Tantalum Chip Capacitors Standard / HighCap
More results

Similar Description - B45198H1226K306

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491C226K016ZT KEMET-T491C226K016ZT Datasheet
723Kb / 20P
   Tantalum Chip Capacitors Standard / HighCap
T491B106M020ZT KEMET-T491B106M020ZT Datasheet
723Kb / 20P
   Tantalum Chip Capacitors Standard / HighCap
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
logo
Rohm
TCO_B ROHM-TCO_B Datasheet
136Kb / 6P
   Chip tantalum capacitors
TC_A ROHM-TC_A Datasheet
105Kb / 12P
   Chip tantalum capacitors
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
   Chip tantalum capacitors
2022.6.3 - Rev.005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com