Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA0139AM Datasheet(PDF) 2 Page - Intersil Corporation

Part # CA0139AM
Description  Quad Voltage Comparators for Industrial, Commercial and Military Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA0139AM Datasheet(HTML) 2 Page - Intersil Corporation

  CA0139AM Datasheet HTML 1Page - Intersil Corporation CA0139AM Datasheet HTML 2Page - Intersil Corporation CA0139AM Datasheet HTML 3Page - Intersil Corporation CA0139AM Datasheet HTML 4Page - Intersil Corporation CA0139AM Datasheet HTML 5Page - Intersil Corporation CA0139AM Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Absolute Maximum Ratings
Thermal Information
Supply Voltage . .. .. .. ... .. .. .. .. .. .. .. .. .. ... . 36V or
±18V
Differential Input Voltage . .. .. .. .. .. .. .. .. .. .. . . . . . . . . . .36V
Input Voltage .. .. .. .. ... .. .. .. .. .. .. .. .. .. ... -0.3V to +36V
Input Current (VI <-0.3V, Note 1) . .. .. .. .. .. .. ... .. .. ..50mA
Output Short Circuit Duration (Single Supply, Note 2) . . .Continuous
Operating Conditions
Temperature Range
CA139, CA139A .. .. ... .. .. .. .. .. .. .. .. .. . -55oCto 125oC
CA239 . .. .. .. .. .. ... .. .. .. .. .. .. .. .. .. .. -25oCto 80oC
CA339, LM339 . .. .. ... .. .. .. .. .. .. .. .. .. ... 0oCto 70oC
LM2901,LM3302 . .. ... .. .. .. .. .. .. .. .. .. .. -40oCto 85oC
Thermal Resistance (Typical, Note 3)
θJA (oC/W) θJC (oC/W)
PDIP Package . . . . . . ... .. .. .. .. ..
100
N/A
SOIC Package . . . . . . ... .. .. .. .. ..
175
N/A
Maximum Junction Temperature (Plastic Package). . . . . . . . . 150oC
Maximum Storage Temperature Range .. .. .. .. .. -65oCto 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationof the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Inputs must not go more negative than -0.3V.
2. Short circuits from the output to V+ can cause excessive heating and eventual destruction. The maximum output current independent of V+ is
approximately 20mA.
3.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
V+ = 5V, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST
CONDITIONS
TEMP
(oC)
CA139
CA139A
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Input Offset Voltage
VIO
VREF =1.4V, RS =0,
Output Switch Point
V
1.4V
TA =25
-
2
5
-
1
2
mV
Note 4
-
-
9
-
-
4
mV
Differential Input Voltage
VID
Keep All Inputs Š
0V,
or V- (ifused),(Note 5)
Note 4
-
-
36
--36
V
Saturation Voltage
VSAT
VI-= 1V, VI+= 0V,
ISINK ≤ 4mA
TA = 25
-
250
400
-
250
400
mV
Note 4
-
-
700
-
-
700
mV
Common Mode Input
Voltage Range
VICR
Note 6
TA =25
0
-
V+ -1.5
0
-
V+ -1.5
V
Note 4
0
-
V+-2
0
-
V+-2
V
Input Offset Current
IIO
II+- II-TA =25
-
3
25
-
3
25
nA
Note 4
-
-
100
-
-
100
nA
Input Bias Current
IIB
II+or II- with Output in
Linear Range
TA = 25
-
25
100
-
25
100
nA
Note 4
-
-
300
-
-
300
nA
Total Supply Current
I+
RL = ∞ On All
Comparators
TA =25
-
0.8
2
-
0.8
2
mA
Output Leakage
Current
VI+ ≥ 1V, VI-= 0V,
VO =5V
TA =25
-
0.1
-
-
0.1
-
nA
VI+ ≥ 1V, VI-= 0V,
VO =30V
Note 4
-
-
1
-
-
1
µA
Output Sink Current
VI- ≥ 1V, VI+= 0V,
VO ≤ 1.5V
TA =25
6
16
-
6
16
-
mA
Voltage Gain
AOL
RL ≥ 15kΩ,V+= 15V
TA = 25
-
200
-
50
200
-
V/mV
Large Signal Response
Time
VI = TTL Logic Swing,
VREF =1.4V, VRL =5V,
RL =5.1kΩ
TA = 25
-
300
-
-
300
-
ns
Response Time
(Figures 3, 4)
VRL =5V, RL =5.1kΩ
TA =25
-
1.3
-
-
1.3
-
µs
CA139, CA139A, CA239, CA339, LM339, LM2901, LM3302


Similar Part No. - CA0139AM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA0139AM INTERSIL-CA0139AM Datasheet
64Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
October 1999
More results

Similar Description - CA0139AM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA139 INTERSIL-CA139 Datasheet
64Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
October 1999
CA124 INTERSIL-CA124 Datasheet
200Kb / 7P
   Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications
May 2001
CA3141 INTERSIL-CA3141 Datasheet
39Kb / 4P
   High-Voltage Diode Array For Commercial, Industrial and Military Applications
January 1999
logo
Harris Corporation
CA3141 HARRIS-CA3141 Datasheet
33Kb / 4P
   High-Voltage Diode Array For Commercial, Industrial and Military Applications
logo
Finisar Corporation.
FTE8510K1LTN FINISAR-FTE8510K1LTN Datasheet
558Kb / 2P
   For Industrial and Military Applications
logo
Intersil Corporation
CA158 INTERSIL-CA158 Datasheet
85Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
October 1999
CA158 INTERSIL-CA158_01 Datasheet
187Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
logo
Harris Corporation
CA555 HARRIS-CA555_99 Datasheet
65Kb / 6P
   Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
CA741C HARRIS-CA741C Datasheet
421Kb / 6P
   HIGH-GAIN SINGLE AND DUAL OPERATIONAL AMPLIFIERS FOR MILITARY INDUSTRIAL AND COMMERCIAL APPLICATIONS
logo
Intersil Corporation
CA555 INTERSIL-CA555 Datasheet
84Kb / 6P
   Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
December 1999
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com