Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B45198H1226J206 Datasheet(PDF) 8 Page - EPCOS

Part # B45198H1226J206
Description  Tantalum Chip Capacitors HighCap
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B45198H1226J206 Datasheet(HTML) 8 Page - EPCOS

Back Button B45198H1226J206 Datasheet HTML 4Page - EPCOS B45198H1226J206 Datasheet HTML 5Page - EPCOS B45198H1226J206 Datasheet HTML 6Page - EPCOS B45198H1226J206 Datasheet HTML 7Page - EPCOS B45198H1226J206 Datasheet HTML 8Page - EPCOS B45198H1226J206 Datasheet HTML 9Page - EPCOS B45198H1226J206 Datasheet HTML 10Page - EPCOS B45198H1226J206 Datasheet HTML 11Page - EPCOS B45198H1226J206 Datasheet HTML 12Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
51
10/02
Tantalum Chip Capacitors
HighCap
10
(6,3)
3,3
A
0,06
0,5
5,5
B45196H2335+10*
4,7
A
0,06
0,5
4,5
B45196H2475+10*
6,8
A
0,06
0,7
4,0
B45196H2685+10*
10
A
0,06
1,0
3,8
B45196H2106+10*
10
B
0,06
1,0
3,0
B45196H2106+20*
15
A
0,06
1,5
3,2
B45196H2156+10*
15
B
0,06
1,5
2,5
B45196H2156+20*
22
A
0,08
2,2
3,2
B45196H2226+10*
22
B
0,06
2,2
2,3
B45196H2226+20*
22
C
0,06
2,2
1,6
B45196H2226+30*
33
B
0,06
3,3
2,0
B45196H2336+20*
33
C
0,06
3,0
1,5
B45196H2336+30*
47
B
0,08
4,7
1,6
B45196H2476+20*
47
C
0,06
4,7
1,4
B45196H2476+30*
68
C
0,06
6,8
1,2
B45196H2686+30*
68
D
0,06
6,8
0,8
B45196H2686+40*
100
C
0,08
10
1,2
B45196H2107+30*
100
D
0,08
10
0,8
B45196H2107+40*
150
C
0,10
15
1,0
B45196H2157+30*
150
D
0,08
15
0,8
B45196H2157+40*
150
E
0,08
15
0,8
B45196H2157+50*
220
D
0,10
22
0,8
B45196H2227+40*
220
E
0,08
22
0,6
B45196H2227+50*
330
D
0,12
33
0,9
B45196H2337+40*
330
E
0,10
33
0,6
B45196H2337+50*
470
E
0,12
47
0,6
B45196H2477+50*
680
E
0,15
68
0,6
B45196H2687+50*
Upon request
VR
up to 85 °C
(up to 125°C)
Vdc
CR
µF
Case
size
tan
δ
max
(20 °C,
120 Hz)
Ilk, max
(20 °C,VR,
5 min)
µA
Zmax
(20 °C,
100 kHz)
Ordering code 1)
Tinned terminals
1) Replace 196H by 198H for gold-plated terminals
+ Code letter for capacitance tolerance: M =
± 20 %, K = ± 10 % (J = ± 5 % upon request)
* Code number for reel diameter: 9 = 180 mm, 6 = 330 mm
B45196H, B45198H


Similar Part No. - B45198H1226J206

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
B45198H KEMET-B45198H Datasheet
723Kb / 20P
   Tantalum Chip Capacitors Standard / HighCap
B45198H KEMET-B45198H Datasheet
723Kb / 20P
   Tantalum Chip Capacitors Standard / HighCap
More results

Similar Description - B45198H1226J206

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491C226K016ZT KEMET-T491C226K016ZT Datasheet
723Kb / 20P
   Tantalum Chip Capacitors Standard / HighCap
T491B106M020ZT KEMET-T491B106M020ZT Datasheet
723Kb / 20P
   Tantalum Chip Capacitors Standard / HighCap
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
logo
Rohm
TCO_B ROHM-TCO_B Datasheet
136Kb / 6P
   Chip tantalum capacitors
TC_A ROHM-TC_A Datasheet
105Kb / 12P
   Chip tantalum capacitors
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
   Chip tantalum capacitors
2022.6.3 - Rev.005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com