Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3302 Datasheet(PDF) 1 Page - Intersil Corporation

Part # LM3302
Description  Quad Voltage Comparators for Industrial, Commercial and Military Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

LM3302 Datasheet(HTML) 1 Page - Intersil Corporation

  LM3302 Datasheet HTML 1Page - Intersil Corporation LM3302 Datasheet HTML 2Page - Intersil Corporation LM3302 Datasheet HTML 3Page - Intersil Corporation LM3302 Datasheet HTML 4Page - Intersil Corporation LM3302 Datasheet HTML 5Page - Intersil Corporation LM3302 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
File Number
795.7
CA139, CA139A, CA239, CA339,
LM339, LM2901, LM3302
Quad Voltage Comparators for Industrial,
Commercial and Military Applications
The devices in this series consist of four independent single
or dual supply voltage comparators on a single monolithic
substrate. The common mode input voltage range includes
ground even when operated from a single supply, and the
low power supply current drain makes these comparators
suitable for battery operation. These types were designed to
directly interface with TTL and CMOS.
Type CA139A, has a lower input offset voltage than the
CA139. Some of the SOIC parts are available on tape and
reel (see Ordering Information table). Replace the M suffix in
the part number with M96 when ordering (e.g.,
CA0239M96).
Pinout
CA139A (SOIC)
CA139, CA339, LM3302 (PDIP, SOIC)
CA239, LM2901, LM339 (PDIP)
TOP VIEW
Features
• Operation from Single or Dual Supplies
• Common Mode Input Voltage Range to GND
• Output Voltage Compatible with TTL, DTL, ECL,
MOS and CMOS
• Differential Input Voltage Range Equal to the
Supply Voltage
• Maximum Input Offset Voltage (VIO)
- CA139A .... ...... ...... ..... ...... ..... . 2mV
- CA139, CA239, CA339..... ..... ...... ..... . 5mV
- LM2901..... ...... ...... ..... ...... ..... . 7mV
- LM3302..... ...... ...... ..... ...... ..... 20mV
• Replacement for Industry Types 139, 239, 339, 139A,
2901, 3302
Applications
• Square Wave Generator
• Time Delay Generators
• Pulse Generators
• Multivibrators
• High Voltage Digital Logic Gates
• A/D Converters
• MOS Clock Timers
Schematic Diagram
Part Number Information
PART NO. (BRAND)
TEMP.
RANGE
(oC)
PACKAGE
PKG.
NO.
CA0139E
-55 to 125
14 Ld PDIP
E14.3
CA0139M, AM (139, 139A)
-55 to 125
14 Ld SOIC
M14.15
CA0239E
-25 to 85
14 Ld PDIP
E14.3
CA0239M96 (239)
-25 to 85
14 Ld SOIC
M14.15
CA0339E
0 to 70
14 Ld PDIP
E14.3
CA0339M (339)
0 to 70
14 Ld SOIC
M14.15
LM339N
0 to 70
14 Ld PDIP
E14.3
LM2901N
-40 to 85
14 Ld PDIP
E14.3
LM3302M96 (3302)
-40 to 85
14 Ld SOIC
M14.15
LM3302N
-40 to 85
14 Ld PDIP
E14.3
OUTPUT 2
OUTPUT 1
V+
NEG. INPUT 1
POS. INPUT 1
NEG. INPUT 2
POS. INPUT 2
OUTPUT 3
OUTPUT 4
GND
POS. INPUT 4
NEG. INPUT 4
POS. INPUT 3
NEG. INPUT 3
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1
4
2
3
5
+ INPUT
3
4
- INPUT
V+
12
Q5
Q6
Q4
Q3
Q2
Q1
13
11
10
2
Q7
Q8
OUTPUT
TO 2, 3, 4
TO 2, 3, 4
4
+
-
2
+
-
1
7
6
3
+
-
9
8
14
COMPARATOR NO 1
3.5
µA
100
µA
3.5
µA
100
µA
Data Sheet
May 2001
tle
13
39
39
39
339
290
330
-
ad
-
-
-
for
s-
,
-
-
-
li-
)
tho
-
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil and Design is a trademark of Intersil Americas Inc. | Copyright © Intersil Americas Inc. 2001
OBS
OLE
TE P
ROD
UCT
NO
REC
OMM
END
ED R
EPL
ACE
MEN
T


Similar Part No. - LM3302

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
LM3302 INTERSIL-LM3302 Datasheet
64Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
October 1999
logo
Texas Instruments
LM3302 TI1-LM3302 Datasheet
791Kb / 12P
[Old version datasheet]   Single Supply or Dual Supplies Low Supply-Current Drain Independent of Supply Voltage
logo
ARTSCHIP ELECTRONICS CO...
LM3302 ARTSCHIP-LM3302 Datasheet
627Kb / 19P
   Low Power Low Offset Voltage Quad Comparators
logo
Texas Instruments
LM3302-N TI1-LM3302-N Datasheet
1Mb / 31P
[Old version datasheet]   LM139/LM239/LM339/LM2901/LM3302 Low Power Low Offset Voltage Quad Comparators
LM3302-N TI1-LM3302-N Datasheet
2Mb / 28P
[Old version datasheet]   Low-Power Low-Offset Voltage Quad Comparators
More results

Similar Description - LM3302

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA139 INTERSIL-CA139 Datasheet
64Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
October 1999
CA124 INTERSIL-CA124 Datasheet
200Kb / 7P
   Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications
May 2001
CA3141 INTERSIL-CA3141 Datasheet
39Kb / 4P
   High-Voltage Diode Array For Commercial, Industrial and Military Applications
January 1999
logo
Harris Corporation
CA3141 HARRIS-CA3141 Datasheet
33Kb / 4P
   High-Voltage Diode Array For Commercial, Industrial and Military Applications
logo
Finisar Corporation.
FTE8510K1LTN FINISAR-FTE8510K1LTN Datasheet
558Kb / 2P
   For Industrial and Military Applications
logo
Intersil Corporation
CA158 INTERSIL-CA158 Datasheet
85Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
October 1999
CA158 INTERSIL-CA158_01 Datasheet
187Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
logo
Harris Corporation
CA555 HARRIS-CA555_99 Datasheet
65Kb / 6P
   Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
CA741C HARRIS-CA741C Datasheet
421Kb / 6P
   HIGH-GAIN SINGLE AND DUAL OPERATIONAL AMPLIFIERS FOR MILITARY INDUSTRIAL AND COMMERCIAL APPLICATIONS
logo
Intersil Corporation
CA555 INTERSIL-CA555 Datasheet
84Kb / 6P
   Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
December 1999
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com