Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA2111AE Datasheet(PDF) 4 Page - Harris Corporation

Part # CA2111AE
Description  FM IF Amplifier-Limiter and Quadrature Detector
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

CA2111AE Datasheet(HTML) 4 Page - Harris Corporation

  CA2111AE Datasheet HTML 1Page - Harris Corporation CA2111AE Datasheet HTML 2Page - Harris Corporation CA2111AE Datasheet HTML 3Page - Harris Corporation CA2111AE Datasheet HTML 4Page - Harris Corporation CA2111AE Datasheet HTML 5Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
8-16
Schematic Diagram
Typical Performance Curves
FIGURE 2. AM REJECTION vs INPUT VOLTAGE (AT 4.5MHz)
FIGURE 3. AM REJECTION vs INPUT VOLTAGE (AT 5.5MHz)
4
6
5
7
10
9
11
2
12
13
14
1
R24
160K
Q1
Q2
Q3
Q4
Q5
R5
1K
Q6
Q7 Q8
R9
1K
Q10
R12
3K
Q11
Q12
Q13
Q9
R1
500
R6
2K
R2
4K
R3
R4
500
2K
R7
1K
R8
500
Q16
R15
200
R16
200
R17
200
R10
450
Q14
Q15
R11
50
Q24
Q23
Q22
Q27
Q25
R21
5K
R22
8K
Q18
Q19
Q20
Q21
R19
8.8K
R20
200
R23
200
R18
200
R13
2.5K
R14
2.5K
Q26
Q17
60
50
40
30
20
10
0.1
1
10
INPUT SIGNAL VOLTAGE (Vi) (mVRMS)
TA = 25
oC
V+ = 12V
fO = 4.5MHz
100% FM, 30% AM
REF. SIGNAL INPUT (TERM. 10)
REF. SIGNAL INPUT (TERM. 9)
60
50
40
30
20
10
0.1
1
10
INPUT VOLTAGE (Vi) (mVRMS)
TA = 25
oC
V+ = 12V
fO = 5.5MHz
100% FM, 30% AM
REF. SIGNAL INPUT (TERM. 10)
REF. SIGNAL INPUT (TERM. 9)
CA2111A


Similar Part No. - CA2111AE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA2111AE INTERSIL-CA2111AE Datasheet
50Kb / 5P
   FM IF Amplifier-Limiter and Quadrature Detector
May 1999
More results

Similar Description - CA2111AE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA2111A INTERSIL-CA2111A Datasheet
50Kb / 5P
   FM IF Amplifier-Limiter and Quadrature Detector
May 1999
logo
TEMIC Semiconductors
U4270B TEMIC-U4270B Datasheet
104Kb / 7P
   FM IF limiter amplifier and detector
logo
Intersil Corporation
CA3075 INTERSIL-CA3075 Datasheet
112Kb / 4P
   FM IF Amplifier-Limiter, Detector, and Audio Preamplifier
logo
Toshiba Semiconductor
TA7130P TOSHIBA-TA7130P Datasheet
401Kb / 5P
   FOR FM IF AMPLIFIER AMPLIFIER AND DETECTOR
logo
TOKO, Inc
TK14551V TOKO-TK14551V Datasheet
334Kb / 32P
   FM IF DETECTOR/AMPLIFIER
logo
Sanyo Semicon Device
LA1145 SANYO-LA1145 Datasheet
335Kb / 17P
   FM IF System (Quadrature Detector) for Car Radio
1145M SANYO-1145M Datasheet
477Kb / 17P
   FM IF System (Quadrature Detector) for Car Radio
logo
NTE Electronics
NTE1441 NTE-NTE1441 Datasheet
23Kb / 3P
   Integrated Circuit FM IF Amplifier, Detector
logo
Holtek Semiconductor In...
HT9011 HOLTEK-HT9011 Datasheet
98Kb / 7P
   FM IF Detector
logo
NTE Electronics
NTE750 NTE-NTE750 Datasheet
82Kb / 2P
   Integrated Circuit Four Stage FM/IF Amplifier, Limiter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com