Part Name
         Description
CA3102_05

 Dual High Frequency Differential Amplifier For Low Power Applications Up to 500MHz ( 11 Page)


INTERSIL
100% 
Zoom Out Zoom In
 
 1 page
background image
1
®
FN611.7
CA3102
Dual High Frequency Differential Amplifier
For Low Power Applications Up to
500MHz
The CA3102 consists of two independent differential
amplifiers with associated constant current transistors on a
common monolithic substrate. The six transistors which
comprise the amplifiers are general purpose devices which
exhibit low 1/f noise and a value of fT in excess of 1GHz.
These features make the CA3102 useful from DC to
500MHz. Bias and load resistors have been omitted to
provide maximum application flexibility.
The monolithic construction of the CA3102 provides close
electrical and thermal matching of the amplifiers. This
feature makes this device particularly useful in dual channel
applications where matched performance of the two
channels is required.
The CA3102 has a separate substrate connection for greater
design flexibility.
Features
• Power Gain 23dB (Typ) . . . . . . . . . . . . . . . . . . . . 200MHz
• Noise Figure 4.6dB (Typ) . . . . . . . . . . . . . . . . . . . 200MHz
• Two Differential Amplifiers on a Common Substrate
• Independently Accessible Inputs and Outputs
• Full Military Temperature Range . . . . . . . -55oC to 125oC
Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• VHF Amplifiers
• VHF Mixers
• Multifunction Combinations - RF/Mixer/Oscillator;
Converter/IF
• IF Amplifiers (Differential and/or Cascode)
• Product Detectors
• Doubly Balanced Modulators and Demodulators
• Balanced Quadrature Detectors
• Cascade Limiters
• Synchronous Detectors
• Balanced Mixers
• Synthesizers
• Balanced (Push-Pull) Cascode Amplifiers
• Sense Amplifiers
Pinout
CA3102
(PDIP, SOIC)
TOP VIEW
Ordering Information
PART NUMBER
(BRAND)
TEMP.
RANGE (oC)
PACKAGE
PKG.
DWG. #
CA3102E
(CA3102E)
-55 to 125
14 Ld PDIP
E14.3
CA3102M
(3102)
-55 to 125
14 Ld SOIC
M14.15
CA3102MZ
(CA3102MZ)
(Note)
-55 to 125
14 Ld SOIC
(Pb-free)
M14.15
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
SUBSTRATE
SUBSTRATE
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Data Sheet
October 12, 2005
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2002, 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.



Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CA3054_05Dual Independent Differential Amp for Low Power Applications from DC to 120MHz 1 2 3 4 5 MoreIntersil Corporation
LMX24861.0 GHz - 4.5 GHz High Performance Delta-Sigma Low Power Dual PLLatinum TM Frequency Synthesizers with 3.0 GHz Integer PLL 1 2 3 4 5 MoreNational Semiconductor
AN44A high power LED driver for low voltage halogen replacement 1 2 3 4 5 MoreZetex Semiconductors
2SC2369High Frequency Low Noise Amplifier 1 NEC
TA8227PLOW FREQUENCY POWER AMPLIFIER 1 2 3 4 5 MoreUnisonic Technologies
AD8132_06Low Cost High Speed Differential Amplifier 1 2 3 4 5 MoreAnalog Devices
SY88982L3.3V 2.7Gbps High Current Low Power Laser Driver for FP/DFB Lasers 1 2 3 4 5 MoreMicrel Semiconductor
NST489AMT1High Current Surface Mount NPN Silicon Low VCE sat Switching Transistor for Load Management in Portable Applications 1 2 3 4 ON Semiconductor
USBULC6-2F3Dual ultra low capacitance protection for high speed USB 1 2 3 4 5 MoreSTMicroelectronics
WM9711_06Low Power Audio CODEC for Portable Applications 1 2 3 4 5 MoreWolfson Microelectronics plc

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl