Part Name
         Description
CA3102_05

 Dual High Frequency Differential Amplifier For Low Power Applications Up to 500MHz ( 11 Page)


INTERSIL
100% 
Zoom Out Zoom In
 6 page
background image
6
FIGURE 10. VOLTAGE GAIN vs FREQUENCY
FIGURE 11. GAIN BANDWIDTH PRODUCT vs COLLECTOR
CURRENT
FIGURE 12. 1/f NOISE FIGURE vs COLLECTOR CURRENT
FIGURE 13. 1/f NOISE FIGURE vs COLLECTOR CURRENT
FIGURE 14. INPUT ADMITTANCE (Y11) vs FREQUENCY
FIGURE 15. INPUT ADMITTANCE (Y11) vs FREQUENCY
Typical Performance Curves (Continued)
40
35
30
25
20
15
10
5
0
0.01
0.1
1.0
10
100
FREQUENCY (MHz)
TA = 25
oC
2.0
1.9
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0
1
2
3
4
5
6
7
8
9
10
11 12 13
14
COLLECTOR CURRENT (mA)
TA = 25
oC
30
20
10
0
0.01
0.1
1.0
COLLECTOR CURRENT (mA)
TA = 25
oC
RSOURCE = 500Ω
f = 10Hz
f = 100Hz
f = 1kHz
f = 10kHz
f = 100kHz
30
20
10
0
0.01
0.1
1.0
COLLECTOR CURRENT (mA)
f = 10Hz
f = 100Hz
f = 1kHz
f = 10kHz
f = 100kHz
TA = 25
oC
RSOURCE = 1kΩ
2.5
2.0
1.5
1.0
0.5
0
10
102
103
FREQUENCY (MHz)
CASCODE AMPLIFIER
VCC = 12V
I3 = I9 = 2mA
TA = 25
oC
g11
b11
25
20
15
10
5
0
6
5
4
3
2
1
0
10
102
103
FREQUENCY (MHz)
b11
g11
DIFFERENTIAL AMPLIFIER
VCC = 12V
I3 = I9 = 4mA
TA = 25
oC
CA3102



Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CA3054_05Dual Independent Differential Amp for Low Power Applications from DC to 120MHz 1 2 3 4 5 MoreIntersil Corporation
LMX24861.0 GHz - 4.5 GHz High Performance Delta-Sigma Low Power Dual PLLatinum TM Frequency Synthesizers with 3.0 GHz Integer PLL 1 2 3 4 5 MoreNational Semiconductor
AN44A high power LED driver for low voltage halogen replacement 1 2 3 4 5 MoreZetex Semiconductors
2SC2369High Frequency Low Noise Amplifier 1 NEC
TA8227PLOW FREQUENCY POWER AMPLIFIER 1 2 3 4 5 MoreUnisonic Technologies
AD8132_06Low Cost High Speed Differential Amplifier 1 2 3 4 5 MoreAnalog Devices
SY88982L3.3V 2.7Gbps High Current Low Power Laser Driver for FP/DFB Lasers 1 2 3 4 5 MoreMicrel Semiconductor
NST489AMT1High Current Surface Mount NPN Silicon Low VCE sat Switching Transistor for Load Management in Portable Applications 1 2 3 4 ON Semiconductor
USBULC6-2F3Dual ultra low capacitance protection for high speed USB 1 2 3 4 5 MoreSTMicroelectronics
WM9711_06Low Power Audio CODEC for Portable Applications 1 2 3 4 5 MoreWolfson Microelectronics plc

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl