Part Name
         Description
CA3102_05

 Dual High Frequency Differential Amplifier For Low Power Applications Up to 500MHz ( 11 Page)


INTERSIL
100% 
Zoom Out Zoom In
 
 5 page
background image
5
Typical Performance Curves
FIGURE 4. INPUT OFFSET VOLTAGE vs EMITTER CURRENT
FIGURE 5. INPUT BIAS CURRENT vs EMITTER CURRENT
FIGURE 6. BASE-TO-EMITTER VOLTAGE vs COLLECTOR
CURRENT
FIGURE 7. COLLECTOR CUTOFF CURRENT vs TEMPERATURE
FIGURE 8. CAPACITANCE vs DC BIAS VOLTAGE
FIGURE 9. VOLTAGE GAIN vs DC BIAS VOLTAGE
0.5
0.4
0.3
0.2
0.1
1
10
EMITTER CURRENT (mA)
TA = 25
oC
100
10
1.0
0.1
0.1
1.0
10
EMITTER CURRENT (mA)
TA = -40
oC
TA = 25
oC
TA = 85
oC
1.0
0.9
0.8
0.7
0.6
0.5
0.1
1.0
10
COLLECTOR CURRENT (mA)
TA = -40
oC
TA = 25
oC
TA = 85
oC
1000
100
10
1.0
0.1
0.01
-100
-75
-50
-25
0
25
50
75
100
TEMPERATURE (οC)
VCB = 10V
VCB = 5V
VCB = 15V
3
2
1
0
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
BIAS VOLTAGE (V)
TA = 25
oC
CCI
CCB
TERMINALS 14 AND 1; 7 AND 8
TERMINALS 13 AND 4; 6 AND 11
BIAS VOLTAGE ON TERMINALS 2 AND 10 (V)
40
30
20
10
0
-10
-20
-30
-40
-50
70
60
50
0
-1-2
-3
-4
-5-6
-7
TA = 25
oC
V+ = 6V, V- = -6V
f = 1kHz
CA3102



Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CA3054_05Dual Independent Differential Amp for Low Power Applications from DC to 120MHz 1 2 3 4 5 MoreIntersil Corporation
LMX24861.0 GHz - 4.5 GHz High Performance Delta-Sigma Low Power Dual PLLatinum TM Frequency Synthesizers with 3.0 GHz Integer PLL 1 2 3 4 5 MoreNational Semiconductor
AN44A high power LED driver for low voltage halogen replacement 1 2 3 4 5 MoreZetex Semiconductors
2SC2369High Frequency Low Noise Amplifier 1 NEC
TA8227PLOW FREQUENCY POWER AMPLIFIER 1 2 3 4 5 MoreUnisonic Technologies
AD8132_06Low Cost High Speed Differential Amplifier 1 2 3 4 5 MoreAnalog Devices
SY88982L3.3V 2.7Gbps High Current Low Power Laser Driver for FP/DFB Lasers 1 2 3 4 5 MoreMicrel Semiconductor
NST489AMT1High Current Surface Mount NPN Silicon Low VCE sat Switching Transistor for Load Management in Portable Applications 1 2 3 4 ON Semiconductor
USBULC6-2F3Dual ultra low capacitance protection for high speed USB 1 2 3 4 5 MoreSTMicroelectronics
WM9711_06Low Power Audio CODEC for Portable Applications 1 2 3 4 5 MoreWolfson Microelectronics plc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl