Part Name
         Description
CA3102_05

 Dual High Frequency Differential Amplifier For Low Power Applications Up to 500MHz ( 11 Page)


INTERSIL
100% 
Zoom Out Zoom In
 
 4 page
background image
4
Test Circuits
FIGURE 1. DC CHARACTERISTICS TEST CIRCUIT FOR CA3102
FIGURE 2. AGC RANGE AND VOLTAGE GAIN TEST CIRCUIT
FOR CA3102
FIGURE 3. 200MHz CASCODE POWER GAIN AND NOISE FIGURE TEST CIRCUIT
M
M
M
I3 or I9
VX
V- (-6V)
V+ (+6V)
1k
1k
S2
S1
S1
S2
1k
+1V
-1V
VO
4
-6V
+6V
100
(11)
13
(6)
14
(7)
VOUT
1k
Q1
(Q5)
Q2
(Q6)
1
10
µF
VIN
100
(8)
2
BIAS
VOLTAGE
3
500
(10)
(9)
5
12
Q3 (Q4)
Q1
(Q5)
Q2
(Q6)
0.005
µF
1(8)
14(7)
SUBSTRATE
5(12)
Q3 (Q4)
3 (9)
2 (10)
4 (11)
13 (6)
C1
0.001
µF
2k
5.6pF
1k
L1
5
µF
INPUT
RG = 50Ω
MA
0.001
µF
100pF
5k
+12V
100
6V
2+
0.001
µF
FERRITE
BEADS
5pF
0.001
µF
13k
C2
100pF
100pF
OUTPUT
RL = 50Ω
L2
0.001
µF
0.001
µF
2.7pF
10k
1/2 CA3102
NOTES:
5. Numbers in parentheses refer to the other
half of the CA3102.
6. L1, L2 - Approximately
1/
2 Turn #18 Tinned
Copper Wire, 5/8” Diameter.
7. C1, C2 - 15pF Variable Capacitors
(Hammarlund, MAC-15; or Equivalent).
470pF
CA3102



Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CA3054_05Dual Independent Differential Amp for Low Power Applications from DC to 120MHz 1 2 3 4 5 MoreIntersil Corporation
LMX24861.0 GHz - 4.5 GHz High Performance Delta-Sigma Low Power Dual PLLatinum TM Frequency Synthesizers with 3.0 GHz Integer PLL 1 2 3 4 5 MoreNational Semiconductor
AN44A high power LED driver for low voltage halogen replacement 1 2 3 4 5 MoreZetex Semiconductors
2SC2369High Frequency Low Noise Amplifier 1 NEC
TA8227PLOW FREQUENCY POWER AMPLIFIER 1 2 3 4 5 MoreUnisonic Technologies
AD8132_06Low Cost High Speed Differential Amplifier 1 2 3 4 5 MoreAnalog Devices
SY88982L3.3V 2.7Gbps High Current Low Power Laser Driver for FP/DFB Lasers 1 2 3 4 5 MoreMicrel Semiconductor
NST489AMT1High Current Surface Mount NPN Silicon Low VCE sat Switching Transistor for Load Management in Portable Applications 1 2 3 4 ON Semiconductor
USBULC6-2F3Dual ultra low capacitance protection for high speed USB 1 2 3 4 5 MoreSTMicroelectronics
WM9711_06Low Power Audio CODEC for Portable Applications 1 2 3 4 5 MoreWolfson Microelectronics plc

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl