Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA3096AM Datasheet(PDF) 2 Page - Intersil Corporation

Part # CA3096AM
Description  NPN/PNP Transistor Arrays
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3096AM Datasheet(HTML) 2 Page - Intersil Corporation

  CA3096AM Datasheet HTML 1Page - Intersil Corporation CA3096AM Datasheet HTML 2Page - Intersil Corporation CA3096AM Datasheet HTML 3Page - Intersil Corporation CA3096AM Datasheet HTML 4Page - Intersil Corporation CA3096AM Datasheet HTML 5Page - Intersil Corporation CA3096AM Datasheet HTML 6Page - Intersil Corporation CA3096AM Datasheet HTML 7Page - Intersil Corporation CA3096AM Datasheet HTML 8Page - Intersil Corporation CA3096AM Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
Absolute Maximum Ratings
Operating Conditions
NPN
PNP
Collector-to-Emitter Voltage, VCEO
CA3096, CA3096A . . . . . . . . . . . . . . . . . . . . . 35V
-40V
CA3096C . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24V
-24V
Collector-to-Base Voltage, VCBO
CA3096, CA3096A . . . . . . . . . . . . . . . . . . . . . 45V
-40V
CA3096C . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30V
-24V
Collector-to-Substrate Voltage, VCIO (Note 1)
CA3096, CA3096A . . . . . . . . . . . . . . . . . . . . . 45V
-
CA3096C . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30V
-
Emitter-to-Substrate Voltage, VEIO
CA3096, CA3096A . . . . . . . . . . . . . . . . . . . . . . -
-40V
CA3096C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -
-24V
Emitter-to-Base Voltage, VEBO
CA3096, CA3096A . . . . . . . . . . . . . . . . . . . . . . 6V
-40V
CA3096C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6V
-24V
Collector Current, IC (All Types). . . . . . . . . . . . 50mA
-10mA
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC
Thermal Information
Thermal Resistance (Typical, Note 2)
θ
JA (
oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
110
SOIC Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
120
Maximum Power Dissipation (Each Transistor, Note 3) . . . . . 200mW
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . .-65oC to 150oC
Maximum Lead Temperature (Soldering 10s). . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. The collector of each transistor of the CA3096 is isolated from the substrate by an integral diode. The substrate (Terminal 16) must be
connected to the most negative point in the external circuit to maintain isolation between transistors and to provide for normal transistor
action.
2.
θ
JA is measured with the component mounted on an evaluation PC board in free air.
3. Care must be taken to avoid exceeding the maximum junction temperature. Use the total power dissipation (all transistors) and thermal
resistances to calculate the junction temperature.
Electrical Specifications
For Equipment Design, At TA = 25
oC
PARAMETER
TEST
CONDITIONS
CA3096
CA3096A
CA3096C
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
DC CHARACTERISTICS FOR EACH NPN TRANSISTOR
ICBO
VCB = 10V,
IE = 0
-
0.001
100
-
0.001
40
-
0.001
100
nA
ICEO
VCE = 10V,
IB = 0
-
0.006
1000
-
0.006
100
-
0.006
1000
nA
V(BR)CEO
IC = 1mA, IB =
0
35
50
-
35
50
-
24
35
-
V
V(BR)CBO
IC = 10µA,
IE = 0
45
100
-
45
100
-
30
80
-
V
V(BR)CIO
ICI = 10µA,
IB = IE = 0
45
100
-
45
100
-
30
80
-
V
V(BR)EBO
IE = 10µA,
IC = 0
68
-
6
8
-
68
-
V
VZ
IZ = 10µA
6
7.9
9.8
6
7.9
9.8
6
7.9
9.8
V
VCE SAT
lC = 10mA,
IB = 1mA
-
0.24
0.7
-
0.24
0.5
-
0.24
0.7
V
VBE (Note 4)
IC = 1mA,
VCE = 5V
0.6
0.69
0.78
0.6
0.69
0.78
0.6
0.69
0.78
V
hFE (Note 4)
150
390
500
150
390
500
100
390
670
|
∆V
BE/∆T| (Note 4)
IC = 1mA,
VCE = 5V
-1.9
-
-
1.9-
-1.9
-
mV/oC
DC CHARACTERISTICS FOR EACH PNP TRANSISTOR
ICBO
VCB = -10V,
IE = 0
-
-0.06
-100
-
-0.006
-40
-
-0.06
-100
nA
CA3096, CA3096A, CA3096C


Similar Part No. - CA3096AM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3096AM INTERSIL-CA3096AM Datasheet
133Kb / 14P
   NPN/PNP Transistor Arrays
December 1997
CA3096AM96 INTERSIL-CA3096AM96 Datasheet
133Kb / 14P
   NPN/PNP Transistor Arrays
December 1997
More results

Similar Description - CA3096AM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3096 INTERSIL-CA3096 Datasheet
133Kb / 14P
   NPN/PNP Transistor Arrays
December 1997
logo
Infineon Technologies A...
BC846PN-E6327 INFINEON-BC846PN-E6327 Datasheet
853Kb / 10P
   NPN/PNP Silicon AF Transistor Arrays
2011-10-05
BC847PNE6327 INFINEON-BC847PNE6327 Datasheet
853Kb / 10P
   NPN/PNP Silicon AF Transistor Arrays
2011-10-05
logo
Zarlink Semiconductor I...
SL3145 ZARLINK-SL3145 Datasheet
311Kb / 7P
   1.6GHz NPN TRANSISTOR ARRAYS
logo
Intersil Corporation
ISL73096RH INTERSIL-ISL73096RH_09 Datasheet
237Kb / 5P
   Radiation Hardened Ultra High Frequency NPN/PNP Transistor Arrays
ISL73096RH INTERSIL-ISL73096RH Datasheet
197Kb / 4P
   Radiation Hardened Ultra High Frequency NPN/PNP Transistor Arrays
logo
Infineon Technologies A...
BC856S INFINEON-BC856S_11 Datasheet
854Kb / 10P
   PNP Silicon AF Transistor Arrays
2011-07-25
BC856S INFINEON-BC856S_08 Datasheet
849Kb / 10P
   PNP Silicon AF Transistor Arrays
2008-01-18
BC846S INFINEON-BC846S_08 Datasheet
852Kb / 10P
   NPN Silicon AF Transistor Arrays
2008-05-06
logo
Intersil Corporation
CA3045 INTERSIL-CA3045 Datasheet
53Kb / 6P
   General Purpose NPN Transistor Arrays
September 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com