Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4024B Datasheet(PDF) 4 Page - NXP Semiconductors

Part # HEF4024B
Description  7-stage binary counter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4024B Datasheet(HTML) 4 Page - NXP Semiconductors

  HEF4024B Datasheet HTML 1Page - NXP Semiconductors HEF4024B Datasheet HTML 2Page - NXP Semiconductors HEF4024B Datasheet HTML 3Page - NXP Semiconductors HEF4024B Datasheet HTML 4Page - NXP Semiconductors HEF4024B Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
January 1995
4
Philips Semiconductors
Product specification
7-stage binary counter
HEF4024B
MSI
AC CHARACTERISTICS
VSS = 0 V; Tamb =25 °C; CL = 50 pF; input transition times ≤ 20 ns; see also waveforms Fig.4
VDD
V
SYMBOL
MIN.
TYP.
MAX.
TYPICAL
EXTRAPOLATION
FORMULA
Propagation delays
CP
→ O0
5
100
200
ns
73 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
40
75
ns
29 ns
+ (0,23 ns/pF) CL
15
25
50
ns
17 ns
+ (0,16 ns/pF) CL
5
105
210
ns
78 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
45
85
ns
34 ns
+ (0,23 ns/pF) CL
15
30
60
ns
22 ns
+ (0,16 ns/pF) CL
On → On + 1
5
60
120
ns
33 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
25
50
ns
14 ns
+ (0,23 ns/pF) CL
15
20
40
ns
12 ns
+ (0,16 ns/pF) CL
5
50
100
ns
23 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
20
40
ns
9 ns
+ (0,23 ns/pF) CL
15
15
30
ns
7 ns
+ (0,16 ns/pF) CL
MR
→ On
5
120
240
ns
93 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
45
90
ns
34 ns
+ (0,23 ns/pF) CL
15
30
60
ns
22 ns
+ (0,16 ns/pF) CL
Output transition times
5
60
120
ns
10 ns
+ (1,0 ns/pF) CL
HIGH to LOW
10
tTHL
30
60
ns
9 ns
+ (0,42 ns/pF) CL
15
20
40
ns
6 ns
+ (0,28 ns/pF) CL
5
60
120
ns
10 ns
+ (1,0 ns/pF) CL
LOW to HIGH
10
tTLH
30
60
ns
9 ns
+ (0,42 ns/pF) CL
15
20
40
ns
6 ns
+ (0,28 ns/pF) CL
Minimum clock
5
60
30
ns
pulse width; HIGH
10
tWCPH
30
15
ns
15
20
10
ns
Minimum MR
5
80
40
ns
pulse width; HIGH
10
tWMRH
35
20
ns
15
25
15
ns
Recovery time
5
20
10
ns
for MR
10
tRMR
15
5
ns
15
15
5
ns
Maximum clock
5
5
10
MHz
pulse frequency
10
fmax
13
25
MHz
15
18
35
MHz


Similar Part No. - HEF4024B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF40240 PHILIPS-HEF40240 Datasheet
64Kb / 6P
   Octal inverting buffers with 3-state outputs
January 1995
HEF40240B PHILIPS-HEF40240B Datasheet
64Kb / 6P
   Octal inverting buffers with 3-state outputs
January 1995
HEF40240BD PHILIPS-HEF40240BD Datasheet
64Kb / 6P
   Octal inverting buffers with 3-state outputs
January 1995
HEF40240BF PHILIPS-HEF40240BF Datasheet
64Kb / 6P
   Octal inverting buffers with 3-state outputs
January 1995
HEF40240BN PHILIPS-HEF40240BN Datasheet
64Kb / 6P
   Octal inverting buffers with 3-state outputs
January 1995
More results

Similar Description - HEF4024B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4024 STMICROELECTRONICS-M74HC4024 Datasheet
322Kb / 10P
   7 STAGE BINARY COUNTER
logo
Toshiba Semiconductor
TC74HC4024AP TOSHIBA-TC74HC4024AP Datasheet
218Kb / 5P
   7-STAGE BINARY COUNTER
logo
Renesas Technology Corp
HD74HC4024 RENESAS-HD74HC4024 Datasheet
91Kb / 7P
   7-stage Binary Counter
logo
STMicroelectronics
M54HC4024 STMICROELECTRONICS-M54HC4024 Datasheet
246Kb / 11P
   7 STAGE BINARY COUNTER
logo
Hitachi Semiconductor
HD74HC4024 HITACHI-HD74HC4024 Datasheet
47Kb / 8P
   7-stage Binary Counter
logo
NXP Semiconductors
74HC4024N PHILIPS-74HC4024N Datasheet
99Kb / 18P
   7-stage binary ripple counter
Rev. 03-12 November 2004
74HC4024 PHILIPS-74HC4024 Datasheet
42Kb / 7P
   7-stage binary ripple counter
December 1990
logo
Nexperia B.V. All right...
74HC4024-Q100 NEXPERIA-74HC4024-Q100 Datasheet
219Kb / 13P
   7-stage binary ripple counter
74HC4024 NEXPERIA-74HC4024 Datasheet
218Kb / 13P
   7-stage binary ripple counter
Rev. 10 - 23 November 2018
logo
National Semiconductor ...
CD4024BC NSC-CD4024BC Datasheet
114Kb / 6P
   7-Stage Ripple Carry Binary Counter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com