Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA3088E Datasheet(PDF) 2 Page - Harris Corporation

Part # CA3088E
Description  AM Receiver Subsystem and General-Purpose Amplifier Array
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

CA3088E Datasheet(HTML) 2 Page - Harris Corporation

  CA3088E Datasheet HTML 1Page - Harris Corporation CA3088E Datasheet HTML 2Page - Harris Corporation CA3088E Datasheet HTML 3Page - Harris Corporation CA3088E Datasheet HTML 4Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
8-24
Absolute Maximum Ratings TA =25oC
Thermal Information
Supply Voltage
(Across Term. 5 and Terms. 3, 6, 13, 16, Respectively) . . . . . 16V
Output Current
Terminals 3, 6, 13, 16, (Respectively). . . . . . . . . . . . . . . . . 10mA
Terminal 10 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30mA
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
Thermal Resistance (Typical, Note 1)
θ
JA (
oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
110
Maximum Junction Temperature (Plastic Package) . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
TA = 25
oC, V+ = 12V
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
DC CHARACTERISTICS
Voltage (Figure 1)
V1, V4, V9, V11
Terminals 1, 4, 9, 11
-
0.7
-
V
V2, V7, V8
Terminals 2, 7, 8
-
1.4
-
V
V10
Terminal 10
-
5.6
-
V
V12
Terminal 12
-
0
-
V
V15
Terminal 15
-
3.5
-
V
Current (Figure 1)
I3
Terminal 3
-
0.35
-
mA
I6
Terminal 6
-
1.0
-
mA
I10
Terminal 10
-
20
-
mA
I13
Terminal 13
-
0
-
mA
I16
Terminal 16
-
1.2
-
mA
DYNAMIC CHARACTERISTICS
Detector Output (Figure 2)
30% Modulation
-
75
-
mVRMS
Audio Amplifier Gain (Figure 2)
AAF
f = 1kHz
-
30
-
dB
Audio Distortion (Figure 2)
VOUT = 100mV
-
0.2
-
%
Sensitivity
(fIN = 1MHz, Signal-to-Noise Ratio
(S/N) = 20dB))
At Converter Stage Input (Figure 2)
-
200
-
µV/m
At RF Stage Input (Figure 2)
-
100
-
µV/m
Total Harmonic Distortion (Figure 2)
THD
30% Modulation
-
1.0
-
%
Input Resistance
(No AGC, fIN = 1MHz)
RIN
At Transistor Q1
-
3500
-
At Transistor Q5
-
2000
-
Input Capacitance
(No AGC, fIN = 1MHz)
CIN
At Transistor Q1
-17
-
pF
At Transistor Q5
-12
-
pF
Feedback Capacitance
(No AGC, fIN = 1MHz)
CFB
At Transistor Q1
-
1.5
-
pF
At Transistor Q5
-
1.5
-
pF
CA3088E


Similar Part No. - CA3088E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3088E INTERSIL-CA3088E Datasheet
45Kb / 4P
   AM Receiver Subsystem and General-Purpose Amplifier Array
May 1999
More results

Similar Description - CA3088E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3088E INTERSIL-CA3088E Datasheet
45Kb / 4P
   AM Receiver Subsystem and General-Purpose Amplifier Array
May 1999
logo
NTE Electronics
NTE787 NTE-NTE787 Datasheet
24Kb / 3P
   Integrated Circuit AM Receiver Subsystem
logo
Fairchild Semiconductor
SS9011 FAIRCHILD-SS9011 Datasheet
61Kb / 4P
   AM Converter, AM/FM IF Amplifier General Purpose Transistor
logo
Usha India Ltd.
2SC9011 USHA-2SC9011 Datasheet
76Kb / 2P
   AM CONVERTER, AM/FM IF AMPLIFIER GENERAL PURPOSE TRANSISTOR
logo
ATMEL Corporation
U2510B ATMEL-U2510B Datasheet
262Kb / 15P
   All-Band AM/FM Receiver and Audio Amplifier
logo
TEMIC Semiconductors
U2510B TEMIC-U2510B Datasheet
400Kb / 15P
   All-Band AM/FM Receiver and Audio Amplifier
logo
Motorola, Inc
HA1199P MOTOROLA-HA1199P Datasheet
85Kb / 2P
   AM SUBSYSTEM FOR CAR RADIO
logo
TEMIC Semiconductors
U4240B TEMIC-U4240B Datasheet
110Kb / 8P
   AM - RECEIVER
logo
NXP Semiconductors
TDA1572T PHILIPS-TDA1572T Datasheet
221Kb / 20P
   AM receiver
May 1992
logo
Analog Devices
AD6676 AD-AD6676 Datasheet
2Mb / 90P
   Wideband IF Receiver Subsystem
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com