Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV324QPW Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LMV324QPW
Description  LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV324QPW Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMV324QPW Datasheet HTML 2Page - Texas Instruments LMV324QPW Datasheet HTML 3Page - Texas Instruments LMV324QPW Datasheet HTML 4Page - Texas Instruments LMV324QPW Datasheet HTML 5Page - Texas Instruments LMV324QPW Datasheet HTML 6Page - Texas Instruments LMV324QPW Datasheet HTML 7Page - Texas Instruments LMV324QPW Datasheet HTML 8Page - Texas Instruments LMV324QPW Datasheet HTML 9Page - Texas Instruments LMV324QPW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LMV321 SINGLE, LMV358 DUAL, LMV324 QUAD, LMV324S QUAD WITH SHUTDOWN
LOW VOLTAGE RAILTORAIL OUTPUT OPERATIONAL AMPLIFIERS
SLOS263R − AUGUST 1999 − REVISED APRIL 2005
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature range, VCC+ = 5 V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
25
°C
1.7
7
mV
VIO
Input offset voltage
Full range
9
mV
a
V
IO
Average temperature coefficient
of input offset voltage
25
°C
5
mV/°C
IIB
Input bias current
25
°C
15
250
nA
IIB
Input bias current
Full range
500
nA
IIO
Input offset current
25
°C
5
50
nA
IIO
Input offset current
Full range
150
nA
CMRR
Common-mode rejection ratio
VCM = 0 to 4 V
25
°C
50
65
dB
kSVR
Supply-voltage rejection ratio
VCC= 2.7 V to 5 V, VO = 1 V,
VCM = 1 V
25
°C
50
60
dB
VICR
Common-mode
CMMR
w 50 dB
25
°C
0 to 4
−0.2 to 4.2
V
VICR
Common-mode
input voltage range
CMMR
w 50 dB
25
°C
0 to 4
−0.2 to 4.2
V
High level
25
°C
VCC − 300
VCC − 40
RL = 2 kΩ to 2.5 V
High level
Full range
VCC − 400
RL = 2 kΩ to 2.5 V
Low level
25
°C
120
300
Output swing
Low level
Full range
400
mV
Output swing
High level
25
°C
VCC − 100
VCC − 10
mV
RL = 10 kΩ to 2.5 V
High level
Full range
VCC − 200
RL = 10 kΩ to 2.5 V
Low level
25
°C
65
180
Low level
Full range
280
AVD
Large-signal differential
RL = 2 kΩ
25
°C
15
100
V/mV
AVD
Large-signal differential
voltage gain
RL = 2 kΩ
Full range
10
V/mV
IOS
Output short-circuit current
Sourcing, VO = 0 V
25
°C
5
60
mA
IOS
Output short-circuit current
Sinking, VO = 5 V
25
°C
10
160
mA
LMV321I
25
°C
130
250
LMV321I
Full range
350
ICC
Supply current
LMV358I (both amplifiers)
25
°C
210
440
A
ICC
Supply current
LMV358I (both amplifiers)
Full range
615
mA
LMV324I/LMV324SI
25
°C
410
830
LMV324I/LMV324SI
(all four amplifiers)
Full range
1160
B1
Unity-gain bandwidth
CL = 200 pF
25
°C
1
MHz
Fm
Phase margin
25
°C
60
deg
Gm
Gain margin
25
°C
10
dB
Vn
Equivalent input noise voltage
f = 1 kHz
25
°C
39
nV/
√Hz
In
Equivalent input noise current
f = 1 kHz
25
°C
0.21
pA/
√Hz
SR
Slew rate
25
°C
1
V/
ms
† Full range: −40°C to 85°C for I-temp, −40°C to 125°C for Q-temp.


Similar Part No. - LMV324QPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV324QPW TI-LMV324QPW Datasheet
792Kb / 31P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV324QPW TI-LMV324QPW Datasheet
1Mb / 37P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV324QPW TI-LMV324QPW Datasheet
1Mb / 41P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV324QPW TI-LMV324QPW Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV324QPW TI-LMV324QPW Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - LMV324QPW

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV321 NSC-LMV321_14 Datasheet
1Mb / 45P
   Low-Voltage Rail-To-Rail Output Operational Amplifiers
logo
Texas Instruments
LMV321 TI-LMV321_10 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321 Datasheet
792Kb / 31P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321DBVR TI-LMV321DBVR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358DR TI-LMV358DR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321A TI1-LMV321A_18 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV358 TI1-LMV358_16 Datasheet
2Mb / 50P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV821 TI-LMV821_10 Datasheet
764Kb / 35P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_08 Datasheet
1Mb / 37P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV821-Q1 TI1-LMV821-Q1 Datasheet
821Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com