Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV324QDR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMV324QDR
Description  LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV324QDR Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMV324QDR Datasheet HTML 6Page - Texas Instruments LMV324QDR Datasheet HTML 7Page - Texas Instruments LMV324QDR Datasheet HTML 8Page - Texas Instruments LMV324QDR Datasheet HTML 9Page - Texas Instruments LMV324QDR Datasheet HTML 10Page - Texas Instruments LMV324QDR Datasheet HTML 11Page - Texas Instruments LMV324QDR Datasheet HTML 12Page - Texas Instruments LMV324QDR Datasheet HTML 13Page - Texas Instruments LMV324QDR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LMV321 SINGLE, LMV358 DUAL, LMV324 QUAD, LMV324S QUAD WITH SHUTDOWN
LOW VOLTAGE RAILTORAIL OUTPUT OPERATIONAL AMPLIFIERS
SLOS263R − AUGUST 1999 − REVISED APRIL 2005
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
10
100
1000
10000
1.5
1
0.5
0
−0.5
−1
−1.5
−2.0
STABILITY
vs
CAPACITIVE LOAD
Figure 9
Output Voltage − V
VCC = ±2.5 V
RL = 1 MΩ
AV = 10
VO = 100 mVPP
_
+
VI
−2.5 V
RL
+2.5 V
VO
CL
LMV3xx
(25% Overshoot)
LMV324S
(25% Overshoot)
134 k
Ω 1.21 MΩ
0.500
0.600
0.700
0.800
0.900
1.000
1.100
1.200
1.300
1.400
1.500
2.5
3.0
3.5
4.0
4.5
5.0
PSLEW
NSLEW
NSLEW
− Supply Voltage − V
SLEW RATE
vs
SUPPLY VOLTAGE
Figure 10
LMV3xx
PSLEW
RL = 100 kΩ
VCC
Gain
LMV324S
0
100
200
300
400
500
600
700
0
1
2345
LMV3xx
LMV324S
Figure 11
SUPPLY CURRENT
vs
SUPPLY VOLTAGE − QUAD AMPLIFIER
VCC − Supply Voltage − V
TA = 85°C
TA = 25°C
TA = −40°C
6
Figure 12
INPUT CURRENT
vs
TEMPERATURE
−60
−50
−40
−30
−20
−10
−40 −30 −20 −10 0
10 20 30 40 50 60 70 80
LMV3xx
LMV324S
TA − °C
VCC = 5 V
VI = VCC/2


Similar Part No. - LMV324QDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV324QDR TI-LMV324QDR Datasheet
792Kb / 31P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV324QDR TI-LMV324QDR Datasheet
1Mb / 37P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV324QDR TI-LMV324QDR Datasheet
1Mb / 41P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV324QDR TI-LMV324QDR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV324QDR TI-LMV324QDR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - LMV324QDR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV321 NSC-LMV321_14 Datasheet
1Mb / 45P
   Low-Voltage Rail-To-Rail Output Operational Amplifiers
logo
Texas Instruments
LMV321 TI-LMV321_10 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321 Datasheet
792Kb / 31P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321DBVR TI-LMV321DBVR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358DR TI-LMV358DR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321A TI1-LMV321A_18 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV358 TI1-LMV358_16 Datasheet
2Mb / 50P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV821 TI-LMV821_10 Datasheet
764Kb / 35P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_08 Datasheet
1Mb / 37P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV821-Q1 TI1-LMV821-Q1 Datasheet
821Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com