Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ2084DBTRG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # BQ2084DBTRG4
Description  SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2084DBTRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ2084DBTRG4 Datasheet HTML 4Page - Texas Instruments BQ2084DBTRG4 Datasheet HTML 5Page - Texas Instruments BQ2084DBTRG4 Datasheet HTML 6Page - Texas Instruments BQ2084DBTRG4 Datasheet HTML 7Page - Texas Instruments BQ2084DBTRG4 Datasheet HTML 8Page - Texas Instruments BQ2084DBTRG4 Datasheet HTML 9Page - Texas Instruments BQ2084DBTRG4 Datasheet HTML 10Page - Texas Instruments BQ2084DBTRG4 Datasheet HTML 11Page - Texas Instruments BQ2084DBTRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 69 page
background image
www.ti.com
SYSTEM PRESENT OPERATION
GENERAL OPERATION
MEASUREMENTS
CHARGE AND DISCHARGE COUNTING
OFFSET CALIBRATION
bq2084-V143
SLUS732 – SEPTEMBER 2006
FUNCTIONAL DESCRIPTION (continued)
RSOC (pin 33) and VSSA (pin 34). It is recommended that this resistor be as close to the bq2084-V143 as
possible and that it has a specification of
±0.1% tolerance and ±50 ppm temperature drift or better. The 12-pF
crystal, if used, should also be placed as close to the XCK1 (pin 34) and XCK2 (pin 33) pins as possible. The
layout of the PCB around these pins and components is also an additional contributing factor to oscillator
performance degradation.
The average temperature drift error of the oscillator function over a learning charge or discharge cycle
introduces an equal capacity prediction error in a learned full charge capacity (FCC).
When the bq2084-V143 detects that the battery is inserted into the system via a low state on the PRES input,
the bq2084-V143 enters normal operating mode and sets the PRES bit in PackStatus(). The discharge FET
turns on within 250 ms of pack insertion. When the pack is removed from the system and the PRES input is
high, then the bq2084-V143 enters the battery removed state and turns OFF the charge and discharge FETs,
and enables the 0-V/precharging FET. If NR in Misc Config is set, then the PRES input can be left floating as it
is not used.
The bq2084-V143 determines battery capacity by monitoring the amount of charge input or removed from a
rechargeable battery. In addition to measuring charge and discharge, the bq2084-V143 measures individual cell
voltages, pack voltage, temperature, and current, estimates battery self-discharge, and monitors the battery for
low-voltage thresholds using features of the bq29312 AFE device.
The bq2084-V143 measures charge and discharge activity by monitoring the voltage across a small-value series
sense resistor between the cell stack negative terminal and the negative terminal of the battery pack. The
available battery charge is determined by monitoring this voltage and correcting the measurement for
environmental and operating conditions.
The bq2084-V143 interfaces with the bq29312 to perform battery protection, cell balancing, and voltage
translation functions. The bq2084-V143 can accept any NTC thermistor (default is Semitec 103AT) for
temperature measurement or can also be configured to use its internal temperature sensor. The bq2084-V143
uses temperature to monitor the battery pack and to compensate the self-discharge estimate.
The bq2084-V143 uses an integrating sigma-delta analog-to-digital converter (ADC) for current measurement
and a second sigma-delta ADC for individual cell and battery voltage and temperature measurement. The
individual cell and pack voltages, Voltage(), Current(), AverageCurrent() and Temperature() are updated every 1
s during normal operation.
The integrating ADC measures the charge and discharge flow of the battery by monitoring a small-value sense
resistor between the SR1 and SR2 pins. The integrating ADC measures bipolar signals from -0.25 V to 0.25
µV.
The bq2084-V143 detects charge activity when VSR = V(SR1)-V(SR2) is positive and discharge activity when
VSR = V(SR1)-V(SR2) is negative. The bq2084-V143 continuously integrates the signal over time, using an
internal
counter.
The
fundamental
rate
of
the
counter
is
0.65
nVh.
The
bq2084-V143
updates
RemainingCapacity() with the charge or discharge accumulated in this internal counter once every second.
The bq2084-V143 provides an auto-calibration feature to cancel the voltage offset error across SR1 and SR2 for
maximum charge measurement accuracy. The bq2084-V143 performs auto-calibration when the SMBus lines
stay low for a minimum of 20 s when it internally connects SR1 to SR2 and measures the internal offset. With
this feature the bq2084-V143 is capable of automatic offset calibration down to <1 µV.
8
Submit Documentation Feedback


Similar Part No. - BQ2084DBTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2084DBTRG4 TI-BQ2084DBTRG4 Datasheet
1Mb / 71P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
More results

Similar Description - BQ2084DBTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2084-V133 TI-BQ2084-V133 Datasheet
967Kb / 64P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2084 TI-BQ2084 Datasheet
623Kb / 63P
[Old version datasheet]   SBS v1.1 COMPLIANT GAS GAUGE FOR USE WITH THE BQ29312
BQ2084-V140 TI1-BQ2084-V140_14 Datasheet
822Kb / 64P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2084-V143 TI-BQ2084-V143_07 Datasheet
1Mb / 71P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2084-V140 TI-BQ2084-V140 Datasheet
1Mb / 68P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2060 TI-BQ2060 Datasheet
636Kb / 51P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2060A TI-BQ2060A Datasheet
722Kb / 46P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2060SS TI1-BQ2060SS Datasheet
1Mb / 59P
[Old version datasheet]   SBS V1.1-COMPLIANT GAS GAUGE IC
BQ2060A TI1-BQ2060A_15 Datasheet
1Mb / 61P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2084-V150 TI1-BQ2084-V150 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE WITH LED DELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com