Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ2084DBTG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # BQ2084DBTG4
Description  SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2084DBTG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ2084DBTG4 Datasheet HTML 2Page - Texas Instruments BQ2084DBTG4 Datasheet HTML 3Page - Texas Instruments BQ2084DBTG4 Datasheet HTML 4Page - Texas Instruments BQ2084DBTG4 Datasheet HTML 5Page - Texas Instruments BQ2084DBTG4 Datasheet HTML 6Page - Texas Instruments BQ2084DBTG4 Datasheet HTML 7Page - Texas Instruments BQ2084DBTG4 Datasheet HTML 8Page - Texas Instruments BQ2084DBTG4 Datasheet HTML 9Page - Texas Instruments BQ2084DBTG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 69 page
background image
www.ti.com
SYSTEM DIAGRAM
PowerManagement
LDO, TOUT andPowerModeControl
Pre-ChargeControl
Fail-Safe
Protection
TemperatureMeasurement
<1%Error
TINT
1kBytesof
UserFlash
32kHzClock
Generator
CellBalancing AlgorithmandControl
SBSv1.1Data
SystemInterface
bq29312RAM/CommsV alidation
1 st LevelOC
Protection
1 st LevelOVand
UVProtection
PackUnder
VoltagePower
ModeControl
CellandPack
Voltage
Measurement
CapacityPrediction<1%Error
Pres
SMBus
bq2084−V143
PCHFET Drive
Pre-Charge
FET Drive
CellBalancing
Drive
LDO, ThermOutputDriveandUVLO
System
Watchdog
DelayCounters
RAMRegisters
SystemInterface
PowerModeControl
VoltageLevel T ranslator
bq29312
2-TierOvercurrentProtection
3.3V
T1
I2C
PFInput
Discharge/Charge/
Pre-ChargeFET s
Fuse
Pack+
Pack −
32kHz
SenseResistor
(5to30m
Ω)
PIN ASSIGNMENTS
SMBD
1
4
2
5
3
6
7
PU
VSSD
VSSD
LED5
VSSD
LED3
CLKOUT
LED4
N/C
LED2
XCK1/VSSA
DISP
VIN
PFIN
TS
8
9
36
10
35
11
34
12
33
13
32
14
31
15
30
16
29
17
28
18
27
26
23
25
22
24
21
20
19
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
VIN
TS
VSSA
PU
PRES
SCLK
NC
VDDD
RBI
SDATA
VSSD
SAFE
NC
NC
SMBC
SMBD
DISP
PFIN
VSSD
VSSD
NC
NC
CLKOUT
XCK1/VSSA
XCK2/ROSC
FILT
VDDA
VSSA
VSSA
SR1
SR2
MRST
EVENT
LED1
LED2
LED3
LED4
LED5
bq2084-V143
SLUS732 – SEPTEMBER 2006
QFN (RTT)
(TOP VIEW)
TSSOP (DBT)
(TOP VIEW)
6
Submit Documentation Feedback


Similar Part No. - BQ2084DBTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2084DBTG4 TI-BQ2084DBTG4 Datasheet
1Mb / 71P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
More results

Similar Description - BQ2084DBTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2084-V133 TI-BQ2084-V133 Datasheet
967Kb / 64P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2084 TI-BQ2084 Datasheet
623Kb / 63P
[Old version datasheet]   SBS v1.1 COMPLIANT GAS GAUGE FOR USE WITH THE BQ29312
BQ2084-V140 TI1-BQ2084-V140_14 Datasheet
822Kb / 64P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2084-V143 TI-BQ2084-V143_07 Datasheet
1Mb / 71P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2084-V140 TI-BQ2084-V140 Datasheet
1Mb / 68P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2060 TI-BQ2060 Datasheet
636Kb / 51P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2060A TI-BQ2060A Datasheet
722Kb / 46P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2060SS TI1-BQ2060SS Datasheet
1Mb / 59P
[Old version datasheet]   SBS V1.1-COMPLIANT GAS GAUGE IC
BQ2060A TI1-BQ2060A_15 Datasheet
1Mb / 61P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2084-V150 TI1-BQ2084-V150 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE WITH LED DELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com