Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC78L15ACPX Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MC78L15ACPX
Description  3-Terminal 0.1A Positive Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MC78L15ACPX Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MC78L15ACPX Datasheet HTML 1Page - Fairchild Semiconductor MC78L15ACPX Datasheet HTML 2Page - Fairchild Semiconductor MC78L15ACPX Datasheet HTML 3Page - Fairchild Semiconductor MC78L15ACPX Datasheet HTML 4Page - Fairchild Semiconductor MC78L15ACPX Datasheet HTML 5Page - Fairchild Semiconductor MC78L15ACPX Datasheet HTML 6Page - Fairchild Semiconductor MC78L15ACPX Datasheet HTML 7Page - Fairchild Semiconductor MC78L15ACPX Datasheet HTML 8Page - Fairchild Semiconductor MC78L15ACPX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
©2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.6
Features
• Maximum Output Current of 100mA
• Output Voltage of 5V, 8V, 12V, 15V, 18V and 24V
• Thermal Overload Protection
• Short Circuit Current Limiting
• Output Voltage Offered in ±5% Tolerance
Description
The
MC78LXXA/LM78LXXA/MC78L05AA
series
of
fixed voltage monolithic integrated circuit voltage
regulators are suitable for application that required supply
current up to 100mA.
TO-92
1. Output 2. GND 3. Input
8-SOP
1. Output 2. GND 3. GND 4. NC
5. NC 6. GND 7. GND 8. Input
1
1
SOT-89
1
GND
2 3
23
8
Internal Block Diagram
VI
3
2
GND
V0
1
I
RSC
REFERENCE VOLTAGE
SHORT CIRCUIT
PROTECTION
THERMAL SHUTDOWN
CIRCUIT
+
-
Inpu
t
Outpu
t
MC78LXXA/LM78LXXA/MC78L05AA
3-Terminal 0.1A Positive Voltage Regulator


Similar Part No. - MC78L15ACPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MC78L15ACPXA FAIRCHILD-MC78L15ACPXA Datasheet
259Kb / 13P
   MC78LXXA / LM78LXXA 3-Terminal 0.1 A Positive Voltage Regulator
More results

Similar Description - MC78L15ACPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MC78LXXA FAIRCHILD-MC78LXXA_10 Datasheet
86Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
KA78LXXA FAIRCHILD-KA78LXXA_10 Datasheet
102Kb / 17P
   3-Terminal 0.1A Positive Voltage Regulator
logo
Unisonic Technologies
78LXX UTC-78LXX_15 Datasheet
278Kb / 8P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
logo
HTC Korea TAEJIN Techno...
LM78LXX HTC-LM78LXX_10 Datasheet
252Kb / 11P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78LXXA FAIRCHILD-KA78LXXA Datasheet
68Kb / 16P
   3-terminal 0.1A positive voltage regulator
MC78LXXA FAIRCHILD-MC78LXXA Datasheet
73Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
KA78LXXA FAIRCHILD-KA78LXXA Datasheet
82Kb / 18P
   3-Terminal 0.1A Positive Voltage Regulator
logo
Unisonic Technologies
78LXX UTC-78LXX_V01 Datasheet
316Kb / 9P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78L24A FAIRCHILD-KA78L24A Datasheet
78Kb / 16P
   3-Terminal 0.1A Positive Voltage Regulator
logo
Unisonic Technologies
78LXX UTC-78LXX_09 Datasheet
290Kb / 9P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com