Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B37940J1100B560 Datasheet(PDF) 3 Page - EPCOS

Part # B37940J1100B560
Description  Multilayer Ceramic Capacitors
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37940J1100B560 Datasheet(HTML) 3 Page - EPCOS

  B37940J1100B560 Datasheet HTML 1Page - EPCOS B37940J1100B560 Datasheet HTML 2Page - EPCOS B37940J1100B560 Datasheet HTML 3Page - EPCOS B37940J1100B560 Datasheet HTML 4Page - EPCOS B37940J1100B560 Datasheet HTML 5Page - EPCOS B37940J1100B560 Datasheet HTML 6Page - EPCOS B37940J1100B560 Datasheet HTML 7Page - EPCOS B37940J1100B560 Datasheet HTML 8Page - EPCOS B37940J1100B560 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Multilayer Ceramic Capacitors
16
10/02
C0G
Capacitance tolerances
Dimensional drawing
Dimensions (mm)
Tolerances to CECC 32101-801
CR ≤ 4,7 pF
5,6 pF
≤ C
R ≤ 8,2 pF
Code letter
B
C
(standard)
DB
C
D
(standard)
Tolerance
±0,1 pF
(on request)
±0,25 pF
±0,5 pF
±0,1 pF
(on request)
±0,25 pF
(on request)
±0,5 pF
CR ≥ 10 pF
Code letter
F
G
J
(standard)
K
Tolerance
±1 % (on request for 50 V
and 100 V; not available for
200 V)
±2 % (on request for 50 V
and 100 V; not available for
200 V)
±5 %
±10 %
Case size
(inch)
(mm)
0402
1005
0603
1608
0805
2012
1206
3216
1210
3225
l
1,0
± 0,10
1,6
± 0,15
2,0
± 0,20
3,2
± 0,20
3,2
± 0,30
b
0,5
± 0,05
0,8
± 0,10
1,25
± 0,15
1,6
± 0,15
2,5
± 0,30
s
0,5
± 0,05
0,8
± 0,10
1,30 max.
1,30 max.
1,70 max.
k
0,1 – 0,4
0,1 – 0,4
0,13 – 0,75
0,25 – 0,75
0,25 – 0,75
KKE0272-V
kk
b
KKE0329-N
k
b
k
C0G


Similar Part No. - B37940J1100B560

ManufacturerPart #DatasheetDescription
logo
EPCOS
B37940K1100J060 EPCOS-B37940K1100J060 Datasheet
765Kb / 33P
   Multilayer ceramic capacitors
B37940K1100J070 EPCOS-B37940K1100J070 Datasheet
765Kb / 33P
   Multilayer ceramic capacitors
B37940K1101J060 EPCOS-B37940K1101J060 Datasheet
765Kb / 33P
   Multilayer ceramic capacitors
B37940K1101J070 EPCOS-B37940K1101J070 Datasheet
765Kb / 33P
   Multilayer ceramic capacitors
B37940K1102J062 EPCOS-B37940K1102J062 Datasheet
765Kb / 33P
   Multilayer ceramic capacitors
More results

Similar Description - B37940J1100B560

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com