Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC78L12ACP Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # MC78L12ACP
Description  3-Terminal 0.1A Positive Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MC78L12ACP Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button MC78L12ACP Datasheet HTML 6Page - Fairchild Semiconductor MC78L12ACP Datasheet HTML 7Page - Fairchild Semiconductor MC78L12ACP Datasheet HTML 8Page - Fairchild Semiconductor MC78L12ACP Datasheet HTML 9Page - Fairchild Semiconductor MC78L12ACP Datasheet HTML 10Page - Fairchild Semiconductor MC78L12ACP Datasheet HTML 11Page - Fairchild Semiconductor MC78L12ACP Datasheet HTML 12Page - Fairchild Semiconductor MC78L12ACP Datasheet HTML 13Page - Fairchild Semiconductor MC78L12ACP Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
MC78LXXA/LM78LXXA/MC78L05AA
11
Mechanical Dimensions (Continued)
Package
Dimensions in millimeters
Symbol
Min
Nom
Max
A-
-
1.75
A1
0.10
0.15
0.25
A2
1.25
1.45
1.50
B
0.35
0.37
0.51
C
0.19
0.20
0.25
D
4.80
4.90
5.00
E
3.80
3.90
4.00
e
1.27BSC
H
5.79
5.99
6.20
h
0.25
-
0.50
L
0.50
0.70
0.90
GP
0.36 BSC
q0
-
8
aaa
-
-
0.25
bbb
-
-
0.10
8-SOP


Similar Part No. - MC78L12ACP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC78L12ACP MOTOROLA-MC78L12ACP Datasheet
157Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
ON Semiconductor
MC78L12ACP ONSEMI-MC78L12ACP Datasheet
101Kb / 16P
   Three-Terminal Low Current Positive Voltage Regulators
December, 2004 ??Rev. 9
logo
Boca Semiconductor Corp...
MC78L12ACP BOCA-MC78L12ACP Datasheet
158Kb / 7P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATORS
logo
ON Semiconductor
MC78L12ACP ONSEMI-MC78L12ACP Datasheet
125Kb / 16P
   100 mA Positive Voltage Regulators
May, 2005 ??Rev. 10
logo
Fairchild Semiconductor
MC78L12ACP FAIRCHILD-MC78L12ACP Datasheet
73Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
More results

Similar Description - MC78L12ACP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MC78LXXA FAIRCHILD-MC78LXXA_10 Datasheet
86Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
KA78LXXA FAIRCHILD-KA78LXXA_10 Datasheet
102Kb / 17P
   3-Terminal 0.1A Positive Voltage Regulator
logo
Unisonic Technologies
78LXX UTC-78LXX_15 Datasheet
278Kb / 8P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
logo
HTC Korea TAEJIN Techno...
LM78LXX HTC-LM78LXX_10 Datasheet
252Kb / 11P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78LXXA FAIRCHILD-KA78LXXA Datasheet
68Kb / 16P
   3-terminal 0.1A positive voltage regulator
MC78LXXA FAIRCHILD-MC78LXXA Datasheet
73Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
KA78LXXA FAIRCHILD-KA78LXXA Datasheet
82Kb / 18P
   3-Terminal 0.1A Positive Voltage Regulator
logo
Unisonic Technologies
78LXX UTC-78LXX_V01 Datasheet
316Kb / 9P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78L24A FAIRCHILD-KA78L24A Datasheet
78Kb / 16P
   3-Terminal 0.1A Positive Voltage Regulator
logo
Unisonic Technologies
78LXX UTC-78LXX_09 Datasheet
290Kb / 9P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com