Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


LM139_06 Datasheet(PDF) 3 Page - Texas Instruments

Part No. LM139_06
Description  QUAD DIFFERENTIAL COMPARATORS
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 
 3 page
background image
www.ti.com
OUT
IN−
IN+
80-
µA
Current
Regulator
80
µA
GND
OUT
VCC
10
µA
60
µA
10
µA
IN+
IN−
All current values shown are nominal.
LM139
,, LM139A,, LM239,, LM239A
LM339, LM339A, LM2901, LM2901AV, LM2901V
QUAD DIFFERENTIAL COMPARATORS
SLCS006N – OCTOBER 1979 – REVISED NOVEMBER 2006
SYMBOL (EACH COMPARATOR)
SCHEMATIC (EACH COMPARATOR)
3
Submit Documentation Feedback




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SN65LVDS047_06LVDS QUAD DIFFERENTIAL LINE DRIVER 1 2 3 4 5 MoreTexas Instruments
MC10EP173.3V / 5V ECL Quad Differential Driver/Receiver 1 2 3 4 5 MoreON Semiconductor
MC100LVEL17_063.3V ECL Quad Differential Receiver 1 2 3 4 5 MoreON Semiconductor
MC10EP17_063.3V / 5V ECL Quad Differential Driver/Receiver 1 2 3 4 5 MoreON Semiconductor
LM339_05QUAD DIFFERENTIAL COMPARATOR 1 2 3 4 5 MoreUnisonic Technologies
SN65LVDS048A_06LVDS QUAD DIFFERENTIAL LINE RECEIVER 1 2 3 4 5 MoreTexas Instruments
SN65MLVD047_06MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER 1 2 3 4 5 MoreTexas Instruments
LM339_07Single Supply Quad Comparators 1 2 3 4 5 MoreON Semiconductor
ST26C32ACMOS quad tri-state differential line receiver 1 2 3 4 5 MoreSTMicroelectronics
MM88C29Quad Single-Ended Line Driver . Dual Differential Line Driver 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl