Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B78510P1365A005 Datasheet(PDF) 1 Page - EPCOS

Part # B78510P1365A005
Description  ISDN Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B78510P1365A005 Datasheet(HTML) 1 Page - EPCOS

  B78510P1365A005 Datasheet HTML 1Page - EPCOS B78510P1365A005 Datasheet HTML 2Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
15
04/02
Application
I Use in TE and NT/PBX
I Matched to the ICs, e.g.
Infineon PEB/PSB 8090, 8091 and 8191;
AMD AM 79C30A and 79C32A;
MIETEC MTC 2072, 20276...20279
Features
I Complies with CCITT 1.430
I Remote power feeding to TE
Marking
I Manufacturer, middle block of ordering code,
date code
Packing
I Polyfoam tray
I Packing unit: 500 pcs.
Pinning
Technical data (electrical specifications at 25 °C)
Ordering code
B78510P1365A005
Type/Core
R 10
N1 : N2 : N3 : N4
1 : 1 : 2 : 2
LH
mH
> 22
LS (typ.)
mH6,0
CK (typ.)
pF
52
CW (typ.)
pF
116
RDC (Line) (typ.)
W
2,0
RDC (IC) (typ.)
W
4,2
VT
kVAC
2,0
DI
DC (typ.)
mA
3,5
Operating temperature range
°C
–25/+85
FIN0174-D
14,2 max.
4
3
2
1
5
6
7
8
FIN0175-L
5
6
7
8
ø1,2+0,1
4
3
12,7
2
1
Recommended hole arrangement
(view in mounting direction)
* = external connection
FIN0098-R
1
5
2
4
*
1
N
N2
N3
N4
10
6
7
IC
Line
R 10
B78510P1365A005
S0 Interface
ISDN Transformers


Similar Part No. - B78510P1365A005

ManufacturerPart #DatasheetDescription
logo
EPCOS
B78510P1365A005 EPCOS-B78510P1365A005_08 Datasheet
73Kb / 5P
   ISDN transformers
More results

Similar Description - B78510P1365A005

ManufacturerPart #DatasheetDescription
logo
EPCOS
B78386P111 EPCOS-B78386P111 Datasheet
59Kb / 2P
   ISDN Transformers
B78310P1583A005 EPCOS-B78310P1583A005 Datasheet
62Kb / 2P
   ISDN Transformers
B78510A1223A003 EPCOS-B78510A1223A003 Datasheet
69Kb / 2P
   ISDN Transformers
B78421A1721A003 EPCOS-B78421A1721A003 Datasheet
69Kb / 2P
   ISDN Transformers
B78421P1649A005 EPCOS-B78421P1649A005 Datasheet
58Kb / 2P
   ISDN Transformers
B78510P1365A005 EPCOS-B78510P1365A005_08 Datasheet
73Kb / 5P
   ISDN transformers
B78421A1720A003 EPCOS-B78421A1720A003 Datasheet
69Kb / 2P
   ISDN Transformers
B78475P1563A002 EPCOS-B78475P1563A002 Datasheet
67Kb / 5P
   ISDN Transformers
B78510A1452A003 EPCOS-B78510A1452A003_08 Datasheet
97Kb / 5P
   ISDN transformers
B78510P6622A005 EPCOS-B78510P6622A005 Datasheet
72Kb / 5P
   ISDN transformers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com