Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75173DR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN75173DR
Description  QUADRUPLE DIFFERENTIAL LINE RECEVERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75173DR Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN75173DR Datasheet HTML 6Page - Texas Instruments SN75173DR Datasheet HTML 7Page - Texas Instruments SN75173DR Datasheet HTML 8Page - Texas Instruments SN75173DR Datasheet HTML 9Page - Texas Instruments SN75173DR Datasheet HTML 10Page - Texas Instruments SN75173DR Datasheet HTML 11Page - Texas Instruments SN75173DR Datasheet HTML 12Page - Texas Instruments SN75173DR Datasheet HTML 13Page - Texas Instruments SN75173DR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
SN55173, SN65173, SN75173
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SLLS144E – OCTOBER 1980 – REVISED APRIL 2000
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 10
3
2
1
0
0
0.5
1
4
5
OUTPUT VOLTAGE
vs
ENABLE G VOLTAGE
6
1.5
2
2.5
3
VID = – 0.2 V
Load = 1 k
Ω to VCC
TA = 25°C
VCC = 5.5 V
VCC = 4.5 V
VI – Enable G Voltage – V
VCC = 5 V
Figure 11
0
–0.25
–0.75
–1
–8
–6
–4 –2
0
4
6
0.25
0.75
INPUT CURRENT
vs
INPUT VOLTAGE
1
812
–0.5
0.5
VI – Input Voltage – V
VCC = 5 V
TA = 25°C
The Unshaded Area
Conforms to
Figure 3.2 of
TIA/EIA-485-A
210
APPLICATION INFORMATION
1/4 SN75172
1/4 SN75173
1/4 SN75172
1/4 SN75173
1/4 SN75174
1/4 SN75173
1/4 SN75175
1/4 SN75174
Up to 32
Driver/Receiver
Pairs
NOTE A: The line should be terminated at both ends in its characteristic impedance. Stub lengths off the main line should be kept as short as
possible.
Figure 12. Typical Application Circuit


Similar Part No. - SN75173DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75173DR TI1-SN75173DR Datasheet
791Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN75173DRG4 TI1-SN75173DRG4 Datasheet
791Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
More results

Similar Description - SN75173DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75174 TI-SN75174 Datasheet
139Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31 TI-AM26C31_10 Datasheet
620Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C32C TI-AM26C32C Datasheet
106Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55ALS195 TI-SN55ALS195 Datasheet
164Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26C31-EP TI1-AM26C31-EP Datasheet
178Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C32-EP TI1-AM26C32-EP_16 Datasheet
170Kb / 10P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32 Datasheet
541Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
MC3487 TI-MC3487_06 Datasheet
392Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS172A TI-SN75ALS172A Datasheet
109Kb / 7P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS193 TI-SN75ALS193 Datasheet
162Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com