Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCANPSC110FSC Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # SCANPSC110FSC
Description  SCAN Bridge Hierarchical and Multidrop Addressable JTAG Port (IEEE1149.1 System Test Support)
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SCANPSC110FSC Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button SCANPSC110FSC Datasheet HTML 5Page - Fairchild Semiconductor SCANPSC110FSC Datasheet HTML 6Page - Fairchild Semiconductor SCANPSC110FSC Datasheet HTML 7Page - Fairchild Semiconductor SCANPSC110FSC Datasheet HTML 8Page - Fairchild Semiconductor SCANPSC110FSC Datasheet HTML 9Page - Fairchild Semiconductor SCANPSC110FSC Datasheet HTML 10Page - Fairchild Semiconductor SCANPSC110FSC Datasheet HTML 11Page - Fairchild Semiconductor SCANPSC110FSC Datasheet HTML 12Page - Fairchild Semiconductor SCANPSC110FSC Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
9
www.fairchildsemi.com
Level 1 Protocol
ADDRESSING MODES
The SCANPSC110F Bridge supports “single” and “multi-
ple” modes of addressing a SCANPSC110F. The “single”
mode will select one SCANPSC110F and is called Direct
Addressing. More than one SCANPSC110F device can be
selected via the Broadcast and Multi-Cast Addressing
modes.
TABLE 4. SCANPSC110F Bridge Address Modes
Note 2: Hex address ’7X’, ’BX’, or ’FX’ may be used instead of ’3X’.
Note 3: Only the six (6) LSB’s of the address is compared to the S(0–5) inputs. The two (2) MSB's are “don't cares”.
DIRECT ADDRESSING
The SCANPSC110F enters the Wait-For-Address state
when:
1. its TAP Controller enters the Test-Logic-Reset state, or
2. its instruction register is updated with the GOTOWAIT
instruction (while either selected or unselected).
Each SCANPSC110F within a scan network must be stati-
cally configured with a unique address via its S(0–5) inputs.
While the SCANPSC110F controller is in the Wait-For-
Address state, data shifted into bits 5 through 0 of the
instruction register is compared with the address present
on the S(0–5)inputs in the Update-IR state. If the six (6)
LSBs of the instruction register match the address on the
S(0–5) inputs, (see Figure 6) the SCANPSC110F becomes
selected, and is ready to receive Level 2 Protocol (i.e., fur-
ther instructions). When the SCANPSC110F is selected, its
device identification register is inserted into the active scan
chain.
All SCANPSC110Fs whose S(0–5) address does not match
the instruction register address become unselected. They
will remain unselected until either their TAP Controller
enters the Test-Logic-Reset state, or their instruction regis-
ter is updated with the GOTOWAIT instruction.
FIGURE 6. Direct Addressing: Device Address Loaded into Instruction Register
BROADCAST ADDRESSING
The Broadcast Address allows a tester to simultaneously
select all SCANPSC110Fs in a test network. This mode is
useful in testing systems which contain multiple identical
boards. To avoid bus contention between scan-path output
drivers on different boards, each SCANPSC110F’s TDOB
buffer is always 3-stated while in Broadcast mode. In this
configuration, the on-chip Linear Feedback Shift Register
(LFSR) can be used to accumulate a test result signature
for each board that can be read back later by direct-
addressing each board’s SCANPSC110F.
MULTI-CAST ADDRESSING
As a way to make the broadcast mechanism more selec-
tive, the SCANPSC110F provides a “Multi-cast” addressing
mode.
A
SCANPSC110F's
multi-cast
group
register
(MCGR)
can
be
programmed
to
assign
that
SCANPSC110F to one of four (4) Multi-Cast groups. When
SCANPSC110Fs
in
the
Wait-For-Address
state
are
updated with a Multi-Cast address, all SCANPSC110Fs
whose MCGR matches the Multi-Cast group will become
selected. As in Broadcast mode, TDOB is always 3-stated
while in Multi-cast mode.
Address Types
Hex Address
(Note 2)
Binary Address
(Note 3)
TDOB State
Direct Address
00 to 3A
XX000000 to XX111010
Normal IEEE Std. 1149.1
Broadcast Address
3B
XX111011
Always 3-STATED
Multi-Cast Group 0
3C
XX111100
Always 3-STATED
Multi-Cast Group 1
3D
XX111101
Always 3-STATED
Multi-Cast Group 2
3E
XX111110
Always 3-STATED
Multi-Cast Group 3
3F
XX111111
Always 3-STATED


Similar Part No. - SCANPSC110FSC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCANPSC110F NSC-SCANPSC110F Datasheet
459Kb / 29P
   SCAN Bridge Hierarchical and Multidrop Addressable JTAG Port (IEEE1149.1 System Test Support)
SCANPSC110FDMQB NSC-SCANPSC110FDMQB Datasheet
459Kb / 29P
   SCAN Bridge Hierarchical and Multidrop Addressable JTAG Port (IEEE1149.1 System Test Support)
SCANPSC110FFMQB NSC-SCANPSC110FFMQB Datasheet
459Kb / 29P
   SCAN Bridge Hierarchical and Multidrop Addressable JTAG Port (IEEE1149.1 System Test Support)
SCANPSC110FLMQB NSC-SCANPSC110FLMQB Datasheet
459Kb / 29P
   SCAN Bridge Hierarchical and Multidrop Addressable JTAG Port (IEEE1149.1 System Test Support)
More results

Similar Description - SCANPSC110FSC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCANPSC110F NSC-SCANPSC110F Datasheet
459Kb / 29P
   SCAN Bridge Hierarchical and Multidrop Addressable JTAG Port (IEEE1149.1 System Test Support)
SCANSTA111 NSC-SCANSTA111 Datasheet
524Kb / 29P
   Enhanced SCAN bridge Multidrop Addressable IEEE 1149.1 (JTAG) Port
SCANSTA111 NSC-SCANSTA111_05 Datasheet
911Kb / 31P
   Enhanced SCAN bridge Multidrop Addressable IEEE 1149.1 (JTAG) Port
logo
Texas Instruments
SCANSTA111 TI1-SCANSTA111 Datasheet
1Mb / 38P
[Old version datasheet]   SCANSTA111 Enhanced SCAN Bridge Multidrop Addressable IEEE 1149.1 (JTAG) Port
SN54ABT8996 TI-SN54ABT8996 Datasheet
564Kb / 40P
[Old version datasheet]   10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 JTAG TAP TRANSCEIVERS
SN54ABT8996 TI1-SN54ABT8996_15 Datasheet
741Kb / 46P
[Old version datasheet]   10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
SN74LVT8986 TI-SN74LVT8986 Datasheet
880Kb / 47P
[Old version datasheet]   3.3-V LINKING ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
SN74LVT8986 TI-SN74LVT8986_07 Datasheet
885Kb / 54P
[Old version datasheet]   3.3-V LINKING ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
SN54LVT8996 TI-SN54LVT8996_99 Datasheet
603Kb / 41P
[Old version datasheet]   3.3-V 10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
SN54LVT8996 TI-SN54LVT8996 Datasheet
717Kb / 44P
[Old version datasheet]   3.3-V 10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 JTAG TAP TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com