Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB180 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # SB180
Description  Schottky Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SB180 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  SB180 Datasheet HTML 1Page - Fairchild Semiconductor SB180 Datasheet HTML 2Page - Fairchild Semiconductor SB180 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SB120-SB1100, Rev. C
2001 Fairchild Semiconductor Corporation
Schottky Rectifier
(continued)
Typical Characteristics
0
20
406080
100
120
140
0
0.25
0.5
0.75
1
Lead Temperature [ºC]
SINGLE PHASE
HALF WAVE
60Hz
RESISTIVE OR
INDUCTIVE LOAD
.375" 9.5mm
LEAD LENGTHS
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0.1
1
10
20
Forward Voltage, V
F [V]
SB120
SB150-SB160
SB1100
T = 25 C
Pulse Width = 300
µµµµS
1% Duty Cycle
º
J
0.1
0.5
1
5
10
40 60 100
10
20
40
60
80
100
200
400
Reverse Voltage, V
R [V]
T = 25 C
º
J
12
4
6 8 10
20
40
60
100
0
6
12
18
24
30
Number of Cycles at 60Hz
Figure 1. Forward Current Derating Curve
Figure 2. Forward Voltage Characteristics
Figure 3. Non-Repetitive Surge Current
Figure 4. Total Capacitance


Similar Part No. - SB180

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB180 PANJIT-SB180 Datasheet
45Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 50 to 100 Volts CURRENT - 1.0 Ampere)
logo
Nanjing International G...
SB180 DGNJDZ-SB180 Datasheet
295Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
SB180 SEMTECH_ELEC-SB180 Datasheet
199Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Guangdong Kexin Industr...
SB180 KEXIN-SB180 Datasheet
797Kb / 2P
   Schottky Diodes
logo
Transys Electronics
SB180 TRSYS-SB180 Datasheet
145Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SB180

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Fairchild Semiconductor
SS26 FAIRCHILD-SS26 Datasheet
49Kb / 3P
   Schottky Rectifiers
logo
Motorola, Inc
MBR040 MOTOROLA-MBR040 Datasheet
159Kb / 2P
   Schottky rectifiers
logo
Central Semiconductor C...
CSHDD16-40C CENTRAL-CSHDD16-40C_15 Datasheet
557Kb / 2P
   SCHOTTKY RECTIFIERS
logo
Fairchild Semiconductor
SS32 FAIRCHILD-SS32_01 Datasheet
53Kb / 3P
   Schottky Rectifiers
logo
Dongguan City Niuhang E...
K22-NH-E-OK NIUHANG-K22-NH-E-OK Datasheet
1Mb / 3P
   SCHOTTKY RECTIFIERS
MBR2020CT NIUHANG-MBR2020CT Datasheet
2Mb / 5P
   SCHOTTKY RECTIFIERS
MBR1020DD NIUHANG-MBR1020DD Datasheet
485Kb / 5P
   SCHOTTKY RECTIFIERS
SS52F NIUHANG-SS52F Datasheet
321Kb / 3P
   SCHOTTKY RECTIFIERS
MBR1020DCT NIUHANG-MBR1020DCT Datasheet
431Kb / 3P
   SCHOTTKY RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com