Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCAN182245A Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # SCAN182245A
Description  Non-Inverting Transceiver with 25ohm Series Resistor Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SCAN182245A Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button SCAN182245A Datasheet HTML 5Page - Fairchild Semiconductor SCAN182245A Datasheet HTML 6Page - Fairchild Semiconductor SCAN182245A Datasheet HTML 7Page - Fairchild Semiconductor SCAN182245A Datasheet HTML 8Page - Fairchild Semiconductor SCAN182245A Datasheet HTML 9Page - Fairchild Semiconductor SCAN182245A Datasheet HTML 10Page - Fairchild Semiconductor SCAN182245A Datasheet HTML 11Page - Fairchild Semiconductor SCAN182245A Datasheet HTML 12Page - Fairchild Semiconductor SCAN182245A Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
www.fairchildsemi.com
Absolute Maximum Ratings(Note 2)
Recommended Operating
Conditions
Note 2: Absolute maximum ratings are values beyond which the device
may be damaged or have its useful life impaired. Functional operation
under these conditions is not implied.
Note 3: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
Note 4: Guaranteed not tested.
Storage Temperature
−65°C to +150°C
Ambient Temperature under Bias
−55°C to +125°C
Junction Temperature under Bias
−55°C to +150°C
VCC Pin Potential to Ground Pin
−0.5V to +7.0V
Input Voltage (Note 3)
−0.5V to +7.0V
Input Current (Note 3)
−30 mA to +5.0 mA
Voltage Applied to Any Output
in the Disabled or
Power-Off State
−0.5V to +5.5V
in the HIGH State
−0.5V to V
CC
Current Applied to Output
in LOW State (Max)
Twice the Rated IOL (mA)
DC Latchup Source Current
−500 mA
Over Voltage Latchup (I/O)
10V
ESD (HBM) Min.
2000V
Free Air Ambient Temperature
−40°C to +85°C
Supply Voltage
+4.5V to +5.5V
Minimum Input Edge Rate
(
∆V/∆t)
Data Input
50 mV/ns
Enable Input
20 mV/ns
Symbol
Parameter
VCC
Min
Typ
Max
Units
Conditions
VIH
Input HIGH Voltage
2.0
V
Recognized HIGH Signal
VIL
Input LOW Voltage
0.8
V
Recognized LOW Signal
VCD
Input Clamp Diode Voltage
Min
−1.2
V
IIN = −18 mA
VOH
Output HIGH Voltage
Min
2.5
V
IOH = −3 mA
Min
2.0
V
IOH = −32 mA
VOL
Output LOW Voltage
Min
0.8
V
IOL = 15 mA
IIH
Input HIGH Current
All Others
Max
5
µAV
IN = 2.7V (Note 4)
Max
5
µAV
IN = VCC
TMS, TDI
Max
5
µAV
IN = VCC
IBVI
Input HIGH Current Breakdown Test
Max
7
µAV
IN = 7.0V
IBVIT
Input HIGH Current Breakdown Test (I/O)
Max
100
µAV
IN = 5.5V
IIL
Input LOW Current
All Others
Max
−5
µAV
IN = 0.5V (Note 4)
Max
−5
µAV
IN = 0.0V
TMS, TDI
Max
−385
µAV
IN = 0.0V
VID
Input Leakage Test
0.0
4.75
V
IID = 1.9 µA
All Other Pins Grounded
IIH + IOZH
Output Leakage Current
Max
50
µAV
OUT = 2.7V
IIL + IOZL
Output Leakage Current
Max
−50
µAV
OUT = 0.5V
IOZH
Output Leakage Current
Max
50
µAV
OUT = 2.7V
IOZL
Output Leakage Current
Max
−50
µAV
OUT = 0.5V
IOS
Output Short-Circuit Current
Max
−100
−275
mA
VOUT = 0.0V
ICEX
Output HIGH Leakage Current
Max
50
µAV
OUT = VCC
IZZ
Bus Drainage Test
0.0
100
µAV
OUT = 5.5V, All Others GND
ICCH
Power Supply Current
Max
250
µAV
OUT = VCC; TDI, TMS = VCC
Max
1.0
mA
VOUT = VCC; TDI, TMS = GND
ICCL
Power Supply Current
Max
mA
VOUT = LOW; TDI, TMS = VCC
Max
65.8
mA
VOUT = LOW; TDI, TMS = GND
ICCZ
Power Supply Current
Max
250
µA
TDI, TMS
= V
CC
Max
1.0
mA
TDI, TMS
= GND
ICCT
Additional ICC/Input
All Other Inputs
Max
2.9
mA
VIN = VCC − 2.1V
TDI, TMS inputs
Max
3
mA
VIN = VCC − 2.1V
ICCD
Dynamic ICC
No Load
Max
0.2
mA/
Outputs Open
MHz
One Bit Toggling, 50% Duty Cycle


Similar Part No. - SCAN182245A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCAN182245A NSC-SCAN182245A Datasheet
231Kb / 18P
   Non-Inverting Transceiver with 25OHM Series Resistor Outputs
SCAN182245AFCQB NSC-SCAN182245AFCQB Datasheet
231Kb / 18P
   Non-Inverting Transceiver with 25OHM Series Resistor Outputs
SCAN182245AFCX NSC-SCAN182245AFCX Datasheet
231Kb / 18P
   Non-Inverting Transceiver with 25OHM Series Resistor Outputs
SCAN182245AFMQB NSC-SCAN182245AFMQB Datasheet
231Kb / 18P
   Non-Inverting Transceiver with 25OHM Series Resistor Outputs
SCAN182245AFMX NSC-SCAN182245AFMX Datasheet
231Kb / 18P
   Non-Inverting Transceiver with 25OHM Series Resistor Outputs
More results

Similar Description - SCAN182245A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCAN182245A NSC-SCAN182245A Datasheet
231Kb / 18P
   Non-Inverting Transceiver with 25OHM Series Resistor Outputs
logo
Fairchild Semiconductor
SCAN182541A FAIRCHILD-SCAN182541A Datasheet
95Kb / 11P
   Non-Inverting Line Driver with 25ohm Series Resistor Outputs
SCAN182373A FAIRCHILD-SCAN182373A Datasheet
104Kb / 12P
   Transparent Latch with 25ohm Series Resistor Outputs
logo
National Semiconductor ...
SCAN18245T NSC-SCAN18245T Datasheet
193Kb / 16P
   Non-Inverting Transceiver with TRI-STATE Outputs
logo
Fairchild Semiconductor
SCAN18245T FAIRCHILD-SCAN18245T Datasheet
98Kb / 11P
   Non-Inverting Transceiver with 3-STATE Outputs
logo
STMicroelectronics
M74HC643 STMICROELECTRONICS-M74HC643 Datasheet
338Kb / 11P
   OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS INVERTING/NON INVERTING
M74HC623 STMICROELECTRONICS-M74HC623 Datasheet
316Kb / 11P
   OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTING)
logo
Motorola, Inc
MC74AC652 MOTOROLA-MC74AC652 Datasheet
233Kb / 8P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
MC74AC646 MOTOROLA-MC74AC646 Datasheet
258Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646 Datasheet
82Kb / 12P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
May, 2001 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com