Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF40162BN Datasheet(PDF) 2 Page - NXP Semiconductors

Part # HEF40162BN
Description  4-bit synchronous decade counter with synchronous reset
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF40162BN Datasheet(HTML) 2 Page - NXP Semiconductors

  HEF40162BN Datasheet HTML 1Page - NXP Semiconductors HEF40162BN Datasheet HTML 2Page - NXP Semiconductors HEF40162BN Datasheet HTML 3Page - NXP Semiconductors HEF40162BN Datasheet HTML 4Page - NXP Semiconductors HEF40162BN Datasheet HTML 5Page - NXP Semiconductors HEF40162BN Datasheet HTML 6Page - NXP Semiconductors HEF40162BN Datasheet HTML 7Page - NXP Semiconductors HEF40162BN Datasheet HTML 8Page - NXP Semiconductors HEF40162BN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
January 1995
2
Philips Semiconductors
Product specification
4-bit synchronous decade counter with
synchronous reset
HEF40162B
MSI
DESCRIPTION
The HEF40162B is a fully synchronous edge-triggered
4-bit decade counter with a clock input (CP), four
synchronous parallel data inputs (P0 to P3), four
synchronous mode control inputs (parallel enable (PE),
count enable parallel (CEP), count enable trickle (CET)
and synchronous reset (SR)), buffered outputs from all
four bit positions (O0 to O3) and a terminal count output
(TC).
Operation is synchronous and occurs on the LOW to HIGH
transition of CP. When PE is LOW, the next LOW to HIGH
transition of CP loads data into the counter from P0 to P3.
When PE is HIGH, the next LOW to HIGH transition of CP
advances the counter to its next state only if both CEP and
CET are HIGH; otherwise no change occurs in the state of
the counter. TC is HIGH when the state of the counter is 9
(O0 = O3 = HIGH, O1 =O2 = LOW) and when CET is
HIGH. A LOW on SR sets all outputs (O0 to O3 and TC)
LOW on the next LOW to HIGH transition of CP,
independent of the state of all other synchronous mode
control inputs (CEP, CET and PE). Multistage
synchronous counting is possible without additional
components by using a carry look-ahead counting
technique; in this case, TC is used to enable successive
cascaded stages. CEP, CET, PE and SR must be stable
only during the set-up time before the LOW to HIGH
transition of CP.
FAMILY DATA, IDD LIMITS category MSI
See Family Specifications
Fig.1 Functional diagram.


Similar Part No. - HEF40162BN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF40160B PHILIPS-HEF40160B Datasheet
155Kb / 10P
   4-bit synchronous decade counter with asynchronous reset
January 1995
HEF40160BD PHILIPS-HEF40160BD Datasheet
155Kb / 10P
   4-bit synchronous decade counter with asynchronous reset
January 1995
HEF40160BF PHILIPS-HEF40160BF Datasheet
155Kb / 10P
   4-bit synchronous decade counter with asynchronous reset
January 1995
HEF40160BN PHILIPS-HEF40160BN Datasheet
155Kb / 10P
   4-bit synchronous decade counter with asynchronous reset
January 1995
HEF40160BP PHILIPS-HEF40160BP Datasheet
155Kb / 10P
   4-bit synchronous decade counter with asynchronous reset
January 1995
More results

Similar Description - HEF40162BN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF40160B PHILIPS-HEF40160B Datasheet
155Kb / 10P
   4-bit synchronous decade counter with asynchronous reset
January 1995
logo
Texas Instruments
74AC11160 TI-74AC11160 Datasheet
115Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE COUNTER
74AC11162 TI-74AC11162 Datasheet
126Kb / 10P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE COUNTER
74ACT11160 TI1-74ACT11160 Datasheet
127Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE COUNTER
74AC11160 TI1-74AC11160_10 Datasheet
132Kb / 10P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE COUNTER
logo
NXP Semiconductors
74HC162 PHILIPS-74HC162 Datasheet
83Kb / 11P
   Presettable synchronous BCD decade counter; synchronous reset
December 1990
HEF40163B PHILIPS-HEF40163B Datasheet
163Kb / 10P
   4-bit synchronous binary counter with synchronous reset
January 1995
logo
Texas Instruments
SN74F190A TI1-SN74F190A Datasheet
126Kb / 7P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN DECADE COUNTER WITH RESET AND RIPPLE CLOCK
SN74F168 TI1-SN74F168_08 Datasheet
155Kb / 10P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN DECADE COUNTER
logo
NXP Semiconductors
74LV163 PHILIPS-74LV163 Datasheet
142Kb / 14P
   Presettable synchronous 4-bit binary counter; synchronous reset
1998 Apr 30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com