Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNY266 Datasheet(PDF) 7 Page - Power Integrations, Inc.

Part # TNY266
Description  Generic PCB for DVD Player using TinySwitch-II
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY266 Datasheet(HTML) 7 Page - Power Integrations, Inc.

Back Button TNY266 Datasheet HTML 3Page - Power Integrations, Inc. TNY266 Datasheet HTML 4Page - Power Integrations, Inc. TNY266 Datasheet HTML 5Page - Power Integrations, Inc. TNY266 Datasheet HTML 6Page - Power Integrations, Inc. TNY266 Datasheet HTML 7Page - Power Integrations, Inc. TNY266 Datasheet HTML 8Page - Power Integrations, Inc. TNY266 Datasheet HTML 9Page - Power Integrations, Inc. TNY266 Datasheet HTML 10Page - Power Integrations, Inc. TNY266 Datasheet HTML 11Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
DER-9
Generic PCB for DVD Player using TinySwitch-II
February 4, 2004
Page 7 of 26
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
4
Circuit Description
4.1
Input EMI Filtering
C1 and C2 are the bulk capacitors. Together with L1 and L2, they form the EMI filter.
TinySwitch-II’s built-in frequency jitter helps achieve low EMI in spite of this very simple
EMI filter.
C18 is an option for a high voltage ceramic capacitor in case a single electrolytic
capacitor is required for the bulk capacitor.
4.2
Primary Clamp Snubber
D5, R1, R2, and C3 form the primary clamp snubber to clamp the voltage spike at the
Drain pin after TinySwitch-II turn-off. D5 is a 1N4007G, a glass-passivated version of the
standard 1N4007, with controlled reverse recovery. Its use, along with R2, improves EMI
and efficiency.
4.3
Output filtering
C6, C8, C10, C12 and C14 are the main output capacitors. C7, C9, C11 and C13, along
with L3, L4, L5 and R8, form second-stage output filters.
4.4
Output Feedback
U2, VR1, and R15 form the voltage feedback network. The 5V output voltage setpoint is
set by the voltage drops of U2, VR1, and R15. The TinySwitch-II unique feedback
scheme, with constant feedback current over line and load changes, means that the
current in the zener does not change, thus the voltage drops in U2, VR1, and R15 do not
change. This yields tight regulation in spite of the circuit’s simplicity and low cost.
4.5
“DC Switch”
J4 is connected to a switch, wherein if it is closed, the 5V output drops to about 1.2V,
because the zener ZR1 is essentially shorted out. All the outputs drop to about 1/5
th of
their normal voltages. During this condition, the load draws very little current. Because
of TinySwitch-II’s EcoSmart operation, it draws very little input power - <200 mW. This
“DC Swtich” can be used in place of a normal “AC Switch” that’s used to disconnect the
AC power. The DC Switch is lower cost because it does not have to be Safety–rated,
and is lower voltage.
4.6
+8V Option
Q1, R4, R5 and R6 form a linear regulator to generate +8V in case of +8V is required.
VR3 is another solution of generating +8V. Yet another option is to use a zener as a
series pass element.
4.7
–22V option
R8 and C13 form a post-stage filter for –22V.


Similar Part No. - TNY266

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY266 POWERINT-TNY266 Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
TNY266G POWERINT-TNY266G Datasheet
516Kb / 20P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY266G POWERINT-TNY266G Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY266G POWERINT-TNY266G Datasheet
200Kb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY266G POWERINT-TNY266G Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
More results

Similar Description - TNY266

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3824FS ROHM-BD3824FS Datasheet
71Kb / 3P
   Sound processor for DVD player
logo
Sanyo Semicon Device
LA9703W SANYO-LA9703W_06 Datasheet
390Kb / 16P
   Front End Processor for DVD Player
LA73054 SANYO-LA73054 Datasheet
433Kb / 12P
   For DVD Player Video Signal Driver
logo
Rohm
RLD65MPT5 ROHM-RLD65MPT5 Datasheet
72Kb / 4P
   Red Laser for DVD-player, Combination
logo
Panasonic Semiconductor
HUL6273 PANASONIC-HUL6273 Datasheet
81Kb / 3P
   For Car DVD Player Hologram Unit
logo
List of Unclassifed Man...
DV-SL100 ETC-DV-SL100 Datasheet
522Kb / 4P
   Progressive Scan DVD Player
logo
Ceramate Technical
CMD4508 CERAMATE-CMD4508 Datasheet
205Kb / 6P
   5-CH BTL Driver for DVD Player
CMD4505 CERAMATE-CMD4505 Datasheet
293Kb / 6P
   5-CH BTL Driver for DVD Player
logo
BCD Semiconductor Manuf...
AM5669 BCDSEMI-AM5669 Datasheet
172Kb / 14P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
Unisonic Technologies
UA8868 UTC-UA8868 Datasheet
207Kb / 6P
   5-CHANNEL BTL DRIVER FOR DVD PLAYER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com