Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNY267P Datasheet(PDF) 4 Page - Power Integrations, Inc.

Part # TNY267P
Description  9W DVD power supply
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY267P Datasheet(HTML) 4 Page - Power Integrations, Inc.

  TNY267P_1 Datasheet HTML 1Page - Power Integrations, Inc. TNY267P_1 Datasheet HTML 2Page - Power Integrations, Inc. TNY267P_1 Datasheet HTML 3Page - Power Integrations, Inc. TNY267P_1 Datasheet HTML 4Page - Power Integrations, Inc. TNY267P_1 Datasheet HTML 5Page - Power Integrations, Inc. TNY267P_1 Datasheet HTML 6Page - Power Integrations, Inc. TNY267P_1 Datasheet HTML 7Page - Power Integrations, Inc. TNY267P_1 Datasheet HTML 8Page - Power Integrations, Inc. TNY267P_1 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
DER-7
9W DVD power supply using TNY267P
February 4, 2004
Page 4 of 20
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
2
Photograph
Note the following:
• Does not use common-mode choke, X-cap, nor Y-cap
• Uses little board space
• Uses small transformer: EE25L
• Uses small output capacitors
• Uses small output diodes
• Does not use TL431
Figure 1 – Power Integrations PSU unit
AC Input
DC Output
DC Switch


Similar Part No. - TNY267P_1

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY267PG POWERINT-TNY267PG Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
TNY267PN POWERINT-TNY267PN Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY267PN POWERINT-TNY267PN Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
TNY267PN-TL POWERINT-TNY267PN-TL Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY267PTL POWERINT-TNY267PTL Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
More results

Similar Description - TNY267P_1

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY266P POWERINT-TNY266P_1 Datasheet
323Kb / 22P
   4.9W DVD power supply
TNY267P POWERINT-TNY267P Datasheet
171Kb / 16P
   11W DVD Power Supply
TOP245P POWERINT-TOP245P Datasheet
1Mb / 35P
   17W (25W peak) DVD Recorder Power Supply
logo
STMicroelectronics
AN1948 STMICROELECTRONICS-AN1948 Datasheet
676Kb / 23P
   DVD combo power supply with the VIPer53-E
logo
Elite Enterprises (H.K....
PG1M-3LXP-003AC ELITE-PG1M-3LXP-003AC Datasheet
1Mb / 15P
   9W Power LED Module
PG1M-3LXP-3SC ELITE-PG1M-3LXP-3SC Datasheet
534Kb / 14P
   9W Power LED Module
PG1M-3LFP-3 ELITE-PG1M-3LFP-3 Datasheet
431Kb / 10P
   9W RGB Power LED Module
PF6N-9LFE ELITE-PF6N-9LFE Datasheet
1Mb / 15P
   9W RGB Power LED
logo
TriQuint Semiconductor
TGA2595 TRIQUINT-TGA2595 Datasheet
701Kb / 13P
   27.5 to 31GHz, 9W Power Amplifier
logo
Power Integrations, Inc...
DI-55 POWERINT-DI-55 Datasheet
219Kb / 2P
   20 W (25 W peak) DVD Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com