Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4013BDF Datasheet(PDF) 5 Page - NXP Semiconductors

Part # HEF4013BDF
Description  Dual D-type flip-flop
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4013BDF Datasheet(HTML) 5 Page - NXP Semiconductors

  HEF4013BDF Datasheet HTML 1Page - NXP Semiconductors HEF4013BDF Datasheet HTML 2Page - NXP Semiconductors HEF4013BDF Datasheet HTML 3Page - NXP Semiconductors HEF4013BDF Datasheet HTML 4Page - NXP Semiconductors HEF4013BDF Datasheet HTML 5Page - NXP Semiconductors HEF4013BDF Datasheet HTML 6Page - NXP Semiconductors HEF4013BDF Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
January 1995
5
Philips Semiconductors
Product specification
Dual D-type flip-flop
HEF4013B
flip-flops
AC CHARACTERISTI CS
VSS =0V; Tamb =25 °C; CL = 50 pF; input transition times ≤ 20 ns
VDD
V
SYMBOL
MIN.
TYP.
MAX.
Set-up time
5
40
20
ns
see also waveforms
Figs 4 and 5
D
→ CP
10
tsu
25
10
ns
15
15
5
ns
Hold time
5
20
0
ns
D
→ CP
10
thold
20
0
ns
15
15
0
ns
Minimum clock
5
60
30
ns
pulse width; LOW
10
tWCPL
30
15
ns
15
20
10
ns
Minimum SD pulse
5
50
25
ns
width; HIGH
10
tWSDH
24
12
ns
15
20
10
ns
Minimum CD pulse
5
50
25
ns
width; HIGH
10
tWCDH
24
12
ns
15
20
10
ns
Recovery time
5
15
−5ns
for SD
10
tRSD
15
0
ns
15
15
0
ns
Recovery time
5
40
25
ns
for CD
10
tRCD
25
10
ns
15
25
10
ns
Maximum clock
5
7
14
MHz
pulse frequency
10
fmax
14
28
MHz
15
20
40
MHz
VDD
V
TYPICAL FORMULA FOR P (
µW)
Dynamic power
5
850 fi +∑ (foCL) × VDD 2
where
dissipation per
10
3 600 fi +∑ (foCL) × VDD 2
fi = input freq. (MHz)
package (P)
15
9 000 fi +∑ (foCL) × VDD 2
fo = output freq. (MHz)
CL = total load cap. (pF)
∑ (f
oCL) = sum of outputs
VDD = supply voltage (V)


Similar Part No. - HEF4013BDF

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
HEF4013B NEXPERIA-HEF4013B Datasheet
247Kb / 14P
   Dual D-type flip-flop
Rev. 11 - 9 March 2023
HEF4013B-Q100 NEXPERIA-HEF4013B-Q100 Datasheet
770Kb / 17P
   Dual D-type flip-flop
logo
NXP Semiconductors
HEF4013BP NXP-HEF4013BP Datasheet
128Kb / 17P
   Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
HEF4013BP NXP-HEF4013BP Datasheet
122Kb / 16P
   Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
HEF4013BP-Q100 PHILIPS-HEF4013BP-Q100 Datasheet
129Kb / 16P
   Standardized symmetrical output characteristics
Rev. 2-20 February 2013
More results

Similar Description - HEF4013BDF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C74 FAIRCHILD-MM74C74 Datasheet
76Kb / 7P
   Dual D-Type Flip-Flop
logo
Hitachi Semiconductor
HD14013B HITACHI-HD14013B Datasheet
80Kb / 7P
   Dual D-type Flip Flop
logo
Fairchild Semiconductor
CD4013BC FAIRCHILD-CD4013BC_02 Datasheet
89Kb / 7P
   Dual D-Type Flip-Flop
logo
Toshiba Semiconductor
TC4013BP TOSHIBA-TC4013BP_07 Datasheet
343Kb / 9P
   Dual D-Type Flip Flop
logo
ON Semiconductor
MC74VHC74 ONSEMI-MC74VHC74_11 Datasheet
144Kb / 8P
   Dual D-Type Flip-Flop
May, 2011 ??Rev. 8
logo
Motorola, Inc
MC14013B MOTOROLA-MC14013B Datasheet
210Kb / 6P
   Dual Type D Flip-Flop
logo
ON Semiconductor
MC14013B ONSEMI-MC14013B Datasheet
209Kb / 8P
   Dual Type D Flip-Flop
March, 2000 ??Rev. 3
logo
NXP Semiconductors
74F74 PHILIPS-74F74 Datasheet
80Kb / 8P
   Dual D-type flip-flop
1996 Mar 12
logo
Nexperia B.V. All right...
HEF4013B-Q100 NEXPERIA-HEF4013B-Q100 Datasheet
770Kb / 17P
   Dual D-type flip-flop
logo
STMicroelectronics
HCF4013 STMICROELECTRONICS-HCF4013 Datasheet
375Kb / 13P
   Dual D-type flip-flop
May 2013 Rev 4
logo
Nexperia B.V. All right...
HEF4013B NEXPERIA-HEF4013B Datasheet
247Kb / 14P
   Dual D-type flip-flop
Rev. 11 - 9 March 2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com